Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P180N55 Datasheet(PDF) 5 Page - STMicroelectronics

Part # P180N55
Description  N-CHANNEL 55V - 2.9m-ohm - 120A - D-2 PAK - TO-220 MDmesh-TM Low Voltage Power MOSFET
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

P180N55 Datasheet(HTML) 5 Page - STMicroelectronics

  P180N55 Datasheet HTML 1Page - STMicroelectronics P180N55 Datasheet HTML 2Page - STMicroelectronics P180N55 Datasheet HTML 3Page - STMicroelectronics P180N55 Datasheet HTML 4Page - STMicroelectronics P180N55 Datasheet HTML 5Page - STMicroelectronics P180N55 Datasheet HTML 6Page - STMicroelectronics P180N55 Datasheet HTML 7Page - STMicroelectronics P180N55 Datasheet HTML 8Page - STMicroelectronics P180N55 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
STP180N55 - STB180N55
3 Test circuits
5/11
3
Test circuits
Figure 1.
Switching Times Test Circuit For
Resistive Load
Figure 2.
Gate Charge Test Circuit
Figure 3.
Test Circuit For Indictive Load
Switching and Diode Recovery
Times
Figure 4.
Unclamped Inductive Waveform
Figure 5.
Unclamped Inductive Load Test
Circuit
Figure 6.
Switching Time Waveform


Similar Part No. - P180N55

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
P180 ETC2-P180 Datasheet
94Kb / 1P
   SSMP MALE STRAIGHT SHORT
logo
Littelfuse
P1800AD LITTELFUSE-P1800AD Datasheet
121Kb / 2P
   CATV and HFC SIDACtor Device
P1800ADL LITTELFUSE-P1800ADL Datasheet
144Kb / 2P
   High Surge Current Two-pin SIDACtor
logo
UN Semiconducctor INC
P1800DM UNSEMI-P1800DM Datasheet
2Mb / 6P
   Thyristor Surge Suppressors (TSS)
Revision March 1,2022
logo
Littelfuse
P1800E LITTELFUSE-P1800E Datasheet
173Kb / 3P
   TO-92 SIDACtor solid state protection devices protect telecommunications equipment such
More results

Similar Description - P180N55

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB160N75F3 STMICROELECTRONICS-STB160N75F3 Datasheet
361Kb / 13P
   N-channel 75V - 3.5m ohm - 120A - TO-220 - TO-247 - D2PAK MDmesh TM low voltage Power MOSFET
STB150NF55 STMICROELECTRONICS-STB150NF55 Datasheet
551Kb / 14P
   N-CHANNEL 55V - 0.005 ohm -120A D짼PAK/TO-220/TO-247 STripFET??II POWER MOSFET
October 2002
STB185N55 STMICROELECTRONICS-STB185N55 Datasheet
223Kb / 12P
   N-channel 55V - 2.9mohm - 120A - D2PAK/TO-220
STB185N55F3 STMICROELECTRONICS-STB185N55F3 Datasheet
335Kb / 14P
   N-channel 55V - 3.2m廓 - 120A - D2PAK/TO-220 STripFET??Power MOSFET
STB180N55F3 STMICROELECTRONICS-STB180N55F3 Datasheet
440Kb / 14P
   N-channel 55V - 3.2m廓 - 120A - D2PAK/TO-220 STripFET??Power MOSFET
STB300NH02L STMICROELECTRONICS-STB300NH02L Datasheet
474Kb / 14P
   N-channel 24V - 120A - TO-220 / D2PAK STripFET TM Power MOSFET
logo
Xian Semipower Electron...
SW630A SEMIPOWER-SW630A Datasheet
453Kb / 5P
   N-channel TO-220/D-PAK MOSFET
SW50N06T SEMIPOWER-SW50N06T Datasheet
747Kb / 6P
   N-channel D-PAK/TO-220 MOSFET
logo
STMicroelectronics
STB100NF04 STMICROELECTRONICS-STB100NF04_07 Datasheet
394Kb / 17P
   N-channel 40V - 0.0043ohm - 120A - TO-220 - D2PAK STripFET TM II Power MOSFET
STP80NF55L-06 STMICROELECTRONICS-STP80NF55L-06 Datasheet
83Kb / 8P
   N - CHANNEL 55V - 0.005 ohm - 80A TO-220 STripFET POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com