Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SNJ54HC112J Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # SNJ54HC112J
Description  DUAL J-NEGATIVE-EDGE-TRIGGERED FLIP-FLOPS WITH CLEAR AND PRESET
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SNJ54HC112J Datasheet(HTML) 5 Page - Texas Instruments

  SNJ54HC112J Datasheet HTML 1Page - Texas Instruments SNJ54HC112J Datasheet HTML 2Page - Texas Instruments SNJ54HC112J Datasheet HTML 3Page - Texas Instruments SNJ54HC112J Datasheet HTML 4Page - Texas Instruments SNJ54HC112J Datasheet HTML 5Page - Texas Instruments SNJ54HC112J Datasheet HTML 6Page - Texas Instruments SNJ54HC112J Datasheet HTML 7Page - Texas Instruments SNJ54HC112J Datasheet HTML 8Page - Texas Instruments SNJ54HC112J Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
SN54HC112, SN74HC112
DUAL JK NEGATIVEEDGETRIGGERED FLIPFLOPS
WITH CLEAR AND PRESET
SCLS099F − DECEMBER 1982 − REVISED SEPTEMBER 2003
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
switching characteristics over recommended operating free-air temperature range, CL = 50 pF
(unless otherwise noted) (see Figure 1)
PARAMETER
FROM
TO
VCC
TA = 25°C
SN54HC112
SN74HC112
UNIT
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC
MIN
TYP
MAX
MIN
MAX
MIN
MAX
UNIT
2 V
5
10
3.4
4
fmax
4.5 V
25
50
17
20
MHz
fmax
6 V
29
60
20
24
MHz
2 V
54
165
245
205
PRE or CLR
Q or Q
4.5 V
16
33
49
41
tpd
PRE or CLR
Q or Q
6 V
13
28
42
35
ns
tpd
2 V
56
125
185
155
ns
CLK
Q or Q
4.5 V
16
25
37
31
CLK
Q or Q
6 V
13
21
31
26
2 V
29
75
110
95
tt
Q or Q
4.5 V
9
15
22
19
ns
tt
Q or Q
6 V
8
13
19
16
ns
operating characteristics, TA = 25°C
PARAMETER
TEST CONDITIONS
TYP
UNIT
Cpd
Power dissipation capacitance
No load
35
pF


Similar Part No. - SNJ54HC112J

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SNJ54HC112J TI1-SNJ54HC112J Datasheet
610Kb / 18P
[Old version datasheet]   DUAL J-K NEGATIVE-EDGE-TRIGGERED FLIP-FLOPS WITH CLEAR AND PRESET
More results

Similar Description - SNJ54HC112J

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
54AC11112 TI-54AC11112 Datasheet
94Kb / 7P
[Old version datasheet]   DUAL J-K NEGATIVE-EDGE-TRIGGERED FLIP-FLOPS WITH CLEAR AND PRESET
SN54LS112A TI-SN54LS112A Datasheet
300Kb / 9P
[Old version datasheet]   DUAL J-K NEGATIVE-EDGE-TRIGGERED FLIP-FLOPS WITH PRESET AND CLEAR
CD54ACT112 TI-CD54ACT112_08 Datasheet
546Kb / 13P
[Old version datasheet]   DUAL J-K NEGATIVE-EDGE-TRIGGERED FLIP-FLOPS WITH CLEAR AND PRESET
logo
Renesas Technology Corp
HD74LS112 RENESAS-HD74LS112 Datasheet
291Kb / 11P
   Dual J-K Negative-edge-triggered Flip-Flops (with Preset and Clear)
Jul.13.2005
logo
Texas Instruments
SN54ALS112A TI-SN54ALS112A Datasheet
96Kb / 6P
[Old version datasheet]   DUAL J-K NEGATIVE-EDGE-TRIGGERED FLIP-FLOPS WITH CLEAR AND PRESET
logo
Hitachi Semiconductor
HD74LS112 HITACHI-HD74LS112 Datasheet
76Kb / 7P
   Dual J-K Negative-edge-triggered Flip-Flops(with Preset and Clear)
logo
Texas Instruments
SN54HC112 TI1-SN54HC112_14 Datasheet
610Kb / 18P
[Old version datasheet]   DUAL J-K NEGATIVE-EDGE-TRIGGERED FLIP-FLOPS WITH CLEAR AND PRESET
CD54AC112 TI-CD54AC112_06 Datasheet
336Kb / 11P
[Old version datasheet]   DUAL J-K NEGATIVE-EDGE-TRIGGERED FLIP-FLOPS WITH CLEAR AND PRESET
CD54AC112 TI-CD54AC112 Datasheet
331Kb / 6P
[Old version datasheet]   DUAL J-K NEGATIVE-EDGE-TRIGGERED FLIP-FLOPS WITH CLEAR AND PRESET
SN54HC112 TI-SN54HC112 Datasheet
445Kb / 14P
[Old version datasheet]   DUAL J-K NEGATIVE-EDGE-TRIGGERED FLIP-FLOPS WITH CLEAR AND PRESET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com