Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

43172015 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part No. 43172015
Description  Industrial Ethernet Switch - FL SWITCH 2108
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

43172015 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  43172015 Datasheet HTML 1Page - PHOENIX CONTACT 43172015 Datasheet HTML 2Page - PHOENIX CONTACT 43172015 Datasheet HTML 3Page - PHOENIX CONTACT 43172015 Datasheet HTML 4Page - PHOENIX CONTACT 43172015 Datasheet HTML 5Page - PHOENIX CONTACT 43172015 Datasheet HTML 6Page - PHOENIX CONTACT 43172015 Datasheet HTML 7Page - PHOENIX CONTACT 43172015 Datasheet HTML 8Page - PHOENIX CONTACT 43172015 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
https://www.phoenixcontact.com/pi/products/2702666
09/30/2021   Page 2 / 10
Industrial Ethernet Switch - FL SWITCH 2108 - 2702666
Technical data
Ambient conditions
Degree of protection
IP20
Ambient temperature (operation)
0 °C ... 60 °C
Ambient temperature (storage/transport)
-40 °C ... 85 °C
Permissible humidity (operation)
10 % ... 95 % (non-condensing)
Permissible humidity (storage/transport)
10 % ... 95 % (non-condensing)
Air pressure (operation)
86 kPa ... 108 kPa (1500 m above sea level)
Air pressure (storage/transport)
86 kPa ... 108 kPa (1500 m above sea level)
Degree of pollution
2
Interfaces
Interface
Ethernet (RJ45)
No. of ports
8 (RJ45 ports)
Note on the connection method
Auto negotiation and autocrossing
Transmission physics
Copper
Transmission speed
10/100/1000 Mbps
Transmission length
100 m (per segment)
Signal LEDs
Data receive, link status
Function
Basic functions
Store-and-forward switch, complies with IEEE 802.3
Configuration memory
max. 8 GByte (SD card)
Management
Web-based management (HTTP/HTTPS)
Role-based user management
SNMPv1/v2/v3
Command-line interface (Telnet, SSH)
Diagnostic functions
RMON History
LLDP (Link Layer Discovery Protocol)
SNMP-Traps
N:1-Portmirroring
ACD (Address Conflict Detection)
SysLog
CRC-Surveillance
Filter functions
Quality of Service (8 priority classes)
Class of Service
DiffServ/DSCP
Port-Priorisierung
VLAN (up to 8 VLANs)
IGMP Snooping/Querier (v1/v2)
Auto-Query-Port
Extended Multicast Filtering
Redundancy
MRP (Media Redundancy Protocol)
RSTP (Rapid Spanning Tree Protocol)


Similar Part No. - 43172015

ManufacturerPart No.DatasheetDescription
PHOENIX CONTACT
PHOENIX CONTACT
43172015 PHOENIX-43172015 Datasheet
43Kb / 2P
   Crimp contact - RC-6EP2000
43172015 PHOENIX-43172015 Datasheet
72Kb / 4P
   Device connector, front mounting - CA-12S1N122S00
43172015 PHOENIX-43172015 Datasheet
249Kb / 6P
   Cable connector - CA-16P1N12T008
43172015 PHOENIX-43172015 Datasheet
39Kb / 1P
   Coupler connector - SM-7EP1N8A9L02
12/10/13
43172015 PHOENIX-43172015 Datasheet
44Kb / 2P
   Crimp contact - SF-6FS2000
More results

Similar Description - 43172015

ManufacturerPart No.DatasheetDescription
PHOENIX CONTACT
PHOENIX CONTACT
1085039 PHOENIX-1085039 Datasheet
274Kb / 8P
   Industrial Ethernet Switch - FL SWITCH 1005N
2702326 PHOENIX-2702326 Datasheet
236Kb / 10P
   Industrial Ethernet Switch - FL SWITCH 2205
2702327 PHOENIX-2702327 Datasheet
244Kb / 10P
   Industrial Ethernet Switch - FL SWITCH 2208
1085255 PHOENIX-1085255 Datasheet
317Kb / 8P
   Industrial Ethernet Switch - FL SWITCH 1016N
1085254 PHOENIX-1085254 Datasheet
278Kb / 8P
   Industrial Ethernet Switch - FL SWITCH 1105N
1085256 PHOENIX-1085256 Datasheet
257Kb / 8P
   Industrial Ethernet Switch - FL SWITCH 1008N
1085243 PHOENIX-1085243 Datasheet
261Kb / 8P
   Industrial Ethernet Switch - FL SWITCH 1108N
2702652 PHOENIX-2702652 Datasheet
247Kb / 11P
   Industrial Ethernet Switch - FL SWITCH 2308
2891057 PHOENIX-2891057 Datasheet
135Kb / 6P
   Industrial Ethernet Switch - FL SWITCH 1924
2702323 PHOENIX-2702323 Datasheet
217Kb / 9P
   Industrial Ethernet Switch - FL SWITCH 2005
More results


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz