Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

43172015 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part No. 43172015
Description  Industrial Ethernet Switch - FL SWITCH 2108
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

43172015 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  43172015 Datasheet HTML 1Page - PHOENIX CONTACT 43172015 Datasheet HTML 2Page - PHOENIX CONTACT 43172015 Datasheet HTML 3Page - PHOENIX CONTACT 43172015 Datasheet HTML 4Page - PHOENIX CONTACT 43172015 Datasheet HTML 5Page - PHOENIX CONTACT 43172015 Datasheet HTML 6Page - PHOENIX CONTACT 43172015 Datasheet HTML 7Page - PHOENIX CONTACT 43172015 Datasheet HTML 8Page - PHOENIX CONTACT 43172015 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
https://www.phoenixcontact.com/pi/products/2702666
09/30/2021   Page 1 / 10
Industrial Ethernet Switch - FL SWITCH 2108 - 2702666
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
Managed Switch 2000, 8 RJ45 ports 10/100/1000 Mbps, degree of protection: IP20, PROFINET
Conformance-Class A
The figure shows a version of the
product
Your advantages
 Suitable for PROFINET and EtherNet/IP™ networks
 Unmanaged Mode
 Easy and fast startup and commissioning with the FL NETWORK MANAGER software
 Configuration memory
 RSTP
 MRP client
 DHCP client, DHCP server (port-based)
 VLANs
 Web-based management, SNMP
Key Commercial Data
Packing unit
1 pc
GTIN
GTIN
4055626283418
Technical data
Note
Utilization restriction
EMC: class A product, see manufacturer's declaration in the download
area
Dimensions
Width
45 mm
Height
130 mm
Depth
115 mm


Similar Part No. - 43172015

ManufacturerPart No.DatasheetDescription
PHOENIX CONTACT
PHOENIX CONTACT
43172015 PHOENIX-43172015 Datasheet
246Kb / 6P
   Cable connector - CA-07P1N12T007S
43172015 PHOENIX-43172015 Datasheet
68Kb / 4P
   Device connector, rear mounting - CA-19P1N12HZ00
43172015 PHOENIX-43172015 Datasheet
241Kb / 2P
   Plastic anti-static dust protection cap - RC-Z2468
43172015 PHOENIX-43172015 Datasheet
72Kb / 4P
   Device connector, front mounting - CA-12S1N122S00
43172015 PHOENIX-43172015 Datasheet
44Kb / 2P
   Crimp contact - SF-6FS2000
More results

Similar Description - 43172015

ManufacturerPart No.DatasheetDescription
PHOENIX CONTACT
PHOENIX CONTACT
1085039 PHOENIX-1085039 Datasheet
274Kb / 8P
   Industrial Ethernet Switch - FL SWITCH 1005N
2702326 PHOENIX-2702326 Datasheet
236Kb / 10P
   Industrial Ethernet Switch - FL SWITCH 2205
2702327 PHOENIX-2702327 Datasheet
244Kb / 10P
   Industrial Ethernet Switch - FL SWITCH 2208
1085255 PHOENIX-1085255 Datasheet
317Kb / 8P
   Industrial Ethernet Switch - FL SWITCH 1016N
1085254 PHOENIX-1085254 Datasheet
278Kb / 8P
   Industrial Ethernet Switch - FL SWITCH 1105N
1085256 PHOENIX-1085256 Datasheet
257Kb / 8P
   Industrial Ethernet Switch - FL SWITCH 1008N
1085243 PHOENIX-1085243 Datasheet
261Kb / 8P
   Industrial Ethernet Switch - FL SWITCH 1108N
2702652 PHOENIX-2702652 Datasheet
247Kb / 11P
   Industrial Ethernet Switch - FL SWITCH 2308
2891057 PHOENIX-2891057 Datasheet
135Kb / 6P
   Industrial Ethernet Switch - FL SWITCH 1924
2702323 PHOENIX-2702323 Datasheet
217Kb / 9P
   Industrial Ethernet Switch - FL SWITCH 2005
More results


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz