Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

43172015 Datasheet(PDF) 6 Page - PHOENIX CONTACT

Part No. 43172015
Description  Industrial Ethernet Switch - FL SWITCH 2108
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

43172015 Datasheet(HTML) 6 Page - PHOENIX CONTACT

Back Button 43172015 Datasheet HTML 2Page - PHOENIX CONTACT 43172015 Datasheet HTML 3Page - PHOENIX CONTACT 43172015 Datasheet HTML 4Page - PHOENIX CONTACT 43172015 Datasheet HTML 5Page - PHOENIX CONTACT 43172015 Datasheet HTML 6Page - PHOENIX CONTACT 43172015 Datasheet HTML 7Page - PHOENIX CONTACT 43172015 Datasheet HTML 8Page - PHOENIX CONTACT 43172015 Datasheet HTML 9Page - PHOENIX CONTACT 43172015 Datasheet HTML 10Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
https://www.phoenixcontact.com/pi/products/2702666
09/30/2021   Page 6 / 10
Industrial Ethernet Switch - FL SWITCH 2108 - 2702666
Approvals
EAC 
 
 RU*-
DE.*.B.00741/19
CC-Link IE Field 
 
 Ref. No. 101
cULus Listed 
 
 
Accessories
Accessories
Data cable preassembled
Patch cable - NBC-R4AC-R4AC-IE8A/.../... - 1411854
Patch cable, degree of protection: IP20, number of positions: 8, 10 Gbps, CAT6A, cable outlet: straight, Ethernet
 
 
Patch cable - NBC-R4AC/10G-R4AC/10G-94F/2,0 - 1408360
Patch cable, CAT6A, 4-pair, shielded, connection not crossed (line), assembled at both ends with RJ45/IP20
connectors, outer sheath material: PUR, length: 2.0 m
 
 
Patch cable - NBC-R4AC/10G-R4AC/10G-94F/3,0 - 1408365
Patch cable, CAT6A, 4-pair, shielded, connection not crossed (line), assembled at both ends with RJ45/IP20
connectors, outer sheath material: PUR, length: 3.0 m
 
 


Similar Part No. - 43172015

ManufacturerPart No.DatasheetDescription
PHOENIX CONTACT
PHOENIX CONTACT
43172015 PHOENIX-43172015 Datasheet
42Kb / 2P
   Plastic dust protection cap - TU-Z2003
43172015 PHOENIX-43172015 Datasheet
64Kb / 4P
   Cable connector - CA-06P1N128006
43172015 PHOENIX-43172015 Datasheet
75Kb / 4P
   Device connector, front mounting - CA-12S1NA22S00
43172015 PHOENIX-43172015 Datasheet
63Kb / 4P
   Cable connector - CA-06S1N128007
43172015 PHOENIX-43172015 Datasheet
43Kb / 2P
   Crimp contact - RC-6EP2000
More results

Similar Description - 43172015

ManufacturerPart No.DatasheetDescription
PHOENIX CONTACT
PHOENIX CONTACT
1085039 PHOENIX-1085039 Datasheet
274Kb / 8P
   Industrial Ethernet Switch - FL SWITCH 1005N
2702326 PHOENIX-2702326 Datasheet
236Kb / 10P
   Industrial Ethernet Switch - FL SWITCH 2205
2702327 PHOENIX-2702327 Datasheet
244Kb / 10P
   Industrial Ethernet Switch - FL SWITCH 2208
1085255 PHOENIX-1085255 Datasheet
317Kb / 8P
   Industrial Ethernet Switch - FL SWITCH 1016N
1085254 PHOENIX-1085254 Datasheet
278Kb / 8P
   Industrial Ethernet Switch - FL SWITCH 1105N
1085256 PHOENIX-1085256 Datasheet
257Kb / 8P
   Industrial Ethernet Switch - FL SWITCH 1008N
1085243 PHOENIX-1085243 Datasheet
261Kb / 8P
   Industrial Ethernet Switch - FL SWITCH 1108N
2702652 PHOENIX-2702652 Datasheet
247Kb / 11P
   Industrial Ethernet Switch - FL SWITCH 2308
2891057 PHOENIX-2891057 Datasheet
135Kb / 6P
   Industrial Ethernet Switch - FL SWITCH 1924
2702323 PHOENIX-2702323 Datasheet
217Kb / 9P
   Industrial Ethernet Switch - FL SWITCH 2005
More results


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz