Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

43172015 Datasheet(PDF) 5 Page - PHOENIX CONTACT

Part No. 43172015
Description  Industrial Ethernet Switch - FL SWITCH 2108
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

43172015 Datasheet(HTML) 5 Page - PHOENIX CONTACT

  43172015 Datasheet HTML 1Page - PHOENIX CONTACT 43172015 Datasheet HTML 2Page - PHOENIX CONTACT 43172015 Datasheet HTML 3Page - PHOENIX CONTACT 43172015 Datasheet HTML 4Page - PHOENIX CONTACT 43172015 Datasheet HTML 5Page - PHOENIX CONTACT 43172015 Datasheet HTML 6Page - PHOENIX CONTACT 43172015 Datasheet HTML 7Page - PHOENIX CONTACT 43172015 Datasheet HTML 8Page - PHOENIX CONTACT 43172015 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
https://www.phoenixcontact.com/pi/products/2702666
09/30/2021   Page 5 / 10
Industrial Ethernet Switch - FL SWITCH 2108 - 2702666
Classifications
eCl@ss
eCl@ss 7.0
19170106
eCl@ss 9.0
19170106
ETIM
ETIM 3.0
EC000734
ETIM 4.0
EC000734
ETIM 6.0
EC000734
ETIM 7.0
EC000734
UNSPSC
UNSPSC 6.01
43172015
UNSPSC 7.0901
43201404
UNSPSC 11
43172015
UNSPSC 12.01
43201410
UNSPSC 13.2
43222612
UNSPSC 18.0
43222612
UNSPSC 19.0
43222612
UNSPSC 20.0
43222612
UNSPSC 21.0
43222612
Approvals
Approvals
Approvals
UL Listed / cUL Listed / EAC / CC-Link IE Field / cULus Listed
Ex Approvals
Approval details
UL Listed 
 http://database.ul.com/cgi-bin/XYV/template/LISEXT/1FRAME/index.htm
 FILE E 238705
cUL Listed 
 http://database.ul.com/cgi-bin/XYV/template/LISEXT/1FRAME/index.htm  FILEE238705


Similar Part No. - 43172015

ManufacturerPart No.DatasheetDescription
PHOENIX CONTACT
PHOENIX CONTACT
43172015 PHOENIX-43172015 Datasheet
57Kb / 2P
   Cable connector - RC-63S1N12T0R9
43172015 PHOENIX-43172015 Datasheet
188Kb / 2P
   Cable clamp type cage and shield adapter - RC-Z2449
43172015 PHOENIX-43172015 Datasheet
43Kb / 2P
   Crimp contact - RC-6EP2000
43172015 PHOENIX-43172015 Datasheet
249Kb / 6P
   Cable connector - CA-16P1N12T008
43172015 PHOENIX-43172015 Datasheet
39Kb / 1P
   Coupler connector - SM-7EP1N8A9L02
12/10/13
More results

Similar Description - 43172015

ManufacturerPart No.DatasheetDescription
PHOENIX CONTACT
PHOENIX CONTACT
1085039 PHOENIX-1085039 Datasheet
274Kb / 8P
   Industrial Ethernet Switch - FL SWITCH 1005N
2702326 PHOENIX-2702326 Datasheet
236Kb / 10P
   Industrial Ethernet Switch - FL SWITCH 2205
2702327 PHOENIX-2702327 Datasheet
244Kb / 10P
   Industrial Ethernet Switch - FL SWITCH 2208
1085255 PHOENIX-1085255 Datasheet
317Kb / 8P
   Industrial Ethernet Switch - FL SWITCH 1016N
1085254 PHOENIX-1085254 Datasheet
278Kb / 8P
   Industrial Ethernet Switch - FL SWITCH 1105N
1085256 PHOENIX-1085256 Datasheet
257Kb / 8P
   Industrial Ethernet Switch - FL SWITCH 1008N
1085243 PHOENIX-1085243 Datasheet
261Kb / 8P
   Industrial Ethernet Switch - FL SWITCH 1108N
2702652 PHOENIX-2702652 Datasheet
247Kb / 11P
   Industrial Ethernet Switch - FL SWITCH 2308
2891057 PHOENIX-2891057 Datasheet
135Kb / 6P
   Industrial Ethernet Switch - FL SWITCH 1924
2702323 PHOENIX-2702323 Datasheet
217Kb / 9P
   Industrial Ethernet Switch - FL SWITCH 2005
More results


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz