Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

43172015 Datasheet(PDF) 3 Page - PHOENIX CONTACT

Part No. 43172015
Description  Industrial Ethernet Switch - FL SWITCH 2108
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

43172015 Datasheet(HTML) 3 Page - PHOENIX CONTACT

  43172015 Datasheet HTML 1Page - PHOENIX CONTACT 43172015 Datasheet HTML 2Page - PHOENIX CONTACT 43172015 Datasheet HTML 3Page - PHOENIX CONTACT 43172015 Datasheet HTML 4Page - PHOENIX CONTACT 43172015 Datasheet HTML 5Page - PHOENIX CONTACT 43172015 Datasheet HTML 6Page - PHOENIX CONTACT 43172015 Datasheet HTML 7Page - PHOENIX CONTACT 43172015 Datasheet HTML 8Page - PHOENIX CONTACT 43172015 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
https://www.phoenixcontact.com/pi/products/2702666
09/30/2021   Page 3 / 10
Industrial Ethernet Switch - FL SWITCH 2108 - 2702666
Technical data
Function
Additional functions
Jumbo frames (max. 9,600 bytes)
Transmission of MMS and GOOSE (IEC 61850-8-1)
Transmission of Modbus TCP
MAC address table
8k
Latency
≥ 1.9 µs (Store-and-Forward mode, 10/100/1000 Mbps, depending on
the frame size)
IP parameterization
DHCP-Client
DHCP server (port based)
BootP
PROFINET conformance class
Conformance-Class A
Time synchronization
SNTP (Simple Network Time Protocol)
Status and diagnostic indicators
LEDs: US (power supply), 2 LEDs per Ethernet port (Link/Activity and
Speed)
Network expansion parameters
Cascading depth
Network, linear, and star structure: any
Maximum conductor length (twisted pair)
100 m
Supply voltage
Supply voltage
24 V DC (single)
Residual ripple
3.6 VPP (within the permitted voltage range)
Supply voltage range
18 V DC ... 32 V DC
Typical current consumption
275 mA (at US = 24 V DC and 25 °C ambient temperature)
Max. current consumption
0.4 A (At US = 18 V DC and 60°C ambient temperature)
Current consumption
275 mA
General
Mounting type
DIN rail
Type AX
Book type
Net weight
260 g
Housing material
Polycarbonate fiber reinforced
Note
Support by phone or on-site (fee is charged)
Latency
≥ 1.9 µs (Store-and-Forward mode, 10/100/1000 Mbps, depending on
the frame size)
MTTF
398.76 Years (SN 29500 standard, temperature 25°C, operating
cycle 21%)
174.97 Years (SN 29500 standard, temperature 40°C, operating
cycle 34.25%)
31.76 Years (SN 29500 standard, temperature 55°C, operating
cycle 100%)
Connection data
Connection method
Push-in spring connection
Conductor cross section solid min.
0.25 mm²
Conductor cross section solid max.
1.5 mm²


Similar Part No. - 43172015

ManufacturerPart No.DatasheetDescription
PHOENIX CONTACT
PHOENIX CONTACT
43172015 PHOENIX-43172015 Datasheet
72Kb / 4P
   Device connector, front mounting - CA-12S1N122S00
43172015 PHOENIX-43172015 Datasheet
44Kb / 2P
   Crimp contact - SF-6FS2000
43172015 PHOENIX-43172015 Datasheet
75Kb / 4P
   Device connector, front mounting - CA-12S1NA22S00
43172015 PHOENIX-43172015 Datasheet
63Kb / 4P
   Cable connector - CA-06S1N128007
43172015 PHOENIX-43172015 Datasheet
246Kb / 6P
   Cable connector - CA-07P1N12T007S
More results

Similar Description - 43172015

ManufacturerPart No.DatasheetDescription
PHOENIX CONTACT
PHOENIX CONTACT
1085039 PHOENIX-1085039 Datasheet
274Kb / 8P
   Industrial Ethernet Switch - FL SWITCH 1005N
2702326 PHOENIX-2702326 Datasheet
236Kb / 10P
   Industrial Ethernet Switch - FL SWITCH 2205
2702327 PHOENIX-2702327 Datasheet
244Kb / 10P
   Industrial Ethernet Switch - FL SWITCH 2208
1085255 PHOENIX-1085255 Datasheet
317Kb / 8P
   Industrial Ethernet Switch - FL SWITCH 1016N
1085254 PHOENIX-1085254 Datasheet
278Kb / 8P
   Industrial Ethernet Switch - FL SWITCH 1105N
1085256 PHOENIX-1085256 Datasheet
257Kb / 8P
   Industrial Ethernet Switch - FL SWITCH 1008N
1085243 PHOENIX-1085243 Datasheet
261Kb / 8P
   Industrial Ethernet Switch - FL SWITCH 1108N
2702652 PHOENIX-2702652 Datasheet
247Kb / 11P
   Industrial Ethernet Switch - FL SWITCH 2308
2891057 PHOENIX-2891057 Datasheet
135Kb / 6P
   Industrial Ethernet Switch - FL SWITCH 1924
2702323 PHOENIX-2702323 Datasheet
217Kb / 9P
   Industrial Ethernet Switch - FL SWITCH 2005
More results


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz