Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

4307 Datasheet(PDF) 1 Page - Peregrine Semiconductor Corp.

Part # 4307
Description  75 廓 RF Digital Attenuator 5-bit, 15.5 dB, DC - 2.0 GHz
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PEREGRINE [Peregrine Semiconductor Corp.]
Direct Link  http://www.peregrine-semi.com
Logo PEREGRINE - Peregrine Semiconductor Corp.

4307 Datasheet(HTML) 1 Page - Peregrine Semiconductor Corp.

  4307 Datasheet HTML 1Page - Peregrine Semiconductor Corp. 4307 Datasheet HTML 2Page - Peregrine Semiconductor Corp. 4307 Datasheet HTML 3Page - Peregrine Semiconductor Corp. 4307 Datasheet HTML 4Page - Peregrine Semiconductor Corp. 4307 Datasheet HTML 5Page - Peregrine Semiconductor Corp. 4307 Datasheet HTML 6Page - Peregrine Semiconductor Corp. 4307 Datasheet HTML 7Page - Peregrine Semiconductor Corp. 4307 Datasheet HTML 8Page - Peregrine Semiconductor Corp. 4307 Datasheet HTML 9Page - Peregrine Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Document No. 70-0161-05 │ www.psemi.com
Page 1 of 11
©2003-2013Peregrine Semiconductor Corp. All rights reserved.
The PE4307 is a high linearity, 5-bit RF Digital Step
Attenuator (DSA) covering a 15.5 dB attenuation range in
0.5 dB steps. The device is pin compatible with the PE430x
series. This 75-ohm RF DSA provides both parallel (latched
or direct mode) and serial CMOS control interface, operates
on a single 3-volt supply and maintains high attenuation
accuracy over frequency and temperature. It also has a
unique control interface that allows the user to select an
initial attenuation state at power-up. The PE4307 exhibits
very low insertion loss and low power consumption. This
functionality is delivered in a 4x4 mm QFN footprint.
The PE4307 is manufactured on Peregrine’s UltraCMOS®
process, a patented variation of silicon-on-insulator (SOI)
technology on a sapphire substrate, offering the performance
of GaAs with the economy and integration of conventional
CMOS.
Product Specification
75Ω RF Digital Attenuator
5-bit, 15.5 dB, 1 – 2000 MHz
Product Description
Figure 1. Functional Schematic Diagram
PE4307
Features

Attenuation: 0.5 dB steps to 15.5 dB

Flexible parallel and serial programming
interfaces

Latched or direct mode

Unique power-up state selection

Positive CMOS control logic

High attenuation accuracy and linearity
over temperature and frequency

Very low power consumption

Single-supply operation

75Ω impedance

Pin compatible with PE430x series

Packaged in a 20-lead 4x4 mm QFN
Table 1. Electrical Specifications @ +25°C, VDD = 3.0V
Notes: 1. Device Linearity will begin to degrade below 1 MHz
2. Max input rating in Table 3 & Figures on Pages 4 to 6 for data across frequency
3. Note Absolute Maximum in Table 3
4. Measured in a 50Ω system
Control Logic Interface
Parallel Control
Power-Up Control
Serial Control
RF Input
RF Output
Switched Attenuator Array
5
3
1
Parameter
Test Condition
Frequency
Minimum
Typical
Maximum
Unit
Operation Frequency
1
2000
MHz
Insertion Loss1
1 MHz ≤1.2 GHz
-
1.4
1.95
dB
Attenuation Accuracy
Any Bit or Bit
Combination
1 MHz ≤1.2 GHz
-
-
±(0.15 + 4% of atten setting)
Not to exceed +0.25 dB
dB
dB
1 dB Compression3,4
1 MHz ≤1.2 GHz
30
34
-
dBm
Input IP31,2,4
Two-tone inputs up to
+18 dBm
1 MHz ≤1.2 GHz
-
52
-
dBm
Return Loss
Zo = 75 ohms
1 MHz ≤1.2 GHz
10
13
-
dB
Switching Speed
50% control to 0.5 dB
of final value
-
-
1
s
Figure 2. Package Type
20-lead 4x4 mm QFN
71-0007


Similar Part No. - 4307

ManufacturerPart #DatasheetDescription
logo
API Delevan
4307-106K API-4307-106K Datasheet
1Mb / 1P
   Molded Shielded RF Coils
4307-125K API-4307-125K Datasheet
1Mb / 1P
   Molded Shielded RF Coils
4307-126K API-4307-126K Datasheet
1Mb / 1P
   Molded Shielded RF Coils
4307-155K API-4307-155K Datasheet
1Mb / 1P
   Molded Shielded RF Coils
4307-156K API-4307-156K Datasheet
1Mb / 1P
   Molded Shielded RF Coils
More results

Similar Description - 4307

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAATSS0021 MA-COM-MAATSS0021 Datasheet
75Kb / 3P
   Digital Attenuator, 15.5 dB, 5-Bit DC - 2.0 GHz
AT-280 MA-COM-AT-280 Datasheet
81Kb / 3P
   Digital Attenuator, 15.5 dB, 5-Bit DC - 2.0 GHz
logo
Tyco Electronics
MAATSS0021 MACOM-MAATSS0021 Datasheet
176Kb / 3P
   Digital Attenuator, 15.5 dB, 5-Bit DC - 2.0 GHz
logo
Peregrine Semiconductor...
PE4305 PEREGRINE-PE4305 Datasheet
457Kb / 11P
   50 廓 RF Digital Attenuator 5-bit, 15.5 dB, DC - 4.0 GHz
logo
Peregrine Semiconductor
PE43404MLI-Z PSEMI-PE43404MLI-Z Datasheet
964Kb / 11P
   75 廓 RF Digital Attenuator 4-bit, 15 dB, DC ??2.0 GHz
logo
Tyco Electronics
AT65-0283 MACOM-AT65-0283 Datasheet
231Kb / 3P
   Digital Attenuator, 15.5 dB, 5-Bit, TTL Driver, DC - 2.0 GHz
logo
M/A-COM Technology Solu...
AT-283-PIN MA-COM-AT-283-PIN Datasheet
133Kb / 4P
   Digital Attenuator 15.5 dB, 5-Bit, TTL Driver, DC-2.0 GHz
MAAD-007084-000100 MA-COM-MAAD-007084-000100 Datasheet
127Kb / 4P
   Digital Attenuator 15.5 dB, 5-Bit, TTL Driver, DC-2.0 GHz
logo
Tyco Electronics
MAAD-007084-000100 MACOM-MAAD-007084-000100 Datasheet
233Kb / 4P
   Digital Attenuator 15.5 dB, 5-Bit, TTL Driver, DC-2.0 GHz
logo
M/A-COM Technology Solu...
AT65-0283 MA-COM-AT65-0283 Datasheet
126Kb / 4P
   Digital Attenuator 15.5 dB, 5-Bit, TTL Driver, DC-2.0 GHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com