Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

4307-01 Datasheet(PDF) 5 Page - Peregrine Semiconductor Corp.

Part # 4307-01
Description  75 廓 RF Digital Attenuator 5-bit, 15.5 dB, DC - 2.0 GHz
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PEREGRINE [Peregrine Semiconductor Corp.]
Direct Link  http://www.peregrine-semi.com
Logo PEREGRINE - Peregrine Semiconductor Corp.

4307-01 Datasheet(HTML) 5 Page - Peregrine Semiconductor Corp.

  4307-01 Datasheet HTML 1Page - Peregrine Semiconductor Corp. 4307-01 Datasheet HTML 2Page - Peregrine Semiconductor Corp. 4307-01 Datasheet HTML 3Page - Peregrine Semiconductor Corp. 4307-01 Datasheet HTML 4Page - Peregrine Semiconductor Corp. 4307-01 Datasheet HTML 5Page - Peregrine Semiconductor Corp. 4307-01 Datasheet HTML 6Page - Peregrine Semiconductor Corp. 4307-01 Datasheet HTML 7Page - Peregrine Semiconductor Corp. 4307-01 Datasheet HTML 8Page - Peregrine Semiconductor Corp. 4307-01 Datasheet HTML 9Page - Peregrine Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
Product Specification
PE4307
Document No. 70-0161-05 │ www.psemi.com
Page 5 of 11
©2003-2013 Peregrine Semiconductor Corp. All rights reserved.
0
5
10
15
20
25
30
35
40
0
500
1000
1500
2000
RF Frequency (MHz)
20
25
30
35
40
45
50
55
60
0
500
1000
1500
2000
RF Frequency (MHz)
-1
-0.5
0
0.5
1
02
46
8
10
12
14
16
10Mhz
250Mhz
500Mhz
750Mhz
1010Mhz
1210Mhz
Attenuation Setting (dB)
-2
-1.5
-1
-0.5
0
0.5
0
500
1000
1500
2000
RF Frequency (MHz)
15.5dB
8dB
Figure 11. Attenuation Error Vs. Attenuatio
Setting
Figure 13. Input 1 dB Compression (Zo = 50 ohms)
Figure 12. Input IP3 vs. Frequency (Zo = 50 ohms)
Figure 10. Attenuation Error Vs. Frequency
Note: Positive attenuation error indicates higher attenuation than target value
Typical Performance Data @ 25°C, VDD = 3.0V


Similar Part No. - 4307-01

ManufacturerPart #DatasheetDescription
logo
API Delevan
4307-106K API-4307-106K Datasheet
1Mb / 1P
   Molded Shielded RF Coils
4307-125K API-4307-125K Datasheet
1Mb / 1P
   Molded Shielded RF Coils
4307-126K API-4307-126K Datasheet
1Mb / 1P
   Molded Shielded RF Coils
4307-155K API-4307-155K Datasheet
1Mb / 1P
   Molded Shielded RF Coils
4307-156K API-4307-156K Datasheet
1Mb / 1P
   Molded Shielded RF Coils
More results

Similar Description - 4307-01

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAATSS0021 MA-COM-MAATSS0021 Datasheet
75Kb / 3P
   Digital Attenuator, 15.5 dB, 5-Bit DC - 2.0 GHz
AT-280 MA-COM-AT-280 Datasheet
81Kb / 3P
   Digital Attenuator, 15.5 dB, 5-Bit DC - 2.0 GHz
logo
Tyco Electronics
MAATSS0021 MACOM-MAATSS0021 Datasheet
176Kb / 3P
   Digital Attenuator, 15.5 dB, 5-Bit DC - 2.0 GHz
logo
Peregrine Semiconductor...
PE4305 PEREGRINE-PE4305 Datasheet
457Kb / 11P
   50 廓 RF Digital Attenuator 5-bit, 15.5 dB, DC - 4.0 GHz
logo
Peregrine Semiconductor
PE43404MLI-Z PSEMI-PE43404MLI-Z Datasheet
964Kb / 11P
   75 廓 RF Digital Attenuator 4-bit, 15 dB, DC ??2.0 GHz
logo
Tyco Electronics
AT65-0283 MACOM-AT65-0283 Datasheet
231Kb / 3P
   Digital Attenuator, 15.5 dB, 5-Bit, TTL Driver, DC - 2.0 GHz
logo
M/A-COM Technology Solu...
AT-283-PIN MA-COM-AT-283-PIN Datasheet
133Kb / 4P
   Digital Attenuator 15.5 dB, 5-Bit, TTL Driver, DC-2.0 GHz
MAAD-007084-000100 MA-COM-MAAD-007084-000100 Datasheet
127Kb / 4P
   Digital Attenuator 15.5 dB, 5-Bit, TTL Driver, DC-2.0 GHz
logo
Tyco Electronics
MAAD-007084-000100 MACOM-MAAD-007084-000100 Datasheet
233Kb / 4P
   Digital Attenuator 15.5 dB, 5-Bit, TTL Driver, DC-2.0 GHz
logo
M/A-COM Technology Solu...
AT65-0283 MA-COM-AT65-0283 Datasheet
126Kb / 4P
   Digital Attenuator 15.5 dB, 5-Bit, TTL Driver, DC-2.0 GHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com