Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE4305 Datasheet(PDF) 10 Page - Peregrine Semiconductor Corp.

Part # PE4305
Description  50 廓 RF Digital Attenuator 5-bit, 15.5 dB, DC - 4.0 GHz
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PEREGRINE [Peregrine Semiconductor Corp.]
Direct Link  http://www.peregrine-semi.com
Logo PEREGRINE - Peregrine Semiconductor Corp.

PE4305 Datasheet(HTML) 10 Page - Peregrine Semiconductor Corp.

Back Button PE4305 Datasheet HTML 3Page - Peregrine Semiconductor Corp. PE4305 Datasheet HTML 4Page - Peregrine Semiconductor Corp. PE4305 Datasheet HTML 5Page - Peregrine Semiconductor Corp. PE4305 Datasheet HTML 6Page - Peregrine Semiconductor Corp. PE4305 Datasheet HTML 7Page - Peregrine Semiconductor Corp. PE4305 Datasheet HTML 8Page - Peregrine Semiconductor Corp. PE4305 Datasheet HTML 9Page - Peregrine Semiconductor Corp. PE4305 Datasheet HTML 10Page - Peregrine Semiconductor Corp. PE4305 Datasheet HTML 11Page - Peregrine Semiconductor Corp.  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
Product Specification
PE4305
Page 10 of 11
©2005 Peregrine Semiconductor Corp. All rights reserved.
Document No. 70/0159~02C
│ UltraCMOS™ RFIC Solutions
Figure 20. Marking Specifications
Figure 21. Tape and Reel Drawing
4305
YYWW
ZZZZZ
YYWW = Date Code
ZZZZZ = Last five digits of PSC Lot Number
Table 10. Ordering Information
Order Code
Part Marking
Description
Package
Shipping Method
4305-01
4305
PE4305-20MLP 4x4mm-75A
20-lead 4x4mm QFN
75 units / Tube
4305-02
4305
PE4305-20MLP 4x4mm-3000C
20-lead 4x4mm QFN
3000 units / T&R
4305-00
PE4305-EK
PE4305-20MLP 4x4mm-EK
Evaluation Kit
1 / Box
4305-51
4305
PE4305G-20MLP 4x4mm-75A
Green 20-lead 4x4mm QFN
75 units / Tube
4305-52
4305
PE4305G-20MLP 4x4mm-3000C
Green 20-lead 4x4mm QFN
3000 units / T&R


Similar Part No. - PE4305

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4305 PASTERNACK-PE4305 Datasheet
317Kb / 3P
   TNC Female Bulkhead Mount Hermetically Sealed Connector Solder Attachment
logo
Peregrine Semiconductor...
PE4305DS PEREGRINE-PE4305DS Datasheet
460Kb / 11P
   50 廓 RF Digital Attenuator
PE4305DS PEREGRINE-PE4305DS Datasheet
460Kb / 10P
   RF Digital Attenuator
PE4305DS PEREGRINE-PE4305DS_15 Datasheet
460Kb / 10P
   RF Digital Attenuator
More results

Similar Description - PE4305

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
PE4306 PEREGRINE-PE4306 Datasheet
451Kb / 11P
   50 廓 RF Digital Attenuator 5-bit, 31 dB, DC - 4.0 GHz
PE4307 PEREGRINE-PE4307 Datasheet
547Kb / 11P
   75 廓 RF Digital Attenuator 5-bit, 15.5 dB, DC - 2.0 GHz
PE4309 PEREGRINE-PE4309_07 Datasheet
337Kb / 9P
   50 廓 RF Digital Attenuator 6-bit, 31.5 dB, DC-4.0 GHz
PE43072 PEREGRINE-PE43072 Datasheet
464Kb / 11P
   50 廓 RF Digital Attenuator 7-bit, 31.75 dB, DC-4.0 GHz
PE4306 PEREGRINE-PE4306_08 Datasheet
454Kb / 11P
   50 RF Digital Attenuator 5-bit, 31 dB, DC - 4.0 GHz
PE43701 PEREGRINE-PE43701 Datasheet
404Kb / 13P
   50 廓 RF Digital Attenuator 7-bit, 31.75 dB, DC-4.0 GHz
logo
M/A-COM Technology Solu...
MAATSS0021 MA-COM-MAATSS0021 Datasheet
75Kb / 3P
   Digital Attenuator, 15.5 dB, 5-Bit DC - 2.0 GHz
AT-280 MA-COM-AT-280 Datasheet
81Kb / 3P
   Digital Attenuator, 15.5 dB, 5-Bit DC - 2.0 GHz
logo
Tyco Electronics
AT-280 MACOM-AT-280 Datasheet
96Kb / 2P
   Digital Attenuator, 15.5 dB, 5-Bit DC - 2 GHz
MAATSS0021 MACOM-MAATSS0021 Datasheet
176Kb / 3P
   Digital Attenuator, 15.5 dB, 5-Bit DC - 2.0 GHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com