Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

4304-02 Datasheet(PDF) 3 Page - Peregrine Semiconductor Corp.

Part # 4304-02
Description  75 Ohm RF Digital Attenuator 6-bit, 31.5 dB, DC - 2.0 GHz
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PEREGRINE [Peregrine Semiconductor Corp.]
Direct Link  http://www.peregrine-semi.com
Logo PEREGRINE - Peregrine Semiconductor Corp.

4304-02 Datasheet(HTML) 3 Page - Peregrine Semiconductor Corp.

  4304-02 Datasheet HTML 1Page - Peregrine Semiconductor Corp. 4304-02 Datasheet HTML 2Page - Peregrine Semiconductor Corp. 4304-02 Datasheet HTML 3Page - Peregrine Semiconductor Corp. 4304-02 Datasheet HTML 4Page - Peregrine Semiconductor Corp. 4304-02 Datasheet HTML 5Page - Peregrine Semiconductor Corp. 4304-02 Datasheet HTML 6Page - Peregrine Semiconductor Corp. 4304-02 Datasheet HTML 7Page - Peregrine Semiconductor Corp. 4304-02 Datasheet HTML 8Page - Peregrine Semiconductor Corp. 4304-02 Datasheet HTML 9Page - Peregrine Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Product Specification
PE4304
Page 3 of 11
Document No. 70-0066-04
│ www.psemi.com
©2003-2006 Peregrine Semiconductor Corp. All rights reserved.
Evaluation Kit
The Digital Attenuator Evaluation Kit board was
designed to ease customer evaluation of the
PE4304 Digital Step Attenuator.
J9 is used in conjunction with the supplied DC cable
to supply VDD, GND, and –VDD. If use of the internal
negative voltage generator is desired, then do not
connect –VDD (Black banana plug). If an external –
VDD is desired, then apply -3V.
J1 should be connected to the parallel port of a PC
with the supplied ribbon cable. The evaluation
software is written to operate the DSA in serial
mode, so Switch 7 (P/S) should be ON with all other
switches off. Using the software, enable or disable
each attenuation setting to the desired combined
attenuation. The software automatically programs
the DSA each time an attenuation state is enabled or
disabled.
To evaluate the Power up options, first disconnect
the parallel ribbon cable from the evaluation board.
The parallel cable must be removed to prevent the
PC parallel port from biasing the control pins to
unknown states. During power up in serial mode (P/
S=1 and LE=0) or in parallel mode with P/S=0 and
LE=1, the default power-up signal attenuation is set
to the value present on the six control bits on the six
parallel data inputs (C0.5 to C16). This allows any
one of the 64 attenuation settings to be specified as
the power-up state.
To power up in Parallel mode (P/S=0) with LE=0, the
control bits are automatically set to one of four
possible values. These four values are selected by
the two power-up control bits, PUP1 and PUP2, as
shown in the Parallel PUP Truth Table (Table 6).
Figure 4. Evaluation Board Layout
Figure 5. Evaluation Board Schematic
Note: Resistors on pins 1 and 3
are required to avoid package
resonance and meet error
specifications over frequency.
Peregrine Specification 101/0112
Peregrine Specification 102/0142


Similar Part No. - 4304-02

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
4304.4001 SCHURTER-4304.4001 Datasheet
565Kb / 6P
   IEC Appliance Inlet C14 with Filter, Fuseholder 1-pole, Line Switch 2-pole
04.01.2022
4304.4002 SCHURTER-4304.4002 Datasheet
565Kb / 6P
   IEC Appliance Inlet C14 with Filter, Fuseholder 1-pole, Line Switch 2-pole
04.01.2022
4304.4003 SCHURTER-4304.4003 Datasheet
565Kb / 6P
   IEC Appliance Inlet C14 with Filter, Fuseholder 1-pole, Line Switch 2-pole
04.01.2022
4304.4004 SCHURTER-4304.4004 Datasheet
565Kb / 6P
   IEC Appliance Inlet C14 with Filter, Fuseholder 1-pole, Line Switch 2-pole
04.01.2022
4304.4005 SCHURTER-4304.4005 Datasheet
565Kb / 6P
   IEC Appliance Inlet C14 with Filter, Fuseholder 1-pole, Line Switch 2-pole
04.01.2022
More results

Similar Description - 4304-02

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
PE4309 PEREGRINE-PE4309 Datasheet
576Kb / 6P
   50 OHM RF Digital Attenuator 6-bit, 31.5 dB, DC-4.0 GHz
PE4302DS PEREGRINE-PE4302DS Datasheet
456Kb / 11P
   50 Ohm RF Digital Attenuator 6-bit, 31.5 dB, DC-4.0 GHZ
logo
M/A-COM Technology Solu...
AT65-0107 MA-COM-AT65-0107 Datasheet
150Kb / 6P
   Digital Attenuator 31.5 dB, 6-Bit, TTL Driver, DC-2.0 GHz
logo
Tyco Electronics
AT65-0107 MACOM-AT65-0107 Datasheet
301Kb / 5P
   Digital Attenuator, 31.5 dB, 6-Bit, TTL Driver, DC - 2.0 GHz
logo
M/A-COM Technology Solu...
AT-107-PIN MA-COM-AT-107-PIN Datasheet
135Kb / 4P
   Digital Attenuator 31.5 dB, 6-Bit, TTL Driver, DC-2.0 GHz
AT20-0107 MA-COM-AT20-0107 Datasheet
172Kb / 4P
   Digital Attenuator 31.5 dB, 6-Bit, TTL Driver, DC-2.0 GHz
AT-107-PIN MA-COM-AT-107-PIN_15 Datasheet
636Kb / 5P
   Digital Attenuator 31.5 dB, 6-Bit, TTL Driver, DC-2.0 GHz
logo
Tyco Electronics
AT20-0107 MACOM-AT20-0107 Datasheet
305Kb / 3P
   Digital Attenuator, 31.5 dB, 6-Bit, TTL Driver, DC - 2.0 GHz
logo
M/A-COM Technology Solu...
MAATCC0005 MA-COM-MAATCC0005 Datasheet
151Kb / 6P
   Digital Attenuator 31.5 dB, 6-Bit, TTL Driver, DC-2.0 GHz
logo
Peregrine Semiconductor...
PE4302 PEREGRINE-PE4302 Datasheet
470Kb / 11P
   50 -RF Digital Attenuator 6-bit, 31.5 dB, DC - 4.0 GHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com