Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

4304-01 Datasheet(PDF) 5 Page - Peregrine Semiconductor Corp.

Part # 4304-01
Description  75 Ohm RF Digital Attenuator 6-bit, 31.5 dB, DC - 2.0 GHz
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PEREGRINE [Peregrine Semiconductor Corp.]
Direct Link  http://www.peregrine-semi.com
Logo PEREGRINE - Peregrine Semiconductor Corp.

4304-01 Datasheet(HTML) 5 Page - Peregrine Semiconductor Corp.

  4304-01 Datasheet HTML 1Page - Peregrine Semiconductor Corp. 4304-01 Datasheet HTML 2Page - Peregrine Semiconductor Corp. 4304-01 Datasheet HTML 3Page - Peregrine Semiconductor Corp. 4304-01 Datasheet HTML 4Page - Peregrine Semiconductor Corp. 4304-01 Datasheet HTML 5Page - Peregrine Semiconductor Corp. 4304-01 Datasheet HTML 6Page - Peregrine Semiconductor Corp. 4304-01 Datasheet HTML 7Page - Peregrine Semiconductor Corp. 4304-01 Datasheet HTML 8Page - Peregrine Semiconductor Corp. 4304-01 Datasheet HTML 9Page - Peregrine Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
Product Specification
PE4304
Page 5 of 11
Document No. 70-0066-04
│ www.psemi.com
©2003-2006 Peregrine Semiconductor Corp. All rights reserved.
-0.6
-0.4
-0.2
0
0.2
0.4
0
5
10
15
20
25
30
35
40
10Mhz error 85
500MHz, -40C
500MHz, 85C
500MHz, 25C
-0.4
-0.2
0
0.2
0.4
0.6
0
5
10
15
20
25
30
35
40
Attenuation Setting (dB)
10MHz, -40C
10MHz, 85C
10MHz, 25C
-1
-0.75
-0.5
-0.25
0
0.25
0.5
0
5
10
15
20
25
30
35
40
Attenuation Setting (dB)
10MHz
1210MHz
1010MHz
750MHz
510MHz
250MHz
-2
-1.5
-1
-0.5
0
0.5
1
0
400
800
1200
1600
2000
RF Frequency (MHz)
8dB
16dB
31.5dB
Figure 11. Attenuation Error Vs. Attenuation
Setting
Figure 13. Attenuation Error Vs. Attenuation
Setting
Figure 12. Attenuation Error Vs. Attenuation
Setting
Figure 10. Attenuation Error Vs. Frequency
Typical Performance Data @ 25°C, VDD = 3.0 V (unless otherwise specified)
Note: Positive attenuation error indicates higher attenuation than target value


Similar Part No. - 4304-01

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
4304.4001 SCHURTER-4304.4001 Datasheet
565Kb / 6P
   IEC Appliance Inlet C14 with Filter, Fuseholder 1-pole, Line Switch 2-pole
04.01.2022
4304.4002 SCHURTER-4304.4002 Datasheet
565Kb / 6P
   IEC Appliance Inlet C14 with Filter, Fuseholder 1-pole, Line Switch 2-pole
04.01.2022
4304.4003 SCHURTER-4304.4003 Datasheet
565Kb / 6P
   IEC Appliance Inlet C14 with Filter, Fuseholder 1-pole, Line Switch 2-pole
04.01.2022
4304.4004 SCHURTER-4304.4004 Datasheet
565Kb / 6P
   IEC Appliance Inlet C14 with Filter, Fuseholder 1-pole, Line Switch 2-pole
04.01.2022
4304.4005 SCHURTER-4304.4005 Datasheet
565Kb / 6P
   IEC Appliance Inlet C14 with Filter, Fuseholder 1-pole, Line Switch 2-pole
04.01.2022
More results

Similar Description - 4304-01

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
PE4309 PEREGRINE-PE4309 Datasheet
576Kb / 6P
   50 OHM RF Digital Attenuator 6-bit, 31.5 dB, DC-4.0 GHz
PE4302DS PEREGRINE-PE4302DS Datasheet
456Kb / 11P
   50 Ohm RF Digital Attenuator 6-bit, 31.5 dB, DC-4.0 GHZ
logo
M/A-COM Technology Solu...
AT65-0107 MA-COM-AT65-0107 Datasheet
150Kb / 6P
   Digital Attenuator 31.5 dB, 6-Bit, TTL Driver, DC-2.0 GHz
logo
Tyco Electronics
AT65-0107 MACOM-AT65-0107 Datasheet
301Kb / 5P
   Digital Attenuator, 31.5 dB, 6-Bit, TTL Driver, DC - 2.0 GHz
logo
M/A-COM Technology Solu...
AT-107-PIN MA-COM-AT-107-PIN Datasheet
135Kb / 4P
   Digital Attenuator 31.5 dB, 6-Bit, TTL Driver, DC-2.0 GHz
AT20-0107 MA-COM-AT20-0107 Datasheet
172Kb / 4P
   Digital Attenuator 31.5 dB, 6-Bit, TTL Driver, DC-2.0 GHz
AT-107-PIN MA-COM-AT-107-PIN_15 Datasheet
636Kb / 5P
   Digital Attenuator 31.5 dB, 6-Bit, TTL Driver, DC-2.0 GHz
logo
Tyco Electronics
AT20-0107 MACOM-AT20-0107 Datasheet
305Kb / 3P
   Digital Attenuator, 31.5 dB, 6-Bit, TTL Driver, DC - 2.0 GHz
logo
M/A-COM Technology Solu...
MAATCC0005 MA-COM-MAATCC0005 Datasheet
151Kb / 6P
   Digital Attenuator 31.5 dB, 6-Bit, TTL Driver, DC-2.0 GHz
logo
Peregrine Semiconductor...
PE4302 PEREGRINE-PE4302 Datasheet
470Kb / 11P
   50 -RF Digital Attenuator 6-bit, 31.5 dB, DC - 4.0 GHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com