Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

REC15-2424DRWBZ Datasheet(PDF) 2 Page - Recom International Power

Part # REC15-2424DRWBZ
Description  REC15-S/DRWB(Z) Ser., 15W, 2 x 2, Regul., Wide Input 2 : 1 AND 4 : 1 (Single AND Dual Output)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

REC15-2424DRWBZ Datasheet(HTML) 2 Page - Recom International Power

  REC15-2424DRWBZ Datasheet HTML 1Page - Recom International Power REC15-2424DRWBZ Datasheet HTML 2Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
EC 88
www.recom-international.com
ECONOLINE - DC/DC-Converter
REC15-S/DRWB(Z) Ser., 15W, 2“x 2“, Regul., Wide Input 2:1 & 4:1 (Single & Dual Output)
XX.X ± 0.5 mm
XX.XX ± 0.25 mm
Package Style and Pinning (mm)
1
2
3
4
5
1.2ø+0.2/–0.1
2.54
2.54
8.3
11,00
2
1
3
5
4
Bottom View
20.32
15.2
5.12
50.8
50.8
22.82
10.2
10.2
Pin Connections
Pin #
Single
Dual
1
+Vin
+Vin
2
–Vin
–Vin
3+Vout
+Vout
4
No Pin
Common
5–Vout
–Vout
3rd angle
projection
August 2002
Recommended Footprint Details
2“ x 2“ Package


Similar Part No. - REC15-2424DRWBZ

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
REC15-2424DRWZ RECOM-REC15-2424DRWZ Datasheet
82Kb / 2P
   15 Watt 1??x 2??Single & Dual Output
REC15-2424DRWZH RECOM-REC15-2424DRWZH Datasheet
82Kb / 2P
   15 Watt 1??x 2??Single & Dual Output
More results

Similar Description - REC15-2424DRWBZ

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
REM30-W RECOM-REM30-W Datasheet
2Mb / 8P
   30 Watt 4:1 Input 2 x 1 Single and Dual Output
logo
Vishay Siliconix
DG9414 VISHAY-DG9414_08 Datasheet
135Kb / 10P
   Single 4 x 1 and Dual 2 x 1 Multiplexers
Rev. G, 14-May-07
DG9414 VISHAY-DG9414_11 Datasheet
162Kb / 11P
   Single 4 x 1 and Dual 2 x 1 Multiplexers
Rev. G, 23-May-11
DG9414 VISHAY-DG9414 Datasheet
77Kb / 9P
   Single 4 x 1 and Dual 2 x 1 Multiplexers
Rev. F, 17-Feb-03
DG9415 VISHAY-DG9415_V01 Datasheet
165Kb / 11P
   Single 4 x 1 and Dual 2 x 1 Multiplexers
01-Jan-2022
logo
Wall Industries,Inc.
JC5S33-500 WALL-JC5S33-500 Datasheet
230Kb / 8P
   2:1 Wide Input Range Single and Dual Output 2 Watt DC/DC Converter
JC5533-500 WALL-JC5533-500 Datasheet
242Kb / 8P
   2:1 Wide Input Range Single and Dual Output 2 Watt DC/DC Converter
logo
Recom International Pow...
RSO RECOM-RSO Datasheet
103Kb / 3P
   2:1 and 4:1 Wide Input Voltage Ranges
logo
Wall Industries,Inc.
LANCW5 WALL-LANCW5 Datasheet
231Kb / 3P
   Single and Dual Output 5 Watt DC/DC Converter 2:1 and 4:1 Wide Input Voltage
logo
Recom International Pow...
RAC10-K-277 RECOM-RAC10-K-277 Datasheet
503Kb / 6P
   10 Watt 2 x 1 Single and Dual Output
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com