Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCIMX6U4AVM08AB Datasheet(PDF) 5 Page - NXP Semiconductors

Part # MCIMX6U4AVM08AB
Description  i.MX 6Solo/6DualLite Automotive and Infotainment Applications Processors
Download  169 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MCIMX6U4AVM08AB Datasheet(HTML) 5 Page - NXP Semiconductors

  MCIMX6U4AVM08AB Datasheet HTML 1Page - NXP Semiconductors MCIMX6U4AVM08AB Datasheet HTML 2Page - NXP Semiconductors MCIMX6U4AVM08AB Datasheet HTML 3Page - NXP Semiconductors MCIMX6U4AVM08AB Datasheet HTML 4Page - NXP Semiconductors MCIMX6U4AVM08AB Datasheet HTML 5Page - NXP Semiconductors MCIMX6U4AVM08AB Datasheet HTML 6Page - NXP Semiconductors MCIMX6U4AVM08AB Datasheet HTML 7Page - NXP Semiconductors MCIMX6U4AVM08AB Datasheet HTML 8Page - NXP Semiconductors MCIMX6U4AVM08AB Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 169 page
background image
Introduction
i.MX 6Solo/6DualLite Automotive and Infotainment Applications Processors, Rev. 9, 11/2018
NXP Semiconductors
5
The i.MX 6Solo/6DualLite Applications Processors for Industrial Products data sheet
(IMX6SDLIEC) covers parts listed with “C (Industrial temp)”
For more information go to nxp.com/imx6series or contact a NXP representative for details.
Figure 1. Part Number Nomenclature—i.MX 6Solo and 6DualLite
Figure 2. Example Part Marking
1.2
Features
The i.MX 6Solo/6DualLite processors are based on Arm Cortex-A9 MPCore Platform, which has the
following features:
The i.MX 6Solo supports single Arm Cortex-A9 MPCore (with TrustZone)
The i.MX 6DualLite supports dual Arm Cortex-A9 MPCore (with TrustZone)
The core configuration is symmetric, where each core includes:
Temperature Tj
+
Commercial: 0 to + 95°CD
Extended commercial: -20 to + 105°CE
Industrial: -40 to +105°CC
Automotive: -40 to + 125°CA
Frequency
$$
800 MHz2
08
1 GHz3
10
Package type
RoHS
MAPBGA 21 x 21 0.8mm
VM
Qualification level
MC
Prototype Samples
PC
Mass Production
MC
Special
SC
Part # series
X
i.MX 6DualLite
2x ARM Cortex-A9, 64-bit DDR
U
i.MX 6Solo
1x ARM Cortex-A9, 32-bit DDR
S
Silicon revision1
A
Rev 1.1
B
Rev 1.2 (Maskset ID: 2N81E)
Rev 1.3 (Maskset ID: 3N81E)
C
Rev 1.4 (Maskset ID: 4N81E)
D
Fusing
%
Default settings
A
HDCP enabled
C
MC
IMX6
X
@
+
VV
$$
%
A
1. See the nxp.com\imx6series Web page for latest information on the available silicon revision.
2. If a 24 MHz input clock is used (required for USB), the maximum SoC speed is limited to 792 MHz.
3. If a 24 MHz input clock is used (required for USB), the maximum SoC speed is limited to 996 MHz.
Part differentiator
@
Consumer
VPU
GPU
EPDC
MLB
8
Industrial
VPU
GPU
7
Automotive
VPU
GPU
MLB
6
Consumer
VPU
GPU
MLB
5
Automotive
GPU
MLB
4
Automotive
MLB
1


Similar Part No. - MCIMX6U4AVM08AB

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MCIMX6U4AVM08AB NXP-MCIMX6U4AVM08AB Datasheet
3Mb / 169P
   i.MX 6Solo/6DualLite Applications Processors for Consumer Products
Rev. 9, 11/2018
MCIMX6U4AVM08AB NXP-MCIMX6U4AVM08AB Datasheet
2Mb / 161P
   i.MX 6Solo/6DualLite Applications Processors for Industrial Products
Rev. 9, 11/2018
More results

Similar Description - MCIMX6U4AVM08AB

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
IMX6SDLIEC NXP-IMX6SDLIEC Datasheet
2Mb / 161P
   i.MX 6Solo/6DualLite Applications Processors for Industrial Products
Rev. 9, 11/2018
IMX6SDLCEC NXP-IMX6SDLCEC Datasheet
3Mb / 169P
   i.MX 6Solo/6DualLite Applications Processors for Consumer Products
Rev. 9, 11/2018
IMX6SXAEC NXP-IMX6SXAEC Datasheet
4Mb / 208P
   i.MX 6SoloX Automotive and Infotainment Applications Processors
Rev. 4, 11/2018
IMX8DXAEC NXP-IMX8DXAEC Datasheet
2Mb / 143P
   i.MX 8DualX Automotive and Infotainment Applications Processors
Rev. 3, 05/2020
IMX8QMAEC NXP-IMX8QMAEC Datasheet
2Mb / 155P
   i.MX 8QuadMax Automotive and Infotainment Applications Processors
Rev. 0, 10/2019
IMX8XLB0AEC NXP-IMX8XLB0AEC Datasheet
1Mb / 112P
   i.MX 8XLite Automotive and Infotainment Applications Processors
Rev. 2, 03/2023
IMX8QPAEC NXP-IMX8QPAEC Datasheet
2Mb / 147P
   i.MX 8QuadPlus Automotive and Infotainment Applications Processors
Rev. 2, 05/2021
logo
Freescale Semiconductor...
IMX6DQAEC FREESCALE-IMX6DQAEC Datasheet
2Mb / 165P
   i.MX 6Dual/6Quad Automotive and Infotainment Applications Processors
logo
NXP Semiconductors
IMX6DQAEC NXP-IMX6DQAEC Datasheet
3Mb / 170P
   i.MX 6Dual/6Quad Automotive and Infotainment Applications Processors
logo
Freescale Semiconductor...
MCIMX6Q6AVT10AC FREESCALE-MCIMX6Q6AVT10AC Datasheet
2Mb / 166P
   i.MX 6Dual/6Quad Automotive and Infotainment Applications Processors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com