Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RC5052 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # RC5052
Description  High Performance Programmable Synchronous DC-DC Controller for Low Voltage Microprocessors
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

RC5052 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  RC5052 Datasheet HTML 1Page - Fairchild Semiconductor RC5052 Datasheet HTML 2Page - Fairchild Semiconductor RC5052 Datasheet HTML 3Page - Fairchild Semiconductor RC5052 Datasheet HTML 4Page - Fairchild Semiconductor RC5052 Datasheet HTML 5Page - Fairchild Semiconductor RC5052 Datasheet HTML 6Page - Fairchild Semiconductor RC5052 Datasheet HTML 7Page - Fairchild Semiconductor RC5052 Datasheet HTML 8Page - Fairchild Semiconductor RC5052 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
www.fairchildsemi.com
Pentium is a registered trademark of Intel Corporation
REV. 1.3.2 8/27/01
Features
• Optimized for 12V main power
• Programmable output from 1.3V to 3.5V using an
integrated 5-bit DAC
• Remote sense
• Active Droop
• 85% efficiency typical at full load
• Integrated Power Good and Enable/Soft Start functions
• Drives N-channel MOSFETs
• Overcurrent protection using MOSFET sensing
• 20 pin SOIC package
• Meets Intel Pentium II & III specifications using
minimum number of external components
• Adjustable deadtime, frequency
• Crowbar protection for overvoltage
Applications
• Power supply for Pentium® II & III
• VRM for Pentium II & III processor
• Telecom line cards
• Routers, switches & hubs
• Programmable step-down power supply
Description
The RC5052 is a synchronous mode DC-DC controller IC,
optimized for 12V main power, which provides a highly accu-
rate, programmable output voltage for all Pentium II & III CPU
applications and other high-performance processors. The
RC5052 features remote voltage sensing, adjustable current
limit, and active droop for optimal converter transient
response. The RC5052 uses a 5-bit D/A converter to program
the output voltage from 1.3V to 3.5V. The RC5052 uses a high
level of integration to deliver load currents in excess of 16A
from a 12V source with minimal external circuitry. Synchro-
nous-mode operation offers optimum efficiency over the
entire specified output voltage range. An on-board precision
low TC reference achieves tight tolerance voltage regulation
without expensive external components, while active droop
permits exact tailoring of voltage for the most demanding load
transients. The RC5052 also offers integrated functions
including Power Good, Output Enable/Soft Start, current
limiting, adjustable frequency, adjustable deadtime and over-
voltage crowbar protection, and is available in a 20 pin SOIC
package.
Block Diagram
2
VID0
GNDP
9
10
8
OVP
7
13
4
11
12
3
-
+
-
+
OSC
1.24V
Reference
Digital
Control
5-Bit
DAC
VID1
VID2
VID3
VID4
20 19181716
+12V
+12V
PWRGD
-
+
ENABLE/SS
VO
GNDA
14
LODRV
HIDRV
VCCP
RS
6
15
1
VCCA
DTA
+5V
5
+
-
Power
Good
Rosc
RC5052
High Performance Programmable Synchronous
DC-DC Controller for Low Voltage Microprocessors


Similar Part No. - RC5052

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RC5050 ETC1-RC5050 Datasheet
394Kb / 20P
   Programmable DC-DC Converter for Lo Voltage
RC5050M ETC1-RC5050M Datasheet
394Kb / 20P
   Programmable DC-DC Converter for Lo Voltage
logo
Fairchild Semiconductor
RC5051 FAIRCHILD-RC5051 Datasheet
141Kb / 16P
   Programmable Synchronous DC-DC Controller for Low Voltage Microprocessors
RC5054 FAIRCHILD-RC5054 Datasheet
122Kb / 13P
   Programmable Synchronous DC-DC Converter Controller for Low Voltage Microprocessors
RC5054A FAIRCHILD-RC5054A Datasheet
122Kb / 13P
   Programmable Synchronous DC-DC Converter Controller for Low Voltage Microprocessors
More results

Similar Description - RC5052

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
RC5057 FAIRCHILD-RC5057 Datasheet
177Kb / 20P
   High Performance Programmable Synchronous DC-DC Controller for Low Voltage Microprocessors
RC5051 FAIRCHILD-RC5051 Datasheet
141Kb / 16P
   Programmable Synchronous DC-DC Controller for Low Voltage Microprocessors
RC5054A FAIRCHILD-RC5054A Datasheet
122Kb / 13P
   Programmable Synchronous DC-DC Converter Controller for Low Voltage Microprocessors
logo
Semtech Corporation
SC1156 SEMTECH-SC1156 Datasheet
185Kb / 7P
   PROGRAMMABLE SYNCHRONOUS DC/DC CONTROLLER FOR ADVANCED MICROPROCESSORS?
logo
Fairchild Semiconductor
FAN5070 FAIRCHILD-FAN5070 Datasheet
147Kb / 14P
   High Performance Programmable Synchronous DC-DC Controller
logo
Semtech Corporation
SC1151 SEMTECH-SC1151 Datasheet
97Kb / 6P
   PROGRAMMABLE DC/DC CONTROLLER FOR ADVANCED MICROPROCESSORS
logo
Fairchild Semiconductor
FAN5056MV85 FAIRCHILD-FAN5056MV85 Datasheet
162Kb / 15P
   High Performance Programmable Synchronous DC-DC Controller for Multi-Voltage Platforms
RC5058 FAIRCHILD-RC5058 Datasheet
257Kb / 18P
   High Performance Programmable Synchronous DC-DC Controller for Multi-Voltage Platforms
RC5061 FAIRCHILD-RC5061 Datasheet
135Kb / 18P
   High Performance Programmable Synchronous DC-DC Controller for Multi-Voltage Platforms
FAN5059MX FAIRCHILD-FAN5059MX Datasheet
216Kb / 18P
   High Performance Programmable Synchronous DC-DC Controller for Multi-Voltage Platforms
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com