Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTHS4101PT1 Datasheet(PDF) 2 Page - ON Semiconductor

Part # NTHS4101PT1
Description  Power MOSFET -20 V, 6.7 A, P-Channel ChipFET-TM
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTHS4101PT1 Datasheet(HTML) 2 Page - ON Semiconductor

  NTHS4101PT1 Datasheet HTML 1Page - ON Semiconductor NTHS4101PT1 Datasheet HTML 2Page - ON Semiconductor NTHS4101PT1 Datasheet HTML 3Page - ON Semiconductor NTHS4101PT1 Datasheet HTML 4Page - ON Semiconductor NTHS4101PT1 Datasheet HTML 5Page - ON Semiconductor NTHS4101PT1 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
NTHS4101P
http://onsemi.com
2
ELECTRICAL CHARACTERISTICS (TJ = 25°C unless otherwise noted)
Characteristic
Symbol
Test Condition
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Drain−to−Source Breakdown Voltage (Note 2)
Temperature Coefficient (Positive)
V(Br)DSS
VGS = 0 Vdc, ID = −250 mAdc
−20
Vdc
Gate−Body Leakage Current Zero
IGSS
VDS = 0 Vdc, VGS = "8.0 Vdc
"100
nAdc
Zero Gate Voltage Drain Current
IDSS
VDS = −16 Vdc, VGS = 0 Vdc
VDS = −16 Vdc, VGS = 0 Vdc,
TJ = 85°C
−1.0
−5.0
mAdc
ON CHARACTERISTICS (Note 2)
Gate Threshold Voltage
VGS(th)
VDS = VGS, ID = −250 mAdc
−0.45
−1.5
Vdc
Static Drain−to−Source On−Resistance
RDS(on)
VGS = −4.5 Vdc, ID = −4.8 Adc
VGS = −2.5 Vdc, ID = −4.2 Adc
VGS = −1.8 Vdc, ID = −1.0 Adc
21
30
42
34
40
52
m
W
Forward Transconductance
gFS
VDS = −5.0 Vdc, ID = −4.8 Adc
15
S
Diode Forward Voltage
VSD
IS = −4.8 Adc, VGS = 0 Vdc
−0.8
−1.2
V
DYNAMIC CHARACTERISTICS
Input Capacitance
Ciss
VDS = −16 Vdc
V
V
2100
pF
Output Capacitance
Coss
VGS = 0 V
f=10MHz
290
Transfer Capacitance
Crss
f = 1.0 MHz
200
SWITCHING CHARACTERISTICS (Note 3)
Turn−On Delay Time
td(on)
VDD = −16 Vdc
8.0
ns
Rise Time
tr
VGS = −4.5 Vdc
28
Turn−Off Delay Time
td(off)
ID = −4.5 Adc
75
Fall Time
tf
RG = 2.5 W
60
Gate Charge
Qg
VGS = −4.5 Vdc
25
35
nC
Qgs
ID = −4.5 Adc
4.0
Qgd
VDS = −16 Vdc (Note 3)
7.0
2. Pulse Test: Pulse Width = 250
ms, Duty Cycle = 2%.
3. Switching characteristics are independent of operating junction temperatures.


Similar Part No. - NTHS4101PT1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTHS4101PT1 ONSEMI-NTHS4101PT1 Datasheet
59Kb / 6P
   Power MOSFET -20 V, 6.7 A, P-Channel ChipFET
February, 2007 ??Rev. 3
NTHS4101PT1 ONSEMI-NTHS4101PT1 Datasheet
132Kb / 6P
   Power MOSFET
March, 2012 ??Rev. 4
NTHS4101PT1G ONSEMI-NTHS4101PT1G Datasheet
59Kb / 6P
   Power MOSFET -20 V, 6.7 A, P-Channel ChipFET
February, 2007 ??Rev. 3
NTHS4101PT1G ONSEMI-NTHS4101PT1G Datasheet
132Kb / 6P
   Power MOSFET
March, 2012 ??Rev. 4
More results

Similar Description - NTHS4101PT1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTHS4101P ONSEMI-NTHS4101P_07 Datasheet
59Kb / 6P
   Power MOSFET -20 V, 6.7 A, P-Channel ChipFET
February, 2007 ??Rev. 3
NTHD4102P ONSEMI-NTHD4102P_05 Datasheet
64Kb / 6P
   Power MOSFET -20 V, -4.1 A, Dual P-Channel ChipFET
November, 2005 ??Rev. 5
NTHD4401P ONSEMI-NTHD4401P_05 Datasheet
75Kb / 6P
   Power MOSFET -20 V, -3.0 A, Dual P-Channel, ChipFET
November, 2005 ??Rev. 4
NTHD5903T1 ONSEMI-NTHD5903T1_05 Datasheet
68Kb / 6P
   Power MOSFET -20 V, -3.0 A, Dual P-Channel ChipFET
November, 2005 ??Rev. 4
NTHC5513 ONSEMI-NTHC5513 Datasheet
89Kb / 10P
   Power MOSFET 20 V, 3.9 A / ??.0 A, Complementary ChipFET-TM
October, 2004 ??Rev. 4
NTHD4102P ONSEMI-NTHD4102P Datasheet
69Kb / 6P
   Power MOSFET -20 V, -4.1 A, Dual P-Channel ChipFET
October, 2004 ??Rev. 4
NTHS5445T1 ONSEMI-NTHS5445T1 Datasheet
206Kb / 8P
   Power MOSFET P?묬hannel ChipFET-TM
February, 2005 ??Rev. XXX
NTHS4501N ONSEMI-NTHS4501N Datasheet
65Kb / 6P
   Power MOSFET 30 V, 6.7 A, Single N?묬hannel, ChipFET Package
February, 2007 ??Rev. 4
NTHS4111P ONSEMI-NTHS4111P_06 Datasheet
193Kb / 6P
   Power MOSFET -30 V, -6.1 A, Single P-Channel, ChipFET
August, 2006 ??Rev. 2
NTHD5903T1-D ONSEMI-NTHD5903T1-D Datasheet
69Kb / 8P
   Power MOSFET Dual P-Channel ChipFET
March, 2002 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com