Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RDD05-12D3 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # RDD05-12D3
Description  DC-DC CONVERTER 5 - 6W ( RDD05 SERIES )
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

RDD05-12D3 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  RDD05-12D3 Datasheet HTML 1Page - List of Unclassifed Manufacturers RDD05-12D3 Datasheet HTML 2Page - List of Unclassifed Manufacturers RDD05-12D3 Datasheet HTML 3Page - List of Unclassifed Manufacturers RDD05-12D3 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
DC-DC CONVERTER
RDD05 SERIES
5 ~ 6W
CHINFA ELECTRONICS IND., CO. LTD.
ISO 9001 Certified
www.chinfa.com
sales@chinfa.com
RDD05 – 03 S 1
MODEL LIST
MODEL NO.
INPUT
VOLTAGE
OUTPUT
WATTAGE
OUTPUT
VOLTAGE
OUTPUT
CURRENT
EFF.
(MIN.)
CASE
Single Output Models
RDD05 - 03S1
9~18 VDC
5 WATTS
+3.3 VDC
1500 mA
74%
FC
RDD05 - 05S1
9~18 VDC
5 WATTS
+ 5 VDC
1000 mA
77%
FC
RDD05 - 12S1
9~18 VDC
6 WATTS
+ 12 VDC
500 mA
81%
FC
RDD05 - 15S1
9~18 VDC
6 WATTS
+ 15 VDC
400 mA
82%
FC
RDD05 - 03S2
18~36 VDC
5 WATTS
+3.3 VDC
1500 mA
77%
FC
RDD05 - 05S2
18~36 VDC
5 WATTS
+ 5 VDC
1000 mA
80%
FC
RDD05 - 12S2
18~36 VDC
6 WATTS
+ 12 VDC
500 mA
84%
FC
RDD05 - 15S2
18~36 VDC
6 WATTS
+ 15 VDC
400 mA
85%
FC
RDD05 - 03S3
35~75 VDC
5 WATTS
+3.3 VDC
1500 mA
78%
FC
RDD05 - 05S3
35~75 VDC
5 WATTS
+ 5 VDC
1000 mA
81%
FC
RDD05 - 12S3
35~75 VDC
6 WATTS
+ 12 VDC
500 mA
85%
FC
RDD05 - 15S3
35~75 VDC
6 WATTS
+ 15 VDC
400 mA
86%
FC
Dual Output Models
RDD05 - 05D1
9~18 VDC
5 WATTS
± 5 VDC
± 500 mA
76%
FC
RDD05 - 12D1
9~18 VDC
6 WATTS
± 12 VDC
± 250 mA
80%
FC
RDD05 - 15D1
9~18 VDC
6 WATTS
± 15 VDC
± 200 mA
81%
FC
RDD05 - 05D2
18~36 VDC
5 WATTS
± 5 VDC
± 500 mA
78%
FC
RDD05 - 12D2
18~36 VDC
6 WATTS
± 12 VDC
± 250 mA
83%
FC
RDD05 - 15D2
18~36 VDC
6 WATTS
± 15 VDC
± 200 mA
84%
FC
RDD05 - 05D3
35~75 VDC
5 WATTS
± 5 VDC
± 500 mA
79%
FC
RDD05 - 12D3
35~75 VDC
6 WATTS
± 12 VDC
± 250 mA
84%
FC
RDD05 - 15D3
35~75 VDC
6 WATTS
± 15 VDC
± 200 mA
85%
FC
03 : 3.3V OUT
05
: 5V OUT
12
: 12V OUT
15
: 15V OUT
WATTAGE
S : SINGLE OUTPUT
D : DUAL OUTPUT
1: 9~18V IN
2: 18~36V IN
3: 35~75V IN


Similar Part No. - RDD05-12D3

ManufacturerPart #DatasheetDescription
logo
Chinfa Electronics Ind....
RDD05-12D3 CHINFA-RDD05-12D3 Datasheet
174Kb / 4P
   DC - AC CONVERTER 5 ~ 6W SINGLE & DUAL OUTPUT
RDD05-12D3 CHINFA-RDD05-12D3 Datasheet
184Kb / 4P
   DC - AC CONVERTER 5 ~ 6W SINGLE & DUAL OUTPUT
RDD05-12D3U CHINFA-RDD05-12D3U Datasheet
503Kb / 8P
   DC - DC CONVERTER 5 ~ 6W SINGLE & DUAL OUTPUT
RDD05-12D3U CHINFA-RDD05-12D3U Datasheet
382Kb / 8P
   DC - DC CONVERTER 5 ~ 6W SINGLE & DUAL OUTPUT
RDD05-12D3U CHINFA-RDD05-12D3U Datasheet
177Kb / 4P
   DC - AC CONVERTER 5 ~ 6W SINGLE & DUAL OUTPUT
More results

Similar Description - RDD05-12D3

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FDD05 ETC1-FDD05 Datasheet
147Kb / 4P
   DC-DC CONVERTER 5 ~ 6W
logo
Minmax Technology Co., ...
MDWI06 MINMAX-MDWI06 Datasheet
462Kb / 4P
   DC-DC CONVERTER 6W
MIW06M MINMAX-MIW06M Datasheet
941Kb / 5P
   DC-DC CONVERTER 6W
logo
Chinfa Electronics Ind....
TDD05-03S4 CHINFA-TDD05-03S4 Datasheet
524Kb / 8P
   DC - DC CONVERTER 5 ~ 6W SINGLE & DUAL OUTPUT
IDD05U CHINFA-IDD05U Datasheet
212Kb / 4P
   DC - DC CONVERTER 5 ~ 6W SINGLE & DUAL OUTPUT
IDD05-03S4U CHINFA-IDD05-03S4U Datasheet
211Kb / 4P
   DC - DC CONVERTER 5 ~ 6W SINGLE & DUAL OUTPUT
logo
HY-LINE Power Component...
P6Z243R3S HY-LINE-P6Z243R3S Datasheet
182Kb / 3P
   6W DC-DC Converter P6Z-Series
Rev: 8.07 f
P6M053R3S HY-LINE-P6M053R3S Datasheet
224Kb / 3P
   6W DC-DC Converter P6M-Series
Rev: 01.14 f
P6Y1205S HY-LINE-P6Y1205S Datasheet
102Kb / 2P
   6W DC-DC Converter P6Y-Series
Rev: 2.06 f
P6C053R3S HY-LINE-P6C053R3S Datasheet
167Kb / 3P
   6W DC-DC Converter P6C-Series
Rev: 02.14 f
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com