Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

43201410 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 43201410
Description  Industrial Ethernet Switch - FL SWITCH 2008
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

43201410 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  43201410 Datasheet HTML 1Page - PHOENIX CONTACT 43201410 Datasheet HTML 2Page - PHOENIX CONTACT 43201410 Datasheet HTML 3Page - PHOENIX CONTACT 43201410 Datasheet HTML 4Page - PHOENIX CONTACT 43201410 Datasheet HTML 5Page - PHOENIX CONTACT 43201410 Datasheet HTML 6Page - PHOENIX CONTACT 43201410 Datasheet HTML 7Page - PHOENIX CONTACT 43201410 Datasheet HTML 8Page - PHOENIX CONTACT 43201410 Datasheet HTML 9Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
https://www.phoenixcontact.com/pi/products/2702324
09/30/2021   Page 1 / 9
Industrial Ethernet Switch - FL SWITCH 2008 - 2702324
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
Managed Switch 2000, 8 RJ45 ports 10/100 Mbps, degree of protection: IP20, PROFINET Conformance-
Class A
Your advantages
 Suitable for PROFINET and EtherNet/IP™ networks
 Unmanaged Mode
 Easy and fast startup and commissioning with the FL NETWORK MANAGER software
 Configuration memory
 RSTP
 MRP client
 DHCP client, DHCP server (port-based)
 VLANs
 Web-based management, SNMP
Key Commercial Data
Packing unit
1 pc
GTIN
GTIN
4055626128917
Technical data
Note
Utilization restriction
EMC: class A product, see manufacturer's declaration in the download
area
Dimensions
Width
45 mm
Height
130 mm
Depth
115 mm
Ambient conditions


Similar Part No. - 43201410

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
43201410 PHOENIX-43201410 Datasheet
334Kb / 14P
   Industrial Ethernet Switch - FL SWITCH 2214-2FX
43201410 PHOENIX-43201410 Datasheet
51Kb / 3P
   Evaluation Board - TPS-1 EVA BOARD
43201410 PHOENIX-43201410 Datasheet
286Kb / 14P
   Industrial Ethernet Switch - FL SWITCH 2206-2SFX
43201410 PHOENIX-43201410 Datasheet
217Kb / 9P
   Industrial Ethernet Switch - FL SWITCH 2005
43201410 PHOENIX-43201410 Datasheet
236Kb / 10P
   Industrial Ethernet Switch - FL SWITCH 2205
More results

Similar Description - 43201410

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2702881 PHOENIX-2702881 Datasheet
519Kb / 17P
   Industrial Ethernet Switch - FL NAT 2008
Dec 2, 2022
1085039 PHOENIX-1085039 Datasheet
274Kb / 8P
   Industrial Ethernet Switch - FL SWITCH 1005N
2702326 PHOENIX-2702326 Datasheet
236Kb / 10P
   Industrial Ethernet Switch - FL SWITCH 2205
2891032 PHOENIX-2891032 Datasheet
459Kb / 14P
   Industrial Ethernet Switch - FL SWITCH 3005T
Dec 2, 2022
1085165 PHOENIX-1085165 Datasheet
409Kb / 14P
   Industrial Ethernet Switch - FL SWITCH 1008NT
Nov 16, 2022
2702666 PHOENIX-2702666 Datasheet
228Kb / 10P
   Industrial Ethernet Switch - FL SWITCH 2108
1085243 PHOENIX-1085243 Datasheet
261Kb / 8P
   Industrial Ethernet Switch - FL SWITCH 1108N
2702652 PHOENIX-2702652 Datasheet
247Kb / 11P
   Industrial Ethernet Switch - FL SWITCH 2308
1196228 PHOENIX-1196228 Datasheet
229Kb / 7P
   Industrial Ethernet Switch - FL SWITCH 1708
Dec 2, 2022
2702909 PHOENIX-2702909 Datasheet
695Kb / 20P
   Industrial Ethernet Switch - FL SWITCH 2316
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com