Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

43201404 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part No. 43201404
Description  Cable clamp type cage and shield adapter - RC-Z2449
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

43201404 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  43201404 Datasheet HTML 1Page - PHOENIX CONTACT 43201404 Datasheet HTML 2Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
https://www.phoenixcontact.com/pi/products/1607024
10/06/2021   Page 1 / 2
Cable clamp type cage and shield adapter - RC-Z2449 - 1607024
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
Cable clamp type cage and shield adapter, shielded: yes, litz wire bundle diameter: 4.3 mm, cable diameter
range: 7.5 mm ... 9.5 mm
Key Commercial Data
Packing unit
1 pc
Minimum order quantity
10 pc
GTIN
GTIN
4046356278478
Technical data
General
Conductor entry
7.5 mm ... 9.5 mm
Environmental Product Compliance
REACh SVHC
Lead 7439-92-1
China RoHS
Environmentally Friendly Use Period = 50 years
For details about hazardous substances go to tab “Downloads”,
Category “Manufacturer's declaration”
Classifications
eCl@ss
eCl@ss 10.0.1
27144432
eCl@ss 11.0
27144432
eCl@ss 4.0
27141200
eCl@ss 4.1
27260700
eCl@ss 5.0
27149100
eCl@ss 5.1
27260700


Similar Part No. - 43201404

ManufacturerPart No.DatasheetDescription
PHOENIX CONTACT
PHOENIX CONTACT
43201404 PHOENIX-43201404 Datasheet
241Kb / 2P
   Plastic anti-static dust protection cap - RC-Z2468
43201404 PHOENIX-43201404 Datasheet
75Kb / 4P
   Device connector, front mounting - CA-12S1NA22S00
43201404 PHOENIX-43201404 Datasheet
63Kb / 4P
   Cable connector - CA-06S1N128007
43201404 PHOENIX-43201404 Datasheet
246Kb / 6P
   Cable connector - CA-07P1N12T007S
43201404 PHOENIX-43201404 Datasheet
68Kb / 4P
   Device connector, rear mounting - CA-19P1N12HZ00
More results

Similar Description - 43201404

ManufacturerPart No.DatasheetDescription
PHOENIX CONTACT
PHOENIX CONTACT
1607025 PHOENIX-1607025 Datasheet
44Kb / 2P
   Cable clamp type cage and shield adapter - RC-Z2452
09/18/2014
1604558 PHOENIX-1604558 Datasheet
174Kb / 2P
   Cable clamp type cage and shield adapter - RC-Z2462
1604549 PHOENIX-1604549 Datasheet
44Kb / 2P
   Cable clamp type cage and shield adapter - RC-Z2455
1604362 PHOENIX-1604362 Datasheet
43Kb / 2P
   Cable clamp type cage and shield adapter - RC-Z2221
1604364 PHOENIX-1604364 Datasheet
44Kb / 2P
   Cable clamp type cage and shield adapter - RC-Z2222
1604368 PHOENIX-1604368 Datasheet
44Kb / 2P
   Cable clamp type cage and shield adapter - RC-Z2225
1604561 PHOENIX-1604561 Datasheet
218Kb / 2P
   Unshielded cable clamp type cage - RC-Z2463
HARTING Technology Group
HARTING Technology Grou...
09-00-000-5342 HARTING-09-00-000-5342 Datasheet
484Kb / 2P
   Clamp f. Shield Frames (Cable 10mm)
2021-10-01
Glenair, Inc.
Glenair, Inc.
M24758-24C GLENAIR-M24758-24C Datasheet
52Kb / 1P
   Multiple Shield Termination Adapter
Japan Aviation Electronics Industry, Ltd.
Japan Aviation Electron...
FI-RE21S-VF JAE-FI-RE21S-VF Datasheet
151Kb / 1P
   SHIELD TYPE
More results


Html Pages

1  2 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz