Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

1607916 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1607916
Description  Crimp contact - SL-1CKS010
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1607916 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1607916 Datasheet HTML 1Page - PHOENIX CONTACT 1607916 Datasheet HTML 2Page - PHOENIX CONTACT 1607916 Datasheet HTML 3Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
https://www.phoenixcontact.com/us/products/1607916
1/7/14   Page 1 / 3
Crimp contact - SL-1CKS010 - 1607916
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://download.phoenixcontact.com)
Crimp contact, turned, Contact diameter: 10 mm, Crimp range: 10 mm²...10 mm²
Key commercial data
Packing unit
1 pc
Weight per Piece (excluding packing)
39.42 GRM
Custom tariff number
85389099
Country of origin
Germany
Technical data
General
Contact type
turned
Contact diameter
10 mm
Contact type
Socket
Connection type
Crimp connection
Insertion/withdrawal cycles mechanical
50
Litz wire cross section min.
10 mm²
Litz wire cross section max.
10 mm²
Classifications
eCl@ss
eCl@ss 4.0
272607xx
eCl@ss 4.1
27260701
eCl@ss 5.0
27260701
eCl@ss 5.1
27260701
eCl@ss 6.0
27260708


Similar Part No. - 1607916

ManufacturerPart #DatasheetDescription
PHOENIX CONTACT
PHOENIX CONTACT
1607911 PHOENIX-1607911 Datasheet
50Kb / 3P
   Crimp contact - SL-1CKP010
1607912 PHOENIX-1607912 Datasheet
50Kb / 3P
   Crimp contact - SL-1CKP020
1607913 PHOENIX-1607913 Datasheet
50Kb / 3P
   Crimp contact - SL-1CKP030
1607914 PHOENIX-1607914 Datasheet
50Kb / 3P
   Crimp contact - SL-1CKP040
1607915 PHOENIX-1607915 Datasheet
50Kb / 3P
   Crimp contact - SL-1CKP050
More results

Similar Description - 1607916

ManufacturerPart #DatasheetDescription
PHOENIX CONTACT
PHOENIX CONTACT
1607918 PHOENIX-1607918 Datasheet
51Kb / 3P
   Crimp contact - SL-1CKS030
1607912 PHOENIX-1607912 Datasheet
50Kb / 3P
   Crimp contact - SL-1CKP020
1607913 PHOENIX-1607913 Datasheet
50Kb / 3P
   Crimp contact - SL-1CKP030
1607909 PHOENIX-1607909 Datasheet
48Kb / 2P
   Crimp contact - SL-16KP010
1607915 PHOENIX-1607915 Datasheet
50Kb / 3P
   Crimp contact - SL-1CKP050
1607911 PHOENIX-1607911 Datasheet
50Kb / 3P
   Crimp contact - SL-1CKP010
1607919 PHOENIX-1607919 Datasheet
51Kb / 3P
   Crimp contact - SL-1CKS040
1607914 PHOENIX-1607914 Datasheet
50Kb / 3P
   Crimp contact - SL-1CKP040
1607920 PHOENIX-1607920 Datasheet
51Kb / 3P
   Crimp contact - SL-1CKS050
1607956 PHOENIX-1607956 Datasheet
48Kb / 2P
   Crimp contact - SL-16KS010
More results


Html Pages

1  2  3 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com