Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSOP6937 Datasheet(PDF) 6 Page - Vaishali Semiconductor

Part # TSOP6937
Description  IR Receiver Modules for Remote Control Systems
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VAISH [Vaishali Semiconductor]
Direct Link  
Logo VAISH - Vaishali Semiconductor

TSOP6937 Datasheet(HTML) 6 Page - Vaishali Semiconductor

Back Button TSOP6937 Datasheet HTML 2Page - Vaishali Semiconductor TSOP6937 Datasheet HTML 3Page - Vaishali Semiconductor TSOP6937 Datasheet HTML 4Page - Vaishali Semiconductor TSOP6937 Datasheet HTML 5Page - Vaishali Semiconductor TSOP6937 Datasheet HTML 6Page - Vaishali Semiconductor TSOP6937 Datasheet HTML 7Page - Vaishali Semiconductor TSOP6937 Datasheet HTML 8Page - Vaishali Semiconductor TSOP6937 Datasheet HTML 9Page - Vaishali Semiconductor TSOP6937 Datasheet HTML 10Page - Vaishali Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
www.vishay.com
6
Document Number 84687
Rev. 1.0, 01-Mar-05
TSOP69..
Vishay Semiconductors
Package Dimensions in mm
Assembly Instructions
Reflow Soldering
• Reflow soldering must be done within 72 hours
stored under max. 30 °C, 60 % RH after opening
envelop
• Recommended soldering paste (composition: SN 63
%, Pb 37 %) Melting temperature 178 °C to 192 °C
• Apply solder paste to the specified soldering pads,
by using a dispenser or by screen printing.
16629


Similar Part No. - TSOP6937

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TSOP61 VISHAY-TSOP61 Datasheet
648Kb / 26P
   IR Receiver Modules for Remote Control Systems
Rev. 1.3, 22-Jul-16
TSOP61 VISHAY-TSOP61 Datasheet
417Kb / 13P
   IR Receiver Modules for Remote Control Systems
01-Jan-2023
TSOP61.. VISHAY-TSOP61.. Datasheet
417Kb / 13P
   IR Receiver Modules for Remote Control Systems
01-Jan-2023
TSOP6130 VISHAY-TSOP6130 Datasheet
414Kb / 13P
   IR Receiver Modules for Remote Control Systems
Rev. 1.7, 10-Jun-08
TSOP6130 VISHAY-TSOP6130 Datasheet
648Kb / 26P
   IR Receiver Modules for Remote Control Systems
Rev. 1.3, 22-Jul-16
More results

Similar Description - TSOP6937

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TSOP1330SB1 VISHAY-TSOP1330SB1 Datasheet
233Kb / 7P
   IR Receiver Modules for Remote Control Systems
Rev. 6, 15-Oct-2002
TSOP61 VISHAY-TSOP61 Datasheet
648Kb / 26P
   IR Receiver Modules for Remote Control Systems
Rev. 1.3, 22-Jul-16
TSOP331 VISHAY-TSOP331 Datasheet
490Kb / 22P
   IR Receiver Modules for Remote Control Systems
Rev. 1.1, 22-Jul-16
TSOP361 VISHAY-TSOP361 Datasheet
654Kb / 26P
   IR Receiver Modules for Remote Control Systems
Rev. 1.3, 22-Jul-16
TSOP53230 VISHAY-TSOP53230 Datasheet
479Kb / 22P
   IR Receiver Modules for Remote Control Systems
Rev. 1.1, 22-Jul-16
TSOP77P38 VISHAY-TSOP77P38 Datasheet
278Kb / 12P
   IR Receiver Modules for Remote Control Systems
Rev. 1.0, 13-Mar-12
TSOP352 VISHAY-TSOP352 Datasheet
323Kb / 12P
   IR Receiver Modules for Remote Control Systems
Rev. 1.6, 03-Sep-13
TSOP773 VISHAY-TSOP773 Datasheet
297Kb / 12P
   IR Receiver Modules for Remote Control Systems
Rev. 1.4, 22-Jul-16
TSOP77230W VISHAY-TSOP77230W Datasheet
336Kb / 12P
   IR Receiver Modules for Remote Control Systems
Rev. 1.6, 13-Sep-17
TSOP21 VISHAY-TSOP21 Datasheet
238Kb / 8P
   IR Receiver Modules for Remote Control Systems
Rev. 1.1, 31-Jan-05
TSOP31130 VISHAY-TSOP31130 Datasheet
164Kb / 8P
   IR Receiver Modules for Remote Control Systems
Rev. 1.2, 26-Sep-08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com