Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AN6783S Datasheet(PDF) 3 Page - Panasonic Semiconductor

Part # AN6783S
Description  IC for long interval timer
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AN6783S Datasheet(HTML) 3 Page - Panasonic Semiconductor

  AN6783S Datasheet HTML 1Page - Panasonic Semiconductor AN6783S Datasheet HTML 2Page - Panasonic Semiconductor AN6783S Datasheet HTML 3Page - Panasonic Semiconductor AN6783S Datasheet HTML 4Page - Panasonic Semiconductor AN6783S Datasheet HTML 5Page - Panasonic Semiconductor AN6783S Datasheet HTML 6Page - Panasonic Semiconductor AN6783S Datasheet HTML 7Page - Panasonic Semiconductor AN6783S Datasheet HTML 8Page - Panasonic Semiconductor AN6783S Datasheet HTML 9Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3
ICs for Timer
AN6783S
s Electrical Characteristics at Ta = 25°C (continued)
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
High-level Mon. terminal voltage
VMH
VCC = 18 V
17.8
18.0
V
Low-level Mon. terminal voltage
VML
VCC = 3.2 V

0.4
V
Oscillation frequency precision
fOSC
VCC = 5 V, RT = 1 kΩ,
9.0
9.5
10.0
kHz
CT = 0.1 µF
Oscillation frequency fluctuation with
∆f
V
VCC = 5 V,
−5.0
5.0
%
supply voltage
3.2 V to 18.0 V
High-level input voltage
VIH
VCC = 5 V
2.0

V
Low-level input voltage
VIL
VCC = 5 V

0.8
V
• Design reference data
Note) The characteristic values below are theoretical values for designing and not guaranteed.
The data show the changing amount within Ta = −35°C to +85°C when the values at Ta = 25°C is taken as the reference.
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Oscillation frequency-
∆f
r
VCC = 5 V, RT = 1 kΩ,
−5.0
5.0
%
temperature dependency
CT = 0.1 µF
Pin No.
Equivalent circuit
Description
I/O
DC
voltage
1
VS :
O
2.55 V
Stabilized power supply output terminal.
Reference voltage source for oscillation
circuit.
2
Stop :
I
Oscillation stop input terminal. Only the
oscillation circuit stops when this termi-
nal becomes low-level.
(F.F. is not cleared)
When not used, the terminal should be
open or connected to VCC .
s Terminal Equivalent Circuits
VCC
VS
Stop


Similar Part No. - AN6783S

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
AN678 SILABS-AN678 Datasheet
593Kb / 2P
   PRECISION32??MCU DEVELOPMENT KIT QUICK-START GUIDE
AN678 SILABS-AN678 Datasheet
329Kb / 8P
   PRECISION32??SI32FLASHUTILITY COMMAND-LINE PROGRAMMER
logo
Panasonic Semiconductor
AN6780 PANASONIC-AN6780 Datasheet
47Kb / 4P
   General Purpose Long Interval Timers
AN6780S PANASONIC-AN6780S Datasheet
47Kb / 4P
   General Purpose Long Interval Timers
More results

Similar Description - AN6783S

ManufacturerPart #DatasheetDescription
logo
Littelfuse
KSD2 LITTELFUSE-KSD2 Datasheet
530Kb / 2P
   Interval Timer
2016 Rev: 1-A-062116
HRDI LITTELFUSE-HRDI Datasheet
661Kb / 2P
   Interval Timer
2016 Rev: 1-A-062116
logo
Digital Core Design
D8254 DCD-D8254 Datasheet
132Kb / 4P
   Programmable Interval Timer
logo
Toshiba Semiconductor
TMP82C53 TOSHIBA-TMP82C53 Datasheet
326Kb / 15P
   PROGRAMMABLE INTERVAL TIMER
logo
Intel Corporation
8254 INTEL-8254 Datasheet
835Kb / 21P
   PROGRAMMABLE INTERVAL TIMER
logo
Samsung semiconductor
KS82C54 SAMSUNG-KS82C54 Datasheet
953Kb / 15P
   PROGRAMMABLE INTERVAL TIMER
logo
NEC
UPD8253 NEC-UPD8253 Datasheet
419Kb / 11P
   PROGRAMMABLE INTERVAL TIMER
logo
Toshiba Semiconductor
TMP82C54 TOSHIBA-TMP82C54 Datasheet
556Kb / 26P
   PROGRAMMABLE INTERVAL TIMER
TMP8253 TOSHIBA-TMP8253 Datasheet
319Kb / 14P
   PROGRAMMABLE INTERVAL TIMER
logo
Intel Corporation
8253 INTEL-8253 Datasheet
700Kb / 11P
   PROGRAMMABLE INTERVAL TIMER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com