Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX2385 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX2385
Description  CDMA GPS LNA/Mixers
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2385 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX2385 Datasheet HTML 1Page - Maxim Integrated Products MAX2385 Datasheet HTML 2Page - Maxim Integrated Products MAX2385 Datasheet HTML 3Page - Maxim Integrated Products MAX2385 Datasheet HTML 4Page - Maxim Integrated Products MAX2385 Datasheet HTML 5Page - Maxim Integrated Products MAX2385 Datasheet HTML 6Page - Maxim Integrated Products MAX2385 Datasheet HTML 7Page - Maxim Integrated Products MAX2385 Datasheet HTML 8Page - Maxim Integrated Products MAX2385 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
CDMA + GPS LNA/Mixers
_______________________________________________________________________________________
3
AC ELECTRICAL CHARACTERISTICS
(MAX2385/MAX2386 EV kit, VCC = +2.75V, TA = -40°C to +85°C, fRF = 832MHz to 870MHz (CDMA), fRF = 1575.42MHz (GPS), fIF =
110MHz, fLO = (fRF - fIF) 2 (CDMA), fLO = 1465.42MHz (GPS), LO input power = -12dBm, 50
Ω RF system impedance, IF matched
to 50
Ω load, RBIAS = 47kΩ, VIH = +2.0V, VIL = +0.6V. Typical values are at fRF = 851MHz, TA = +25°C (CDMA). (Note 3) (Table 1)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
FREQUENCY RANGE
IF Frequency Range
(Note 4)
70
200
MHz
CDMA mode (Note 5)
832
870
RF Frequency Range
GPS mode
1575.42
MHz
CDMA mode
1260
1482
1600
LO Frequency Range
GPS mode
1300
1465
1600
MHz
LNA PERFORMANCE
TA = +25°C, fRF = 851MHz
13.8
15.0
16.5
HGHL mode
(Note 6)
13.1
HGLL mode
TA = +25°C, fRF = 851MHz
12.4
14.0
15.4
TA = +25°C, fRF = 851MHz
-0.6
0.7
2.0
MG mode
(Note 6)
-1.4
TA = +25°C, fRF = 851MHz
-6.2
-5.3
-4.4
LG/ULG
mode
(Note 6)
-7.1
TA = +25°C, fRF = 1575MHz
16.6
18.5
20.4
GPS mode
(MAX2385)
(Note 6)
14.5
TA = +25°C, fRF = 1575MHz
19.7
20.9
22.1
Gain
GPS mode
(MAX2386)
(Note 6)
16.8
dB
HGHL mode
1.5
1.8
HGLL mode
1.5
1.8
MG mode
3.8
4.7
LG/ULG mode
8.2
9.5
Noise Figure
TA = +25°C
GPS mode
1.7
1.9
dB
HGHL mode
0.5
HGLL mode
0.5
MG mode
0.9
LG/ULG mode
1.0
Noise Figure Change Over
Temperature
(TA = +25°C to +85°C)
GPS mode
0.5
dB


Similar Part No. - MAX2385

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX238 MAXIM-MAX238 Datasheet
395Kb / 36P
   5V-Powered, Multichannel RS-232 Drivers/Receivers
Rev 15; 1/06
MAX238 MAXIM-MAX238 Datasheet
377Kb / 38P
   5V-Powered, Multichannel RS-232 Drivers/Receivers
Rev 16; 7/10
MAX238 MAXIM-MAX238 Datasheet
676Kb / 38P
   MAX220?밠AX249 5V-Powered, Multichannel RS-232 Drivers/Receivers
Rev 16; 7/10
MAX2383 MAXIM-MAX2383 Datasheet
174Kb / 8P
   W-CDMA Upconverter and PA Driver with Power Control
Rev 1; 8/03
MAX2383 MAXIM-MAX2383 Datasheet
262Kb / 5P
   Evaluation Kit
Rev 0; 7/01
More results

Similar Description - MAX2385

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2338 MAXIM-MAX2338 Datasheet
210Kb / 13P
   Triple/Dual-Mode CDMA LNA/Mixers
Rev 1; 3/01
MAX2323 MAXIM-MAX2323 Datasheet
164Kb / 14P
   Triple/Dual-Mode CDMA LNA/Mixers
Rev 0; 7/00
MAX2338 MAXIM-MAX2338_V01 Datasheet
214Kb / 13P
   Triple/Dual-Mode CDMA LNA/Mixers
2003
MAX2351 MAXIM-MAX2351_04 Datasheet
603Kb / 27P
   Quadruple-Mode PCS/Cellular/GPS LNA/Mixers
Rev 3; 1/04
logo
NXP Semiconductors
SA9503 PHILIPS-SA9503 Datasheet
169Kb / 16P
   Dual-band, CDMA/AMPS LNA and downconverter mixers
1999 Jul 29
logo
API Technologies Corp
312 APITECH-312 Datasheet
1Mb / 7P
   Pre-Filtered GPS LNA
logo
Maxim Integrated Produc...
MAX2335 MAXIM-MAX2335 Datasheet
228Kb / 11P
   450MHz CDMA/OFDM LNA/Mixer
Rev 0; 10/05
logo
STMicroelectronics
SMA661AS STMICROELECTRONICS-SMA661AS_07 Datasheet
414Kb / 14P
   Fully integrated GPS LNA IC
logo
Will Semiconductor Ltd.
WS7916S WILLSEMI-WS7916S Datasheet
813Kb / 6P
   CMOS High Gain GPS LNA
logo
STMicroelectronics
SMA661AS STMICROELECTRONICS-SMA661AS Datasheet
158Kb / 10P
   GPS HIGH GAIN LNA ICs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com