Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL97631IHTZ-T7 Datasheet(PDF) 1 Page - Intersil Corporation

Part # ISL97631IHTZ-T7
Description  White LED Boost Regulator With Integrated Schottky Diode
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL97631IHTZ-T7 Datasheet(HTML) 1 Page - Intersil Corporation

  ISL97631IHTZ-T7 Datasheet HTML 1Page - Intersil Corporation ISL97631IHTZ-T7 Datasheet HTML 2Page - Intersil Corporation ISL97631IHTZ-T7 Datasheet HTML 3Page - Intersil Corporation ISL97631IHTZ-T7 Datasheet HTML 4Page - Intersil Corporation ISL97631IHTZ-T7 Datasheet HTML 5Page - Intersil Corporation ISL97631IHTZ-T7 Datasheet HTML 6Page - Intersil Corporation ISL97631IHTZ-T7 Datasheet HTML 7Page - Intersil Corporation ISL97631IHTZ-T7 Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
®
FN7370.1
ISL97631
White LED Boost Regulator With
Integrated Schottky Diode
The ISL97631 represents a high efficiency, constant
frequency PWM regulator with integrated boost diode and
FET. Designed for use in white LED driving applications, the
ISL97631 features efficiencies up to 85%. It operates at
1.35MHz switching frequency and operates from an input
voltage of between 2.7V and 5.5V. The maximum output
voltage of 27V enables the ISL97631 to drive up to 6 LEDs in
series. It is also possible to use the ISL97631 to drive LEDs
in series/parallel combination for applications requiring up to
15 LEDs.
Available in the 6 Ld TSOT package, the ISL97631 offers
high efficiency, constant frequency operation. It is specified
for operation over the -40°C to +85°C ambient temperature
range.
Pinout
ISL97631
(6 LD TSOT)
TOP VIEW
Features
• Up to 6 LEDs in series
• 27V maximum output
• 2.7V to 5.5V input
• Up to 85% efficient
• 1.35MHz constant frequency
• Enable/PWM dimming control
• Pb-free plus anneal available (RoHS compliant)
Applications
• LED backlighting
• Cell phones
•PDAs
• Handheld games
• MP3 players
•GPS
• Other handheld devices
1
2
3
6
4
VOUT
GND
LX
VIN
ENAB
5FB
Ordering Information
PART NUMBER
PART
MARKING
PCS.
TAPE &
REEL
PACKAGE
(TAPE AND REEL)
PKG. DWG. #
ISL97631IHTZ-T7 (See Note)
631Z
3,000
7”
6 Ld TSOT (Pb-free)
MDP0049
ISL97631IHTZ-T7A (See Note)
631Z
270
7”
6 Ld TSOT (Pb-free)
MDP0049
NOTE: Intersil Pb-free plus anneal products employ special Pb-free material sets; molding compounds/die attach materials and 100% matte tin plate
termination finish, which are RoHS compliant and compatible with both SnPb and Pb-free soldering operations. Intersil Pb-free products are MSL
classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
Data Sheet
December 21, 2005
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright Intersil Americas Inc. 2005. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.


Similar Part No. - ISL97631IHTZ-T7

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL97631IHTZ-T7 RENESAS-ISL97631IHTZ-T7 Datasheet
471Kb / 8P
   White LED Boost Regulator With Integrated Schottky Diode
ISL97631IHTZ-T7A RENESAS-ISL97631IHTZ-T7A Datasheet
471Kb / 8P
   White LED Boost Regulator With Integrated Schottky Diode
More results

Similar Description - ISL97631IHTZ-T7

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL97631 RENESAS-ISL97631 Datasheet
471Kb / 8P
   White LED Boost Regulator With Integrated Schottky Diode
logo
Intersil Corporation
EL7630 INTERSIL-EL7630 Datasheet
223Kb / 7P
   White LED Boost Regulator
EL7630 INTERSIL-EL7630_06 Datasheet
222Kb / 7P
   White LED Boost Regulator
logo
Renesas Technology Corp
EL7630 RENESAS-EL7630 Datasheet
388Kb / 7P
   White LED Boost Regulator
logo
Alpha & Omega Semicondu...
AOZ1950 AOSMD-AOZ1950 Datasheet
1Mb / 14P
   Boost Regulator White LED Driver
logo
Linear Technology
LT3591 LINER-LT3591_15 Datasheet
298Kb / 16P
   White LED Driver with Integrated Schottky
logo
Global Mixed-mode Techn...
G2541 GMT-G2541 Datasheet
120Kb / 1P
   6-Channels 40V White LED Driver with Boost Regulator
logo
Richtek Technology Corp...
RT8532 RICHTEK-RT8532 Datasheet
252Kb / 14P
   6-String 43V White LED Driver with Boost Regulator
January 2014
logo
Global Mixed-mode Techn...
G2542 GMT-G2542 Datasheet
118Kb / 1P
   6-Channels 40V White LED Driver with Boost Regulator
logo
Micrel Semiconductor
MIC2297 MICREL-MIC2297 Datasheet
272Kb / 12P
   40V PWM Boost Regulator White LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com