Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GS72108ATP-10 Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # GS72108ATP-10
Description  256K x 8 2Mb Asynchronous SRAM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

GS72108ATP-10 Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button GS72108ATP-10 Datasheet HTML 4Page - List of Unclassifed Manufacturers GS72108ATP-10 Datasheet HTML 5Page - List of Unclassifed Manufacturers GS72108ATP-10 Datasheet HTML 6Page - List of Unclassifed Manufacturers GS72108ATP-10 Datasheet HTML 7Page - List of Unclassifed Manufacturers GS72108ATP-10 Datasheet HTML 8Page - List of Unclassifed Manufacturers GS72108ATP-10 Datasheet HTML 9Page - List of Unclassifed Manufacturers GS72108ATP-10 Datasheet HTML 10Page - List of Unclassifed Manufacturers GS72108ATP-10 Datasheet HTML 11Page - List of Unclassifed Manufacturers GS72108ATP-10 Datasheet HTML 12Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
GS72108ATP/J
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Rev: 1.05 10/2004
9/12
© 2001, GSI Technology
36-Pin SOJ, 400 mil
1
e
B1
D
y
Q
c
L
Detail A
A
B
Notes:
1. Dimension D& E do not include interlead flash.
2. Dimension B1 does not include dambar protrusion/intrusion.
3. Controlling dimension: inches
Symbol
Dimension in inch
Dimension in mm
min
nom
max
min
nom
max
A
——
0.146
——
3.70
A1
0.026
——
0.66
——
A2
0.105
0.110
0.115
2.67
2.80
2.92
B
0.013
0.017
0.021
0.33
0.43
0.53
B1
0.024
0.028
0.032
0.61
0.71
0.81
c
0.006
0.008
0.012
0.15
0.20
0.30
D
0.920
0.924
0.929
23.37
23.47
23.60
E
0.395
0.400
0.405
10.04
10.16
10.28
e
0.05
——
1.27
HE
0.430
0.435
0.440
10.93
11.05
11.17
GE
0.354
0.366
0.378
9.00
9.30
9.60
L
0.082
——
2.08
——
y
——
0.004
——
0.10
Q
0o
10o
0o
10o


Similar Part No. - GS72108ATP-10

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS72108J-10 GSI-GS72108J-10 Datasheet
364Kb / 12P
   256K x 8 2Mb Asynchronous SRAM
GS72108J-10I GSI-GS72108J-10I Datasheet
364Kb / 12P
   256K x 8 2Mb Asynchronous SRAM
GS72108J-12 GSI-GS72108J-12 Datasheet
364Kb / 12P
   256K x 8 2Mb Asynchronous SRAM
GS72108J-12I GSI-GS72108J-12I Datasheet
364Kb / 12P
   256K x 8 2Mb Asynchronous SRAM
GS72108J-15 GSI-GS72108J-15 Datasheet
364Kb / 12P
   256K x 8 2Mb Asynchronous SRAM
More results

Similar Description - GS72108ATP-10

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS72108TP-10 GSI-GS72108TP-10 Datasheet
364Kb / 12P
   256K x 8 2Mb Asynchronous SRAM
logo
NanoAmp Solutions, Inc.
N02L083WC2A NANOAMP-N02L083WC2A Datasheet
223Kb / 10P
   2Mb Ultra-Low Power Asynchronous CMOS SRAM 256K x 8 bit
logo
GSI Technology
GS72116TP GSI-GS72116TP Datasheet
271Kb / 17P
   128K x 16 2Mb Asynchronous SRAM
GS72116ATP GSI-GS72116ATP Datasheet
505Kb / 18P
   128K x 16 2Mb Asynchronous SRAM
logo
ON Semiconductor
N02L83W2A ONSEMI-N02L83W2A Datasheet
174Kb / 10P
   2Mb Ultra-Low Power Asynchronous CMOS SRAM 256K 횞 8 bit
July 2008 - Rev. 8
logo
GSI Technology
GS74116TP GSI-GS74116TP Datasheet
137Kb / 14P
   256K x 16 4Mb Asynchronous SRAM
GS74116AGP-12 GSI-GS74116AGP-12 Datasheet
127Kb / 14P
   256K x 16 4Mb Asynchronous SRAM
GS78132B GSI-GS78132B Datasheet
227Kb / 11P
   256K x 32 8Mb Asynchronous SRAM
GS76024AB GSI-GS76024AB Datasheet
631Kb / 12P
   256K x 24 6Mb Asynchronous SRAM
GS76024B GSI-GS76024B Datasheet
220Kb / 11P
   256K x 24 6Mb Asynchronous SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com