Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZL60012 Datasheet(PDF) 4 Page - Zarlink Semiconductor Inc

Part # ZL60012
Description  1310 nm, 1550 nm 270 Mbps PIN Preamplifier for SDI Digital Television
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

ZL60012 Datasheet(HTML) 4 Page - Zarlink Semiconductor Inc

  ZL60012 Datasheet HTML 1Page - Zarlink Semiconductor Inc ZL60012 Datasheet HTML 2Page - Zarlink Semiconductor Inc ZL60012 Datasheet HTML 3Page - Zarlink Semiconductor Inc ZL60012 Datasheet HTML 4Page - Zarlink Semiconductor Inc ZL60012 Datasheet HTML 5Page - Zarlink Semiconductor Inc ZL60012 Datasheet HTML 6Page - Zarlink Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
ZL60012
Data Sheet
4
Zarlink Semiconductor Inc.
Application Guidelines
ESD Handling
The receiver is sensitive to electrostatic discharges. When handling the device, precaution for ESD sensitive
devices should be taken. These precautions include use of ESD protected work area with wrist straps, controlled
work benches, floors etc.
Power Supply Filter
Power Supply decoupling capacitors are recommended for optimal performance of the receiver. A filter is
recommended to minimise power supply noise. See Figure 6.
Figure 6 - Recommended Power Supply Filter
C
0.1
µF
C
10nF
L
10
µH
Host
V
CC
PIN /
Preamp


Similar Part No. - ZL60012

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
ZL60010 ZARLINK-ZL60010 Datasheet
250Kb / 7P
   High-Performance Linear PIN 1300nm, 1550nm
ZL60010TBD ZARLINK-ZL60010TBD Datasheet
250Kb / 7P
   High-Performance Linear PIN 1300nm, 1550nm
ZL60013 ZARLINK-ZL60013 Datasheet
267Kb / 6P
   1310 nm, 1550 nm 1.5 Gbps PIN Preamplifier for SDI HDTV
ZL60013TED ZARLINK-ZL60013TED Datasheet
267Kb / 6P
   1310 nm, 1550 nm 1.5 Gbps PIN Preamplifier for SDI HDTV
ZL60015 ZARLINK-ZL60015 Datasheet
299Kb / 7P
   Optical Receiver. 1310/1550 nm, 2.5 Gbps PIN Pre-amp with Photocurrent Monitor
More results

Similar Description - ZL60012

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
ZL60013 ZARLINK-ZL60013 Datasheet
267Kb / 6P
   1310 nm, 1550 nm 1.5 Gbps PIN Preamplifier for SDI HDTV
MF443 ZARLINK-MF443 Datasheet
340Kb / 7P
   1310 nm, 1550 nm, 155 Mbps PIN with Preamplifier
ZL60006 ZARLINK-ZL60006 Datasheet
282Kb / 7P
   1310 nm, 1550 nm 2.5 Gbps PIN with Preamplifier
logo
Optoway Technology Inc
SPB-7640WG OPTOWAY-SPB-7640WG Datasheet
173Kb / 5P
   1310 nm TX / 1550 nm RX , 3.3V / 1250 Mbps Digital Diagnostic Single-Fiber SFP Transceiver
SPB-7720WG OPTOWAY-SPB-7720WG Datasheet
173Kb / 5P
   1550 nm TX / 1310 nm RX , 3.3V / 1250 Mbps Digital Diagnostic Single-Fiber SFP Transceiver
SPB-3710G OPTOWAY-SPB-3710G_08 Datasheet
177Kb / 6P
   1550 nm TX / 1310 nm RX , 3.3V / 125 Mbps Digital Diagnostic Single-Fiber SFP Transceiver
SPB-3710WG OPTOWAY-SPB-3710WG_08 Datasheet
177Kb / 6P
   1550 nm TX / 1310 nm RX , 3.3V / 125 Mbps Digital Diagnostic Single-Fiber SFP Transceiver
SPB-3760WG OPTOWAY-SPB-3760WG_08 Datasheet
177Kb / 6P
   1550 nm TX / 1310 nm RX , 3.3V / 155 Mbps Digital Diagnostic Single-Fiber SFP Transceiver
SPB-5720WG OPTOWAY-SPB-5720WG_08 Datasheet
177Kb / 6P
   1550 nm TX / 1310 nm RX , 3.3V / 622 Mbps Digital Diagnostic Single-Fiber SFP Transceiver
SPB-7620WG OPTOWAY-SPB-7620WG_08 Datasheet
178Kb / 6P
   1310 nm TX / 1550 nm RX , 3.3V / 1250 Mbps Digital Diagnostic Single-Fiber SFP Transceiver
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com