Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE4272-EK Datasheet(PDF) 3 Page - Peregrine Semiconductor Corp.

Part # PE4272-EK
Description  SPDT Broadband UltraCMOS??DC - 3 GHz RF Switch
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PEREGRINE [Peregrine Semiconductor Corp.]
Direct Link  http://www.peregrine-semi.com
Logo PEREGRINE - Peregrine Semiconductor Corp.

PE4272-EK Datasheet(HTML) 3 Page - Peregrine Semiconductor Corp.

  PE4272-EK Datasheet HTML 1Page - Peregrine Semiconductor Corp. PE4272-EK Datasheet HTML 2Page - Peregrine Semiconductor Corp. PE4272-EK Datasheet HTML 3Page - Peregrine Semiconductor Corp. PE4272-EK Datasheet HTML 4Page - Peregrine Semiconductor Corp. PE4272-EK Datasheet HTML 5Page - Peregrine Semiconductor Corp. PE4272-EK Datasheet HTML 6Page - Peregrine Semiconductor Corp. PE4272-EK Datasheet HTML 7Page - Peregrine Semiconductor Corp. PE4272-EK Datasheet HTML 8Page - Peregrine Semiconductor Corp. PE4272-EK Datasheet HTML 9Page - Peregrine Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Product Specification
PE4272
©2005 Peregrine Semiconductor Corp. All rights reserved.
Document No. 70-0173-03
│ www.psemi.com
Page 3 of 11
Control Voltages
Signal Path
Pin 1 (VDD) = VDD
Pin 2 (CTRL) = High
RFC to RF1
Pin 1 (VDD) = VDD
Pin 2 (CTRL) = Low
RFC to RF2
Table 5. Single-pin Control Logic Truth Table
Table 6. Complementary-pin Control Logic
Truth Table
Control Voltages
Signal Path
Pin 1 (VDD) = Low
Pin 2 (CTRL) = High
RFC to RF1
Pin 1 (VDD) = High
Pin 2 (CTRL) = Low
RFC to RF2
Control Logic Input
The PE4272 is a versatile RF CMOS switch that
supports two operating control modes; single-pin
control mode and complementary-pin control
mode.
Single-pin control mode enables the switch to
operate with a single control pin (pin 2) supporting
a +3-volt CMOS logic input, and requires a
dedicated +3-volt power supply connection (pin 1).
This mode of operation reduces the number of
control lines required and simplifies the switch
control interface typically derived from a CMOS
µProcessor I/O port.
Complementary-pin control mode allows the
switch to operate using complementary control
pins CTRL and VDD (pins 2 & 1), that can be
directly driven by +3-volt CMOS logic or a suitable
µProcessor I/O port. This enables the PE4272 to
operate in positive control voltage mode within the
PE4272 operating limits.


Similar Part No. - PE4272-EK

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4272 PASTERNACK-PE4272 Datasheet
207Kb / 2P
   75 Ohm SMB Jack Connector Clamp/Solder Attachment For RG59, RG62
logo
Peregrine Semiconductor
PE4272 PSEMI-PE4272 Datasheet
223Kb / 11P
   SPDT Broadband UltraCMOS DC ??3 GHz RF Switch
logo
Peregrine Semiconductor...
PE4272 PEREGRINE-PE4272 Datasheet
223Kb / 11P
   SPDT Broadband UltraCMOS
logo
Peregrine Semiconductor
PE42720 PSEMI-PE42720 Datasheet
390Kb / 11P
   UltraCMOS SPDT RF Switch
logo
Peregrine Semiconductor...
PE42720 PEREGRINE-PE42720 Datasheet
390Kb / 11P
   UltraCMOS
More results

Similar Description - PE4272-EK

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
PE4273 PEREGRINE-PE4273_06 Datasheet
232Kb / 11P
   SPDT Broadband UltraCMOS DC - 3 GHz RF Switch
logo
Peregrine Semiconductor
PE4272 PSEMI-PE4272 Datasheet
223Kb / 11P
   SPDT Broadband UltraCMOS DC ??3 GHz RF Switch
logo
Peregrine Semiconductor...
PE4273 PEREGRINE-PE4273 Datasheet
200Kb / 12P
   SPDT Broadband UltraCMOS??DC - 3 GHz RF Switch
logo
Peregrine Semiconductor
PE4257 PSEMI-PE4257 Datasheet
300Kb / 7P
   SPDT Absorptive UltraCMOS DC??.0 GHz RF Switch
logo
Peregrine Semiconductor...
PE4283 PEREGRINE-PE4283 Datasheet
230Kb / 11P
   SPDT High Power UltraCMOS??DC - 4.0 GHz RF Switch
logo
Peregrine Semiconductor
PE4283 PSEMI-PE4283 Datasheet
231Kb / 11P
   SPDT High Power UltraCMOS DC ??4.0 GHz RF Switch
PE4273 PSEMI-PE4273 Datasheet
298Kb / 12P
   SPDT Broadband UltraCMOS 5 ??3000 MHz RF Switch
logo
Peregrine Semiconductor...
PE4231 PEREGRINE-PE4231 Datasheet
270Kb / 7P
   SPDT High Power UltraCMOS - DC 1.3 GHz RF Switch
PE4259 PEREGRINE-PE4259 Datasheet
180Kb / 8P
   SPDT High Power UltraCMOS??DC - 3.0 GHz RF Switch
logo
Peregrine Semiconductor
PE42552 PSEMI-PE42552 Datasheet
401Kb / 9P
   SPDT UltraCMOS RF Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com