Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

4274-02 Datasheet(PDF) 9 Page - Peregrine Semiconductor Corp.

Part # 4274-02
Description  75廓 Terminated - 2.2 GHz SPDT CATV UltraCMOS??Switch
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PEREGRINE [Peregrine Semiconductor Corp.]
Direct Link  http://www.peregrine-semi.com
Logo PEREGRINE - Peregrine Semiconductor Corp.

4274-02 Datasheet(HTML) 9 Page - Peregrine Semiconductor Corp.

Back Button 4274-02 Datasheet HTML 4Page - Peregrine Semiconductor Corp. 4274-02 Datasheet HTML 5Page - Peregrine Semiconductor Corp. 4274-02 Datasheet HTML 6Page - Peregrine Semiconductor Corp. 4274-02 Datasheet HTML 7Page - Peregrine Semiconductor Corp. 4274-02 Datasheet HTML 8Page - Peregrine Semiconductor Corp. 4274-02 Datasheet HTML 9Page - Peregrine Semiconductor Corp. 4274-02 Datasheet HTML 10Page - Peregrine Semiconductor Corp. 4274-02 Datasheet HTML 11Page - Peregrine Semiconductor Corp. 4274-02 Datasheet HTML 12Page - Peregrine Semiconductor Corp.  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
Preliminary Specification
Peregrine Semiconductor Corp. ®
http://www.psemi.com
Copyright © Peregrine Semiconductor Corp. 2005
PE4274
Page 9 of 12
Evaluation Kit
The SPDT Switch Evaluation Kit facilitates
customer evaluation of the PE4274 SPDT switch.
The RF common port is connected through a 75
transmission line to J2. Ports 1 and 2 are
connected through 75
Ω transmission lines to J1
and J3. A through line connects F connectors J4
and J5. This transmission line can be used to
estimate the PCB loss over the environmental
conditions. J6 provides DC and digital inputs to
the device.
The board is composed of a four metal layer FR4
material with a total thickness of 0.062”. The
transmission lines are hybrid microstrip/coplanar
waveguide with ground plane (28 mil core, 21 mil
width, 30 mil gap).
The provided jumpers short the control pins to
ground for logic low. With the jumper removed the
control input rises to VDD for logic high through the
1 M
Ω pull up resistor. These resistors will draw
several microamps from VDD. They are not
required for normal operation.
Figure 14. Evaluation Board Layouts
Figure 15. Evaluation Board Schematic
J3
PE4274
MLPQ 20-Lead
4x4 mm
GND
GND
GND
GND
GND
GND
GND
GND
RF1
RF2
J6-1
J6-5
J1
J2
J4
J5
1M
Vdd
J6-9
1M
Vdd
J6-13


Similar Part No. - 4274-02

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
4274 POMONA-4274 Datasheet
79Kb / 1P
   Multi-Stacking Banana Plug Patch Cord with In-Line Fuse Holder
logo
Heyco.
4274 HEYCO-4274 Datasheet
93Kb / 1P
   Nylon Kayak Clips
logo
Turck, Inc.
4274093 TURCK-4274093 Datasheet
182Kb / 3P
   Inductive Sensor – for high pressures
11/07/2023
logo
Peregrine Semiconductor...
42742-00 PEREGRINE-42742-00 Datasheet
301Kb / 10P
   75 廓 Terminated - 2200 MHz SPDT CATV UltraCMOS??Switch Featuring Unpowered Operation
logo
Tyco Electronics
42742-1 MACOM-42742-1 Datasheet
944Kb / 22P
   FASTON Receptacles
More results

Similar Description - 4274-02

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
PE4280 PEREGRINE-PE4280 Datasheet
462Kb / 8P
   75 廓 SPDT CATV UltraCMOS??Switch DC - 2.2 GHz
logo
Peregrine Semiconductor
PE42742 PSEMI-PE42742_14 Datasheet
916Kb / 10P
   75 廓 Terminated, 5 - 2200 MHz SPDT CATV UltraCMOS??Switch
PE4280MLIAA PSEMI-PE4280MLIAA Datasheet
882Kb / 8P
   75 SPDT CATV UltraCMOS Switch 5 MHz - 2.2 GHz
logo
Peregrine Semiconductor...
PE4256 PEREGRINE-PE4256 Datasheet
348Kb / 8P
   75 廓 SPDT CATV UltraCMOS??Switch DC - 3.0 GHz
logo
Peregrine Semiconductor
PE4280 PSEMI-PE4280_14 Datasheet
882Kb / 8P
   75 廓 SPDT CATV UltraCMOS?
logo
Peregrine Semiconductor...
PE4256 PEREGRINE-PE4256 Datasheet
295Kb / 8P
   75 廓 SPDT CATV UltraCMOS
PE4280 PEREGRINE-PE4280 Datasheet
261Kb / 8P
   75 廓 SPDT CATV UltraCMOS
logo
Peregrine Semiconductor
PE4256 PSEMI-PE4256_14 Datasheet
913Kb / 8P
   75 廓 SPDT CATV UltraCMOS?
logo
Peregrine Semiconductor...
PE42742 PEREGRINE-PE42742 Datasheet
301Kb / 10P
   75 廓 Terminated - 2200 MHz SPDT CATV UltraCMOS??Switch Featuring Unpowered Operation
logo
Peregrine Semiconductor
PE42742MLIBB-Z PSEMI-PE42742MLIBB-Z Datasheet
916Kb / 10P
   75 廓 Terminated, 5 - 2200 MHz SPDT CATV UltraCMOS??Switch Featuring Unpowered Operation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com