Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

4274-02 Datasheet(PDF) 8 Page - Peregrine Semiconductor Corp.

Part # 4274-02
Description  75廓 Terminated - 2.2 GHz SPDT CATV UltraCMOS??Switch
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PEREGRINE [Peregrine Semiconductor Corp.]
Direct Link  http://www.peregrine-semi.com
Logo PEREGRINE - Peregrine Semiconductor Corp.

4274-02 Datasheet(HTML) 8 Page - Peregrine Semiconductor Corp.

Back Button 4274-02 Datasheet HTML 4Page - Peregrine Semiconductor Corp. 4274-02 Datasheet HTML 5Page - Peregrine Semiconductor Corp. 4274-02 Datasheet HTML 6Page - Peregrine Semiconductor Corp. 4274-02 Datasheet HTML 7Page - Peregrine Semiconductor Corp. 4274-02 Datasheet HTML 8Page - Peregrine Semiconductor Corp. 4274-02 Datasheet HTML 9Page - Peregrine Semiconductor Corp. 4274-02 Datasheet HTML 10Page - Peregrine Semiconductor Corp. 4274-02 Datasheet HTML 11Page - Peregrine Semiconductor Corp. 4274-02 Datasheet HTML 12Page - Peregrine Semiconductor Corp.  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
Preliminary Specification
Copyright © Peregrine Semiconductor Corp. 2005
File No. 70/0185-01A
│ UltraCMOS™ RFIC Solutions
PE4274
Page 8 of 12
-30
-25
-20
-15
-10
-5
0
0
500
1000
1500
2000
2500
RFC Return Loss for Power On and Power Off Conditions
RFC TERMINATED (0 V)
RFC TERMINATED (3V)
Frequency (MHz)
Typical Performance Data @ 25°C (Unless Otherwise Noted)
(75
Ω impedance except as indicated)
Figure 13. Return Loss: RFC


Similar Part No. - 4274-02

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
4274 POMONA-4274 Datasheet
79Kb / 1P
   Multi-Stacking Banana Plug Patch Cord with In-Line Fuse Holder
logo
Heyco.
4274 HEYCO-4274 Datasheet
93Kb / 1P
   Nylon Kayak Clips
logo
Turck, Inc.
4274093 TURCK-4274093 Datasheet
182Kb / 3P
   Inductive Sensor – for high pressures
11/07/2023
logo
Peregrine Semiconductor...
42742-00 PEREGRINE-42742-00 Datasheet
301Kb / 10P
   75 廓 Terminated - 2200 MHz SPDT CATV UltraCMOS??Switch Featuring Unpowered Operation
logo
Tyco Electronics
42742-1 MACOM-42742-1 Datasheet
944Kb / 22P
   FASTON Receptacles
More results

Similar Description - 4274-02

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
PE4280 PEREGRINE-PE4280 Datasheet
462Kb / 8P
   75 廓 SPDT CATV UltraCMOS??Switch DC - 2.2 GHz
logo
Peregrine Semiconductor
PE42742 PSEMI-PE42742_14 Datasheet
916Kb / 10P
   75 廓 Terminated, 5 - 2200 MHz SPDT CATV UltraCMOS??Switch
PE4280MLIAA PSEMI-PE4280MLIAA Datasheet
882Kb / 8P
   75 SPDT CATV UltraCMOS Switch 5 MHz - 2.2 GHz
logo
Peregrine Semiconductor...
PE4256 PEREGRINE-PE4256 Datasheet
348Kb / 8P
   75 廓 SPDT CATV UltraCMOS??Switch DC - 3.0 GHz
logo
Peregrine Semiconductor
PE4280 PSEMI-PE4280_14 Datasheet
882Kb / 8P
   75 廓 SPDT CATV UltraCMOS?
logo
Peregrine Semiconductor...
PE4256 PEREGRINE-PE4256 Datasheet
295Kb / 8P
   75 廓 SPDT CATV UltraCMOS
PE4280 PEREGRINE-PE4280 Datasheet
261Kb / 8P
   75 廓 SPDT CATV UltraCMOS
logo
Peregrine Semiconductor
PE4256 PSEMI-PE4256_14 Datasheet
913Kb / 8P
   75 廓 SPDT CATV UltraCMOS?
logo
Peregrine Semiconductor...
PE42742 PEREGRINE-PE42742 Datasheet
301Kb / 10P
   75 廓 Terminated - 2200 MHz SPDT CATV UltraCMOS??Switch Featuring Unpowered Operation
logo
Peregrine Semiconductor
PE42742MLIBB-Z PSEMI-PE42742MLIBB-Z Datasheet
916Kb / 10P
   75 廓 Terminated, 5 - 2200 MHz SPDT CATV UltraCMOS??Switch Featuring Unpowered Operation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com