Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

4274 Datasheet(PDF) 2 Page - Peregrine Semiconductor Corp.

Part # 4274
Description  75廓 Terminated - 2.2 GHz SPDT CATV UltraCMOS??Switch
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PEREGRINE [Peregrine Semiconductor Corp.]
Direct Link  http://www.peregrine-semi.com
Logo PEREGRINE - Peregrine Semiconductor Corp.

4274 Datasheet(HTML) 2 Page - Peregrine Semiconductor Corp.

  4274 Datasheet HTML 1Page - Peregrine Semiconductor Corp. 4274 Datasheet HTML 2Page - Peregrine Semiconductor Corp. 4274 Datasheet HTML 3Page - Peregrine Semiconductor Corp. 4274 Datasheet HTML 4Page - Peregrine Semiconductor Corp. 4274 Datasheet HTML 5Page - Peregrine Semiconductor Corp. 4274 Datasheet HTML 6Page - Peregrine Semiconductor Corp. 4274 Datasheet HTML 7Page - Peregrine Semiconductor Corp. 4274 Datasheet HTML 8Page - Peregrine Semiconductor Corp. 4274 Datasheet HTML 9Page - Peregrine Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Preliminary Specification
Copyright © Peregrine Semiconductor Corp. 2005
File No. 70/0185-01A
│ UltraCMOS™ RFIC Solutions
PE4274
Page 2 of 12
Parameter
Condition
Minimum
Typical
Maximum
Units
Operating Frequency1
5
2200
MHz
RF1-RFC Insertion Loss
(Powered / Unpowered)
5 MHz – 216 MHz
216 MHz – 550 MHz
550 MHz – 806 MHz
806 MHz – 2200 MHz
0.5 / 1.5
0.5 / 1.5
0.8 / 1.8
1.0 / 2.2
dB
RF2-RFC Insertion Loss
5 MHz – 216 MHz
216 MHz – 550 MHz
550 MHz – 806 MHz
806 MHz – 2200 MHz
0.7
0.8
1.0
1.3
dB
Isolation RF1 or RF2 to RFC
(Powered /RF2 Unpowered)
5 MHz – 216 MHz
216 MHz – 550 MHz
550 MHz – 806 MHz
806 MHz – 2200 MHz
97 / 95
84 / 80
69 / 69
57 / 56
dB
Isolation RF1 to RF22
5 MHz – 216 MHz
216 MHz – 550 MHz
550 MHz – 806 MHz
806 MHz – 2200 MHz
80 / 82
70 / 71
63 / 65
61 / 65
dB
Input IP23
(Powered/Unpowered)
5 MHz - 1000 MHz
90 / 73
dBm
Input IP33
(Powered/Unpowered)
5 MHz - 1000 MHz
50 / 39
dBm
Input 1dB Compression3
(Powered/Unpowered)
1000 MHz
30 / 24
dBm
CTB / CSO
(Powered/Unpowered)
77 & 110 channels;
Power Out = 44 dBmV
-90 / -77
dBc
Switching Time
50% CTRL to 10 / 90 RF
2
µs
Video Feedthrough4
5 MHz - 1000 MHz
15
mVpp
Table 1. Electrical Specifications @ +25 °C, VDD = +3 V (ZS = ZL = 75 Ω)
Notes: 1. Device linearity will begin to degrade with input signals below 5 MHz.
2. Isolation at 216 MHz = 75 dB
3. Measured in a 50 Ω system.
4. Measured with a 1 ns risetime, 0/3 V pulse and 500 MHz bandwidth


Similar Part No. - 4274

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
4274 POMONA-4274 Datasheet
79Kb / 1P
   Multi-Stacking Banana Plug Patch Cord with In-Line Fuse Holder
logo
Heyco.
4274 HEYCO-4274 Datasheet
93Kb / 1P
   Nylon Kayak Clips
logo
Turck, Inc.
4274093 TURCK-4274093 Datasheet
182Kb / 3P
   Inductive Sensor – for high pressures
11/07/2023
logo
Peregrine Semiconductor...
42742-00 PEREGRINE-42742-00 Datasheet
301Kb / 10P
   75 廓 Terminated - 2200 MHz SPDT CATV UltraCMOS??Switch Featuring Unpowered Operation
logo
Tyco Electronics
42742-1 MACOM-42742-1 Datasheet
944Kb / 22P
   FASTON Receptacles
More results

Similar Description - 4274

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
PE4280 PEREGRINE-PE4280 Datasheet
462Kb / 8P
   75 廓 SPDT CATV UltraCMOS??Switch DC - 2.2 GHz
logo
Peregrine Semiconductor
PE42742 PSEMI-PE42742_14 Datasheet
916Kb / 10P
   75 廓 Terminated, 5 - 2200 MHz SPDT CATV UltraCMOS??Switch
PE4280MLIAA PSEMI-PE4280MLIAA Datasheet
882Kb / 8P
   75 SPDT CATV UltraCMOS Switch 5 MHz - 2.2 GHz
logo
Peregrine Semiconductor...
PE4256 PEREGRINE-PE4256 Datasheet
348Kb / 8P
   75 廓 SPDT CATV UltraCMOS??Switch DC - 3.0 GHz
logo
Peregrine Semiconductor
PE4280 PSEMI-PE4280_14 Datasheet
882Kb / 8P
   75 廓 SPDT CATV UltraCMOS?
logo
Peregrine Semiconductor...
PE4256 PEREGRINE-PE4256 Datasheet
295Kb / 8P
   75 廓 SPDT CATV UltraCMOS
PE4280 PEREGRINE-PE4280 Datasheet
261Kb / 8P
   75 廓 SPDT CATV UltraCMOS
logo
Peregrine Semiconductor
PE4256 PSEMI-PE4256_14 Datasheet
913Kb / 8P
   75 廓 SPDT CATV UltraCMOS?
logo
Peregrine Semiconductor...
PE42742 PEREGRINE-PE42742 Datasheet
301Kb / 10P
   75 廓 Terminated - 2200 MHz SPDT CATV UltraCMOS??Switch Featuring Unpowered Operation
logo
Peregrine Semiconductor
PE42742MLIBB-Z PSEMI-PE42742MLIBB-Z Datasheet
916Kb / 10P
   75 廓 Terminated, 5 - 2200 MHz SPDT CATV UltraCMOS??Switch Featuring Unpowered Operation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com