Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

4274 Datasheet(PDF) 4 Page - Peregrine Semiconductor Corp.

Part # 4274
Description  75廓 Terminated - 2.2 GHz SPDT CATV UltraCMOS??Switch
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PEREGRINE [Peregrine Semiconductor Corp.]
Direct Link  http://www.peregrine-semi.com
Logo PEREGRINE - Peregrine Semiconductor Corp.

4274 Datasheet(HTML) 4 Page - Peregrine Semiconductor Corp.

  4274 Datasheet HTML 1Page - Peregrine Semiconductor Corp. 4274 Datasheet HTML 2Page - Peregrine Semiconductor Corp. 4274 Datasheet HTML 3Page - Peregrine Semiconductor Corp. 4274 Datasheet HTML 4Page - Peregrine Semiconductor Corp. 4274 Datasheet HTML 5Page - Peregrine Semiconductor Corp. 4274 Datasheet HTML 6Page - Peregrine Semiconductor Corp. 4274 Datasheet HTML 7Page - Peregrine Semiconductor Corp. 4274 Datasheet HTML 8Page - Peregrine Semiconductor Corp. 4274 Datasheet HTML 9Page - Peregrine Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Preliminary Specification
Copyright © Peregrine Semiconductor Corp. 2005
File No. 70/0185-01A
│ UltraCMOS™ RFIC Solutions
PE4274
Page 4 of 12
Figure 4. Typical Application Block Diagram
Table 5. Truth Table
VDD
C1
C2
RFC – RF1
RFC – RF2
OFF
Low
Low
ON
OFF
ON
Low
Low
OFF
OFF
ON
Low
High
OFF
ON
ON
High
Low
ON
OFF
ON
High
High
N/A1
N/A1
Notes:
1. The operation of the PE4274 is not supported or characterized in the C1 = High and C2 = High state.
The PE4274 provides the high isolation
required by FCC part 15.115 regulation
between the television antenna and the cable
plant. The advantage of the PE4274 is that
device isolation / thru performance is
maintained when power is removed. This
unique feature makes the PE4274 ideal for set-top
box and VCR applications.
The PE4274 supports signal flow from RFC to
RF1 and RF2 termination in the unpowered state;
similar to the powered state with C1=High,
C2=Low.
DTV-Tuner
PE4274
SPDT
Antenna Input
CATV Input
80dB 54 – 216MHz
60dB 216 – 550MHz
55dB 550 – 806MHz
DTV-Tuner
PE4274
SPDT
DTV Tuner
Antenna Input
CATV Input
80dB 54 – 216MHz
60dB 216 – 550MHz
55dB 550 – 806MHz
Power
Splitter
Power
Splitter
PE4274
SPDT
Dual Tuner DTV / DVR / Set-top Box


Similar Part No. - 4274

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
4274 POMONA-4274 Datasheet
79Kb / 1P
   Multi-Stacking Banana Plug Patch Cord with In-Line Fuse Holder
logo
Heyco.
4274 HEYCO-4274 Datasheet
93Kb / 1P
   Nylon Kayak Clips
logo
Turck, Inc.
4274093 TURCK-4274093 Datasheet
182Kb / 3P
   Inductive Sensor – for high pressures
11/07/2023
logo
Peregrine Semiconductor...
42742-00 PEREGRINE-42742-00 Datasheet
301Kb / 10P
   75 廓 Terminated - 2200 MHz SPDT CATV UltraCMOS??Switch Featuring Unpowered Operation
logo
Tyco Electronics
42742-1 MACOM-42742-1 Datasheet
944Kb / 22P
   FASTON Receptacles
More results

Similar Description - 4274

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
PE4280 PEREGRINE-PE4280 Datasheet
462Kb / 8P
   75 廓 SPDT CATV UltraCMOS??Switch DC - 2.2 GHz
logo
Peregrine Semiconductor
PE42742 PSEMI-PE42742_14 Datasheet
916Kb / 10P
   75 廓 Terminated, 5 - 2200 MHz SPDT CATV UltraCMOS??Switch
PE4280MLIAA PSEMI-PE4280MLIAA Datasheet
882Kb / 8P
   75 SPDT CATV UltraCMOS Switch 5 MHz - 2.2 GHz
logo
Peregrine Semiconductor...
PE4256 PEREGRINE-PE4256 Datasheet
348Kb / 8P
   75 廓 SPDT CATV UltraCMOS??Switch DC - 3.0 GHz
logo
Peregrine Semiconductor
PE4280 PSEMI-PE4280_14 Datasheet
882Kb / 8P
   75 廓 SPDT CATV UltraCMOS?
logo
Peregrine Semiconductor...
PE4256 PEREGRINE-PE4256 Datasheet
295Kb / 8P
   75 廓 SPDT CATV UltraCMOS
PE4280 PEREGRINE-PE4280 Datasheet
261Kb / 8P
   75 廓 SPDT CATV UltraCMOS
logo
Peregrine Semiconductor
PE4256 PSEMI-PE4256_14 Datasheet
913Kb / 8P
   75 廓 SPDT CATV UltraCMOS?
logo
Peregrine Semiconductor...
PE42742 PEREGRINE-PE42742 Datasheet
301Kb / 10P
   75 廓 Terminated - 2200 MHz SPDT CATV UltraCMOS??Switch Featuring Unpowered Operation
logo
Peregrine Semiconductor
PE42742MLIBB-Z PSEMI-PE42742MLIBB-Z Datasheet
916Kb / 10P
   75 廓 Terminated, 5 - 2200 MHz SPDT CATV UltraCMOS??Switch Featuring Unpowered Operation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com