Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

4271-01 Datasheet(PDF) 3 Page - Peregrine Semiconductor Corp.

Part # 4271-01
Description  SPST CATV UltraCMOS??Switch DC - 3000 MHz
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PEREGRINE [Peregrine Semiconductor Corp.]
Direct Link  http://www.peregrine-semi.com
Logo PEREGRINE - Peregrine Semiconductor Corp.

4271-01 Datasheet(HTML) 3 Page - Peregrine Semiconductor Corp.

  4271-01 Datasheet HTML 1Page - Peregrine Semiconductor Corp. 4271-01 Datasheet HTML 2Page - Peregrine Semiconductor Corp. 4271-01 Datasheet HTML 3Page - Peregrine Semiconductor Corp. 4271-01 Datasheet HTML 4Page - Peregrine Semiconductor Corp. 4271-01 Datasheet HTML 5Page - Peregrine Semiconductor Corp. 4271-01 Datasheet HTML 6Page - Peregrine Semiconductor Corp. 4271-01 Datasheet HTML 7Page - Peregrine Semiconductor Corp. 4271-01 Datasheet HTML 8Page - Peregrine Semiconductor Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Product Specification
PE4271
Page 3 of 8
©2005 Peregrine Semiconductor Corp. All rights reserved.
Document No. 70-0149-03
│ www.psemi.com
Typical Performance Data @ -40 °C to 85 °C (Unless Otherwise Noted)
Figure 5. Insertion Loss - RF1 to RF2
Figure 6. 1dB Compression & 3rd Order
Figure 7. Isolation - RF1 to RF2
(75
Ω impedance except as indicated)
Intercept Point (T = 25°C)


Similar Part No. - 4271-01

ManufacturerPart #DatasheetDescription
logo
Heyco.
4271 HEYCO-4271 Datasheet
153Kb / 1P
   Cable Holders - Adhesive Back Mount
logo
Tyco Electronics
42710-2 MACOM-42710-2 Datasheet
944Kb / 22P
   FASTON Receptacles
logo
Turck, Inc.
4271294 TURCK-4271294 Datasheet
182Kb / 3P
   Inductive Sensor – For High Pressures
11/07/2023
4271493 TURCK-4271493 Datasheet
182Kb / 3P
   Inductive Sensor – For High Pressures
11/07/2023
4271693 TURCK-4271693 Datasheet
182Kb / 3P
   Inductive Sensor – For High Pressures
11/07/2023
More results

Similar Description - 4271-01

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
PE4270 ICST-PE4270 Datasheet
296Kb / 8P
   SPST CATV UltraCMOS??Switch DC - 3000 MHz
logo
Peregrine Semiconductor...
PE4240 PEREGRINE-PE4240 Datasheet
267Kb / 8P
   SPST UltraCMOS??CATV Switch DC - 1300 MHz
logo
Peregrine Semiconductor
PE4270 PSEMI-PE4270 Datasheet
428Kb / 8P
   SPST CATV UltraCMOS Switch
PE4270 PSEMI-PE4270_14 Datasheet
1,013Kb / 8P
   SPST CATV UltraCMOS??Switch
logo
Peregrine Semiconductor...
PE4232 PEREGRINE-PE4232 Datasheet
265Kb / 8P
   SPST CATV UltraCMOS??Switch
logo
Peregrine Semiconductor
PE613010 PSEMI-PE613010 Datasheet
290Kb / 8P
   UltraCMOS SPST Tuning Control Switch, 100-3000 MHz
logo
Peregrine Semiconductor...
PE4270 PEREGRINE-PE4270 Datasheet
428Kb / 8P
   SPST CATV UltraCMOS
PE4210 PEREGRINE-PE4210 Datasheet
245Kb / 7P
   SPDT UltraCMOS??RF Switch DC - 3000 MHz
PE4246 PEREGRINE-PE4246 Datasheet
262Kb / 8P
   Absorptive SPST UltraCMOS??RF Switch: DC - 5000 MHz
PE42440 PEREGRINE-PE42440 Datasheet
293Kb / 8P
   SP4T UltraCMOS??RF Switch 50 ??3000 MHz
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com