Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

4270 Datasheet(PDF) 5 Page - Integrated Circuit Systems

Part # 4270
Description  SPST CATV UltraCMOS??Switch DC - 3000 MHz
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

4270 Datasheet(HTML) 5 Page - Integrated Circuit Systems

  4270 Datasheet HTML 1Page - Integrated Circuit Systems 4270 Datasheet HTML 2Page - Integrated Circuit Systems 4270 Datasheet HTML 3Page - Integrated Circuit Systems 4270 Datasheet HTML 4Page - Integrated Circuit Systems 4270 Datasheet HTML 5Page - Integrated Circuit Systems 4270 Datasheet HTML 6Page - Integrated Circuit Systems 4270 Datasheet HTML 7Page - Integrated Circuit Systems 4270 Datasheet HTML 8Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Product Specification
PE4270
Page 5 of 8
©2005 Peregrine Semiconductor Corp. All rights reserved.
Document No. 70-0148-03
│ www.psemi.com
Evaluation Kit
The PE4270 EK board was designed to ease
customer evaluation of Peregrine’s high
performance SPST CATV MOSFET switch. RF1
is connected through a 75
Ω transmission line via
the top left F connector, J1. RF2 is connected
through a 75
Ω transmission line via the top right
F connector, J2. A 75
Ω through transmission line
is available via F connectors J3 and J4. This
transmission line can be used to estimate the loss
of the PCB over the environmental conditions
being evaluated. VDD is supplied via J6-2, while
the control logic voltage is supplied via J5-2. It is
the responsibility of the customer to determine
proper supply decoupling for their design
application. It has been observed that by
removing C1 and C2 from the evaluation board
has not shown to degrade RF performance.
The board is constructed of a two metal layer FR4
material with a total thickness of 0.031”. The
bottom layer provides ground for the RF
transmission lines. The transmission lines were
designed using a coplanar waveguide model with
trace width of 0.021”, trace gaps of 0.030”,
dielectric thickness of 0.028”, metal thickness of
0.0021” and
ε
r of 4.6. Note that the predominate
mode for these transmission lines is coplanar
waveguide with a ground plane.
Figure 11. Evaluation Board Layouts
Figure 12. Evaluation Board Schematic
Peregrine Specification 102/0224
Peregrine Specification 101/0167 (with F connectors)


Similar Part No. - 4270

ManufacturerPart #DatasheetDescription
logo
Heyco.
4270 HEYCO-4270 Datasheet
93Kb / 1P
   HEYConnect™ Terminal Bushings
logo
3M Electronics
4270-25Y 3M-4270-25Y Datasheet
84Kb / 2P
   4270 Series Electrically Conductive Connector Covers
logo
Turck, Inc.
4270093 TURCK-4270093 Datasheet
182Kb / 3P
   Inductive Sensor – For High Pressures
11/07/2023
4270493 TURCK-4270493 Datasheet
182Kb / 3P
   Inductive Sensor – For High Pressures
11/07/2023
4270893 TURCK-4270893 Datasheet
182Kb / 3P
   Inductive Sensor – For High Pressures
11/07/2023
More results

Similar Description - 4270

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
PE4271 PEREGRINE-PE4271 Datasheet
300Kb / 8P
   SPST CATV UltraCMOS??Switch DC - 3000 MHz
PE4240 PEREGRINE-PE4240 Datasheet
267Kb / 8P
   SPST UltraCMOS??CATV Switch DC - 1300 MHz
logo
Peregrine Semiconductor
PE4270 PSEMI-PE4270 Datasheet
428Kb / 8P
   SPST CATV UltraCMOS Switch
PE4270 PSEMI-PE4270_14 Datasheet
1,013Kb / 8P
   SPST CATV UltraCMOS??Switch
logo
Peregrine Semiconductor...
PE4232 PEREGRINE-PE4232 Datasheet
265Kb / 8P
   SPST CATV UltraCMOS??Switch
logo
Peregrine Semiconductor
PE613010 PSEMI-PE613010 Datasheet
290Kb / 8P
   UltraCMOS SPST Tuning Control Switch, 100-3000 MHz
logo
Peregrine Semiconductor...
PE4270 PEREGRINE-PE4270 Datasheet
428Kb / 8P
   SPST CATV UltraCMOS
PE4210 PEREGRINE-PE4210 Datasheet
245Kb / 7P
   SPDT UltraCMOS??RF Switch DC - 3000 MHz
PE4246 PEREGRINE-PE4246 Datasheet
262Kb / 8P
   Absorptive SPST UltraCMOS??RF Switch: DC - 5000 MHz
PE42440 PEREGRINE-PE42440 Datasheet
293Kb / 8P
   SP4T UltraCMOS??RF Switch 50 ??3000 MHz
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com