Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IC3410 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # IC3410
Description  10-bit digital to analogue converter IC 3410
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

IC3410 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  IC3410 Datasheet HTML 1Page - List of Unclassifed Manufacturers IC3410 Datasheet HTML 2Page - List of Unclassifed Manufacturers IC3410 Datasheet HTML 3Page - List of Unclassifed Manufacturers IC3410 Datasheet HTML 4Page - List of Unclassifed Manufacturers IC3410 Datasheet HTML 5Page - List of Unclassifed Manufacturers IC3410 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
10-bit digital to analogue
converter IC 3410
Issued November 1985
RS stock number 631-389
The 3410 is a 10-bit multiplying digital to analogue
converter IC Complete 10-bit accuracy is achieved
without
laser
trimming
and
monotonicity
is
guaranteed over the operating temperature range.
This device when used in conjunction with an
output buffer amplifier and reference performs the
full 10-bit conversion.
Absolute maximum ratings
V
CC Supply voltage ___________________________+7V
V
EE Supply voltage ___________________________-18V
V
I Digital input voltage _______________________+15V
V
O Applied output voltage ________________0.5, -5.0V
I
REF Reference current_______________________2.5mA
V
REF Reference amplifier inputs _____________VCC, VEE
V
REF (D) Reference amplifier
differential inputs ____________________________0.7V
Operating temperature range__________0°C to +70°C
Junction temperature ______________________+150°C
Features
q 10-bit resolution and accuracy
q Guaranteed monotonicity over full temperature
range
q Fast settling time 250ns typ.
q TTL and CMOS compatible digital inputs
q Reference amplifier internally compensated.
Pin connections
006-109
Data Pack H
Data Sheet


Similar Part No. - IC3410

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IC301 ETC1-IC301 Datasheet
293Kb / 4P
   BLOCK DIAGRAM AND SCHEMATIC DIAGRAM
logo
Panasonic Semiconductor
IC301 PANASONIC-IC301 Datasheet
38Kb / 1P
   BLOCK DIAGRAM OF ICS
IC302 PANASONIC-IC302 Datasheet
38Kb / 1P
   BLOCK DIAGRAM OF ICS
logo
List of Unclassifed Man...
IC357-0484-078 ETC2-IC357-0484-078 Datasheet
469Kb / 8P
   QFP (Quad Flat Packages, Gullwing Leads)
IC357-0644-068 ETC2-IC357-0644-068 Datasheet
469Kb / 8P
   QFP (Quad Flat Packages, Gullwing Leads)
More results

Similar Description - IC3410

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM5615 WOLFSON-WM5615 Datasheet
117Kb / 12P
   10-Bit Digital-to-Analogue Converter
WM2130 WOLFSON-WM2130 Datasheet
186Kb / 20P
   10 - BIT 30MSPS ANALOGUE- TO - DIGITAL CONVERTER
WM2148 WOLFSON-WM2148 Datasheet
255Kb / 14P
   14-bit 8MSPS Analogue-To-Digital Converter
logo
Texas Instruments
ADC101C021 TI1-ADC101C021_15 Datasheet
1Mb / 44P
[Old version datasheet]   10-Bit Analog-to-Digital Converter
logo
Cynergy3 Co
SC-FREQCON CYNERGY3-SC-FREQCON Datasheet
163Kb / 1P
   Frequency To Analogue Converter
logo
List of Unclassifed Man...
KAD2710C ETC2-KAD2710C Datasheet
414Kb / 17P
   10-Bit, 275MSPS Analog-to-Digital Converter
logo
Texas Instruments
DAC900 TI1-DAC900 Datasheet
798Kb / 24P
[Old version datasheet]   10-Bit, 165MSPS DIGITAL-TO-ANALOG CONVERTER
logo
List of Unclassifed Man...
KAD2710L ETC2-KAD2710L Datasheet
417Kb / 17P
   10-Bit, 275MSPS Analog-to-Digital Converter
logo
Burr-Brown (TI)
DAC900 BURR-BROWN-DAC900 Datasheet
192Kb / 16P
   10-Bit, 165MSPS DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC6574 TI-DAC6574 Datasheet
621Kb / 30P
[Old version datasheet]   QUAD, 10-BIT, LOW-POWER, VOLTAGE OUTPUT, IC INTERFACE DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com