Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CM2852ACIM25 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # CM2852ACIM25
Description  300mA CMOS LDO WITH EN & PG
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

CM2852ACIM25 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  CM2852ACIM25 Datasheet HTML 1Page - List of Unclassifed Manufacturers CM2852ACIM25 Datasheet HTML 2Page - List of Unclassifed Manufacturers CM2852ACIM25 Datasheet HTML 3Page - List of Unclassifed Manufacturers CM2852ACIM25 Datasheet HTML 4Page - List of Unclassifed Manufacturers CM2852ACIM25 Datasheet HTML 5Page - List of Unclassifed Manufacturers CM2852ACIM25 Datasheet HTML 6Page - List of Unclassifed Manufacturers CM2852ACIM25 Datasheet HTML 7Page - List of Unclassifed Manufacturers CM2852ACIM25 Datasheet HTML 8Page - List of Unclassifed Manufacturers CM2852ACIM25 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
CM2852
300mA CMOS LDO WITH EN & PG
2003/12/05 Rev. 1.1
Champion Microelectronic Corporation
Page 5
DETAILED DESCRIPTION
The CM2852 family of CMOS regulators contain a PMOS pass transistor, voltage reference, error amplifier, over-current
protection, output short circuit protection, thermal shutdown, and power good function.
The P-channel pass transistor receives data from the error amplifier, over-current shutdown, short output protection, and thermal
protection circuits. During normal operation, the error amplifier compares the output voltage to a precision reference. Over-current
and Thermal shutdown circuits become active when the junction temperature exceeds 150℃, or the current exceeds 300mA.
During thermal shutdown, the output voltage remains low. Normal operation is restored when the junction temperature drops
below 120℃.
The CM2852 switches from voltage mode to current mode when the load exceeds the rated output current. This prevents
over-stress. The CM2852 also incorporates current fold-back to reduce power dissipation when the output is short-circuited. This
feature becomes active when the output drops below 0.95V, and reduces the current flow by 65%. Full current is restored when
the voltage exceeds 0.95V.
EXTERNAL CAPACITOR
The CM2852 is stable with an output capacitor to ground of 2.2µF or greater. It can keep stable even with higher or poor ESR
capacitors. A second capacitor is recommended between the input and ground to stabilize VIN. The input capacitor should be
larger than 0.1µF to have a beneficial effect. All capacitors should be placed in close proximity to the pins. A “quiet” ground
termination is desirable.
ENABLE
The Enable pin normally floats high. When actively, pulled low, the PMOS pass transistor shut off, and all internal circuits are
powered down. In this state, the quiescent current is less than 1µA. This pin behaves much like an electronic switch.
POWER GOOD
The CM2852 includes the Power Good feature. Under normal operating condition which means output voltage is within the SPEC,
PG should be high. If Vout is less than 85% VOUT SPEC, PG will go low. As VOUT comes back and reaches to the 95%
VOUT SPEC, the PG will go high after 1ms~7ms again. (See Timing Diagram as below)
VIN = VEN= 3.3V, Iload = 120mA, VOUT = 1.2V, Delay time = 4.5ms


Similar Part No. - CM2852ACIM25

ManufacturerPart #DatasheetDescription
logo
Visual Communications C...
CM285 VCC-CM285 Datasheet
32Kb / 1P
   Wedge Base
logo
List of Unclassifed Man...
CM2855 ETC-CM2855 Datasheet
273Kb / 10P
   300MA CMOS LDO WITH EN & PG
CM2855GIM26 ETC-CM2855GIM26 Datasheet
273Kb / 10P
   300MA CMOS LDO WITH EN & PG
CM2855IM26 ETC-CM2855IM26 Datasheet
273Kb / 10P
   300MA CMOS LDO WITH EN & PG
More results

Similar Description - CM2852ACIM25

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CM2843 ETC-CM2843 Datasheet
227Kb / 11P
   300MA CMOS LDO WITH EN PG
CM2855 ETC-CM2855 Datasheet
273Kb / 10P
   300MA CMOS LDO WITH EN & PG
CM2841 ETC1-CM2841 Datasheet
227Kb / 11P
   150mA CMOS LDO WITH EN PG
logo
Taiwan Semiconductor Co...
TS9001 TSC-TS9001_07 Datasheet
237Kb / 6P
   300mA CMOS LDO with Enable
logo
List of Unclassifed Man...
CM2831 ETC-CM2831 Datasheet
438Kb / 12P
   300mA CMOS LDO WITH ENABLE
logo
Seaward Electronics Inc...
SE5318 SEAWARD-SE5318 Datasheet
287Kb / 6P
   300mA CMOS LDO with PGOOD
logo
List of Unclassifed Man...
CM2832 ETC1-CM2832 Datasheet
205Kb / 11P
   300mA CMOS LDO WITH ENABLE
CM2833 ETC1-CM2833 Datasheet
267Kb / 11P
   300mA CMOS LDO WITH ENABLE
logo
Taiwan Semiconductor Co...
TS9001 TSC-TS9001_08 Datasheet
86Kb / 6P
   300mA CMOS LDO with Enable
TS9001 TSC-TS9001_13 Datasheet
80Kb / 6P
   300mA CMOS LDO with Enable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com