Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CM2852 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part No. CM2852
Description  300mA CMOS LDO WITH EN & PG
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC1 [List of Unclassifed Manufacturers]
Homepage  
Logo 

CM2852 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

 
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
CM2852
300mA CMOS LDO WITH EN & PG
2003/12/05 Rev. 1.1
Champion Microelectronic Corporation
Page 3
ORDERING INFORMATION
Part Number
Output Voltage
Temperature Range
Package
CM2852ACIM25
1.2V
-40℃ ~ +85℃
SOT-23-5
CM2852SIM25
3.3V
-40℃ ~ +85℃
SOT-23-5
Note: For other pre-set output voltage, please contact Champion Sales office.
ABSOLUTE MAXIMUM RATINGS
OPERATING RATINGS
Input Voltage
…………….……………………………. +7V
Output Current
…………………….……
PD / (VIN - Vo)
Output Voltage
…………………… GND-0.3V to VIN+0.3V
ESD Classification
………………………………………… B
Ambient Temperature Range (TA) ……... -40℃ to +85℃
Junction Temperature Range
…..…... -40℃ to +125℃
THERMAL INFORMATION
Parameter
Maximum
Unit
Thermal Resistance (Θjc)
SOT-23-5
160
℃/W
Internal Power Dissipation (PD)
(ΔT = 100℃)
SOT-23-5
250
mW
Maximum Junction Temperature
150
Maximum Lead Temperature (10 Sec)
300
*With Junction sink capable of twice times ofΘjc
Caution: Stress above the listed absolute rating may cause permanent damage to the device.


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
TC1269300mA CMOS LDO with Shutdown and VREF Bypass 1 2 3 4 5 MoreMicrochip Technology
TS9004300mA CMOS LDO Adjustable Voltage with Enable & Power Good 1 2 3 4 5 Taiwan Semiconductor Company, Ltd
TC1173300mA CMOS LDO with Shutdown ERROR Output and Bypass 1 2 3 4 5 MoreTelCom Semiconductor, Inc
CM2838300mA LOW ESR CMOS LDO WITH ENABLE 1 2 3 4 5 MoreList of Unclassifed Manufacturers
CM2832300mA CMOS LDO WITH ENABLE 1 2 3 4 5 MoreList of Unclassifed Manufacturers
CM2831300mA CMOS LDO WITH ENABLE 1 2 3 4 5 MoreList of Unclassifed Manufacturers
TC1107300mA CMOS LDO with Shutdown and VREF Bypass 1 2 3 4 5 MoreMicrochip Technology
CM2855300MA CMOS LDO WITH EN & PG 1 2 3 4 5 MoreList of Unclassifed Manufacturers
TC1173300mA CMOS LDO with Shutdown ERROR output and Bypass 1 2 3 4 5 MoreMicrochip Technology
CM2833300mA CMOS LDO WITH ENABLE 1 2 3 4 5 MoreList of Unclassifed Manufacturers

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn