Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

4256-51 Datasheet(PDF) 6 Page - Peregrine Semiconductor Corp.

Part # 4256-51
Description  75 廓 SPDT CATV UltraCMOS??Switch DC - 3.0 GHz
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PEREGRINE [Peregrine Semiconductor Corp.]
Direct Link  http://www.peregrine-semi.com
Logo PEREGRINE - Peregrine Semiconductor Corp.

4256-51 Datasheet(HTML) 6 Page - Peregrine Semiconductor Corp.

  4256-51 Datasheet HTML 1Page - Peregrine Semiconductor Corp. 4256-51 Datasheet HTML 2Page - Peregrine Semiconductor Corp. 4256-51 Datasheet HTML 3Page - Peregrine Semiconductor Corp. 4256-51 Datasheet HTML 4Page - Peregrine Semiconductor Corp. 4256-51 Datasheet HTML 5Page - Peregrine Semiconductor Corp. 4256-51 Datasheet HTML 6Page - Peregrine Semiconductor Corp. 4256-51 Datasheet HTML 7Page - Peregrine Semiconductor Corp. 4256-51 Datasheet HTML 8Page - Peregrine Semiconductor Corp.  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Product Specification
PE4256
Page 6 of 8
©2010-2011 Peregrine Semiconductor Corp. All rights reserved.
Document No. 70-0144-04
│ UltraCMOS™ RFIC Solutions
-35
-30
-25
-20
-15
-10
-5
0
0
500
1000
1500
2000
2500
3000
RFC Terminated
RFC - RF1 CLOSED
Frequency (MHz)
Typical Performance Data @ +25 °C, 75
Ω Impedance (unless otherwise noted)
Figure 11. RF1 Return Loss
Figure 13. Linearity (50
Ω System Impedance)
Figure 12. RF2 Return Loss
Figure 10. RFC Return Loss
0
10
20
30
40
50
60
0
500
1000
1500
2000
2500
3000
Input IP3
1dB Compression
Frequency (MHz)


Similar Part No. - 4256-51

ManufacturerPart #DatasheetDescription
logo
Heyco.
4256 HEYCO-4256 Datasheet
93Kb / 1P
   Drive Fasteners
logo
Extech Instruments Corp...
42560 EXTECH-42560 Datasheet
253Kb / 12P
   InfraRed (IR) Thermometer with Wireless Datalogger, Type K input & Laser Pointer
logo
Turck, Inc.
4256000 TURCK-4256000 Datasheet
365Kb / 3P
   Inductive Sensor – Resistant to Magnetic Fields
11/07/2023
4256090 TURCK-4256090 Datasheet
365Kb / 3P
   Inductive Sensor
11/07/2023
4256094 TURCK-4256094 Datasheet
371Kb / 3P
   Inductive Sensor – Resistant to Magnetic Fields
11/07/2023
More results

Similar Description - 4256-51

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
PE4280 PEREGRINE-PE4280 Datasheet
462Kb / 8P
   75 廓 SPDT CATV UltraCMOS??Switch DC - 2.2 GHz
PE4274 PEREGRINE-PE4274 Datasheet
468Kb / 12P
   75廓 Terminated - 2.2 GHz SPDT CATV UltraCMOS??Switch
logo
Peregrine Semiconductor
PE4280 PSEMI-PE4280_14 Datasheet
882Kb / 8P
   75 廓 SPDT CATV UltraCMOS?
logo
Peregrine Semiconductor...
PE4256 PEREGRINE-PE4256 Datasheet
295Kb / 8P
   75 廓 SPDT CATV UltraCMOS
PE4280 PEREGRINE-PE4280 Datasheet
261Kb / 8P
   75 廓 SPDT CATV UltraCMOS
logo
Peregrine Semiconductor
PE4256 PSEMI-PE4256_14 Datasheet
913Kb / 8P
   75 廓 SPDT CATV UltraCMOS?
PE4280MLIAA PSEMI-PE4280MLIAA Datasheet
882Kb / 8P
   75 SPDT CATV UltraCMOS Switch 5 MHz - 2.2 GHz
PE42742 PSEMI-PE42742_14 Datasheet
916Kb / 10P
   75 廓 Terminated, 5 - 2200 MHz SPDT CATV UltraCMOS??Switch
PE4280 PSEMI-PE4280 Datasheet
261Kb / 8P
   SPDT CATV UltraCMOS Switch
PE4256 PSEMI-PE4256 Datasheet
295Kb / 8P
   SPDT CATV UltraCMOS Switch
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com