Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE4256 Datasheet(PDF) 4 Page - Peregrine Semiconductor Corp.

Part # PE4256
Description  75 廓 SPDT CATV UltraCMOS??Switch DC - 3.0 GHz
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PEREGRINE [Peregrine Semiconductor Corp.]
Direct Link  http://www.peregrine-semi.com
Logo PEREGRINE - Peregrine Semiconductor Corp.

PE4256 Datasheet(HTML) 4 Page - Peregrine Semiconductor Corp.

  PE4256 Datasheet HTML 1Page - Peregrine Semiconductor Corp. PE4256 Datasheet HTML 2Page - Peregrine Semiconductor Corp. PE4256 Datasheet HTML 3Page - Peregrine Semiconductor Corp. PE4256 Datasheet HTML 4Page - Peregrine Semiconductor Corp. PE4256 Datasheet HTML 5Page - Peregrine Semiconductor Corp. PE4256 Datasheet HTML 6Page - Peregrine Semiconductor Corp. PE4256 Datasheet HTML 7Page - Peregrine Semiconductor Corp. PE4256 Datasheet HTML 8Page - Peregrine Semiconductor Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Product Specification
PE4256
Page 4 of 8
©2010-2011 Peregrine Semiconductor Corp. All rights reserved.
Document No. 70-0144-04
│ UltraCMOS™ RFIC Solutions
Evaluation Kit
The SPDT Switch Evaluation Kit was designed to
ease customer evaluation of the PE4256 SPDT
switch. The RF common port (RFC) is connected
through a 75
Ω transmission line to J2. Port 1 and
Port 2 are connected through 75
Ω transmission
lines to J1 and J3. A through transmission line
connects F connectors J4 and J5. This
transmission line can be used to estimate the loss
of the PCB over the environmental conditions
being evaluated.
The board is constructed with four metal layers in
FR4 material with a total thickness of 0.062". The
transmission lines were designed using a coplanar
waveguide with ground plane (28 mil core, 21 mil
width, 30 mil gap).
J6 provides a means for controlling DC and digital
inputs to the device. The provided jumpers short
the package pin to ground for logic low. When the
jumper is removed, the pin is pulled up to VDD for
logic high.
When the jumper is in place, 3 µA of current will
flow through the 1 M
Ω pull-up resistor. This extra
current should not be attributed to the device.
Proper PCB design is essential for full isolation
performance. This evaluation board demonstrates
good trace and ground management for minimum
coupling and radiation.
Figure 4. Evaluation Board Layouts
Figure 5. Evaluation Board Schematic
Peregrine Specification 102/0195~02A
Peregrine Specification 101/0148~03A


Similar Part No. - PE4256

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor
PE4256 PSEMI-PE4256 Datasheet
295Kb / 8P
   SPDT CATV UltraCMOS Switch
logo
Peregrine Semiconductor...
PE4256 PEREGRINE-PE4256 Datasheet
295Kb / 8P
   75 廓 SPDT CATV UltraCMOS
logo
Pasternack Enterprises,...
PE4256 PASTERNACK-PE4256 Datasheet
325Kb / 3P
   75 Ohm SMC Jack Bulkhead Mount Connector Crimp/Solder Attachment
logo
Peregrine Semiconductor
PE42562 PSEMI-PE42562 Datasheet
796Kb / 20P
   SP6T RF Switch, 9 kHz?? GHz
PE42562A-X PSEMI-PE42562A-X Datasheet
796Kb / 20P
   SP6T RF Switch, 9 kHz?? GHz
More results

Similar Description - PE4256

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
PE4280 PEREGRINE-PE4280 Datasheet
462Kb / 8P
   75 廓 SPDT CATV UltraCMOS??Switch DC - 2.2 GHz
PE4274 PEREGRINE-PE4274 Datasheet
468Kb / 12P
   75廓 Terminated - 2.2 GHz SPDT CATV UltraCMOS??Switch
logo
Peregrine Semiconductor
PE4280 PSEMI-PE4280_14 Datasheet
882Kb / 8P
   75 廓 SPDT CATV UltraCMOS?
logo
Peregrine Semiconductor...
PE4256 PEREGRINE-PE4256 Datasheet
295Kb / 8P
   75 廓 SPDT CATV UltraCMOS
PE4280 PEREGRINE-PE4280 Datasheet
261Kb / 8P
   75 廓 SPDT CATV UltraCMOS
logo
Peregrine Semiconductor
PE4256 PSEMI-PE4256_14 Datasheet
913Kb / 8P
   75 廓 SPDT CATV UltraCMOS?
PE4280MLIAA PSEMI-PE4280MLIAA Datasheet
882Kb / 8P
   75 SPDT CATV UltraCMOS Switch 5 MHz - 2.2 GHz
PE42742 PSEMI-PE42742_14 Datasheet
916Kb / 10P
   75 廓 Terminated, 5 - 2200 MHz SPDT CATV UltraCMOS??Switch
PE4280 PSEMI-PE4280 Datasheet
261Kb / 8P
   SPDT CATV UltraCMOS Switch
PE4256 PSEMI-PE4256 Datasheet
295Kb / 8P
   SPDT CATV UltraCMOS Switch
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com