Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

43172015 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 43172015
Description  Crimp contact - SF-7PS2000
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

43172015 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  43172015 Datasheet HTML 1Page - PHOENIX CONTACT 43172015 Datasheet HTML 2Page - PHOENIX CONTACT 43172015 Datasheet HTML 3Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
https://www.phoenixcontact.com/us/products/1605636
12/14/2015   Page 1 / 3
Crimp contact - SF-7PS2000 - 1605636
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
Crimp contact, turned, Single contact, Contact diameter: 2 mm, Crimp range: 0.25 mm²...1 mm²
 
Key Commercial Data
Packing unit
1 pc
Minimum order quantity
50 pc
Weight per Piece (excluding packing)
1.19 g
Custom tariff number
85389099
Country of origin
Germany
Technical data
General
Contact type
turned
Contact diameter
2 mm
Type of contact
Socket
Connection type
Crimp connection
Insertion/withdrawal cycles mechanical
100
Litz wire cross section min.
0.25 mm²
Litz wire cross section max.
1 mm²
Contact material
CuZn
Contact surface
Nickel-plated (Ni), with gold coating (Au)
Classifications
eCl@ss
eCl@ss 4.0
272607xx
eCl@ss 4.1
27260701


Similar Part No. - 43172015

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
43172015 PHOENIX-43172015 Datasheet
246Kb / 6P
   Cable connector - CA-07P1N12T007S
43172015 PHOENIX-43172015 Datasheet
249Kb / 6P
   Cable connector - CA-16P1N12T008
43172015 PHOENIX-43172015 Datasheet
68Kb / 4P
   Device connector, rear mounting - CA-19P1N12HZ00
43172015 PHOENIX-43172015 Datasheet
63Kb / 4P
   Cable connector - CA-09S1N1280DN
43172015 PHOENIX-43172015 Datasheet
57Kb / 2P
   Cable connector - RC-63S1N12T0R9
More results

Similar Description - 43172015

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1605639 PHOENIX-1605639 Datasheet
52Kb / 3P
   Crimp contact - SF-7QP2000
1607355 PHOENIX-1607355 Datasheet
51Kb / 3P
   Crimp contact - SF-10KP004
1605631 PHOENIX-1605631 Datasheet
49Kb / 2P
   Crimp contact - SF-7NS2000
1605634 PHOENIX-1605634 Datasheet
52Kb / 3P
   Crimp contact - SF-7PP2000
1621579 PHOENIX-1621579 Datasheet
166Kb / 3P
   Crimp contact - SF-20KP021
1607031 PHOENIX-1607031 Datasheet
57Kb / 3P
   Crimp contact - SF-10KS320
1607034 PHOENIX-1607034 Datasheet
49Kb / 2P
   Crimp contact - SF-20KS350
1605554 PHOENIX-1605554 Datasheet
51Kb / 3P
   Crimp contact - SF-6AP2000
1050147 PHOENIX-1050147 Datasheet
174Kb / 3P
   Crimp contact - SF-20KP011
1621575 PHOENIX-1621575 Datasheet
152Kb / 3P
   Crimp contact - SF-08KP020
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com