Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

4246-51 Datasheet(PDF) 3 Page - Peregrine Semiconductor Corp.

Part # 4246-51
Description  Absorptive SPST UltraCMOS??RF Switch: DC - 5000 MHz
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PEREGRINE [Peregrine Semiconductor Corp.]
Direct Link  http://www.peregrine-semi.com
Logo PEREGRINE - Peregrine Semiconductor Corp.

4246-51 Datasheet(HTML) 3 Page - Peregrine Semiconductor Corp.

  4246-51 Datasheet HTML 1Page - Peregrine Semiconductor Corp. 4246-51 Datasheet HTML 2Page - Peregrine Semiconductor Corp. 4246-51 Datasheet HTML 3Page - Peregrine Semiconductor Corp. 4246-51 Datasheet HTML 4Page - Peregrine Semiconductor Corp. 4246-51 Datasheet HTML 5Page - Peregrine Semiconductor Corp. 4246-51 Datasheet HTML 6Page - Peregrine Semiconductor Corp. 4246-51 Datasheet HTML 7Page - Peregrine Semiconductor Corp. 4246-51 Datasheet HTML 8Page - Peregrine Semiconductor Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Product Specification
PE4246
©2003-2010 Peregrine Semiconductor Corp. All rights reserved.
Document No. 70-0090-09
│ www.psemi.com
Page 3 of 8
-100
-80
-60
-40
-20
0
0
1000
2000
3000
4000
5000
Frequency (MHz)
20
30
40
50
60
20
30
40
50
60
0
1000
2000
3000
4000
5000
Frequency (MHz)
IIP3
Input 1dB Compression
-3
-2.5
-2
-1.5
-1
-0.5
0
0
1000
2000
3000
4000
5000
Frequency (MHz)
-40 C
25 C
85 C
Typical Performance Data @ 25 °C (Unless Otherwise Noted)
Figure 4. Insertion Loss
Figure 5. Input 1dB Compression Point and IIP3
Figure 6. Isolation
T = -40 °C to 85 °C


Similar Part No. - 4246-51

ManufacturerPart #DatasheetDescription
logo
Heyco.
4246 HEYCO-4246 Datasheet
159Kb / 1P
   Hinged Edge Strain Relief Bushings
logo
Tyco Electronics
42460-1 MACOM-42460-1 Datasheet
60Kb / 1P
   TAB, FASTIN FASTON, 2510 SERIES
42460-2 MACOM-42460-2 Datasheet
60Kb / 1P
   TAB, FASTIN FASTON, 2510 SERIES
42460-3 MACOM-42460-3 Datasheet
60Kb / 1P
   TAB, FASTIN FASTON, 2510 SERIES
42460-5 MACOM-42460-5 Datasheet
60Kb / 1P
   TAB, FASTIN FASTON, 2510 SERIES
More results

Similar Description - 4246-51

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor
PE4246 PSEMI-PE4246 Datasheet
462Kb / 8P
   Absorptive SPST UltraCMOS RF Switch
logo
Peregrine Semiconductor...
PE4246 PEREGRINE-PE4246 Datasheet
462Kb / 8P
   Absorptive SPST UltraCMOS
logo
Peregrine Semiconductor
PE4246 PSEMI-PE4246_14 Datasheet
1Mb / 8P
   Absorptive SPST UltraCMOS?
PE4257 PSEMI-PE4257 Datasheet
300Kb / 7P
   SPDT Absorptive UltraCMOS DC??.0 GHz RF Switch
logo
Peregrine Semiconductor...
PE4271 PEREGRINE-PE4271 Datasheet
300Kb / 8P
   SPST CATV UltraCMOS??Switch DC - 3000 MHz
logo
Integrated Circuit Syst...
PE4270 ICST-PE4270 Datasheet
296Kb / 8P
   SPST CATV UltraCMOS??Switch DC - 3000 MHz
logo
Peregrine Semiconductor...
PE4240 PEREGRINE-PE4240 Datasheet
267Kb / 8P
   SPST UltraCMOS??CATV Switch DC - 1300 MHz
PE4257 PEREGRINE-PE4257 Datasheet
222Kb / 7P
   50 짰SPDT Absorptive UltraCMOS DC - 3.0 GHz RF Switch
logo
Peregrine Semiconductor
PE42451 PSEMI-PE42451 Datasheet
619Kb / 11P
   SP5T Absorptive UltraCMOS High-Isolation RF Switch
logo
Peregrine Semiconductor...
PE4220 PEREGRINE-PE4220 Datasheet
247Kb / 7P
   SPDT UltraCMOS??RF Switch DC - 2500 MHz
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com