Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

4244-02 Datasheet(PDF) 6 Page - Peregrine Semiconductor Corp.

Part # 4244-02
Description  SPDT UltraCMOS??RF Switch
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PEREGRINE [Peregrine Semiconductor Corp.]
Direct Link  http://www.peregrine-semi.com
Logo PEREGRINE - Peregrine Semiconductor Corp.

4244-02 Datasheet(HTML) 6 Page - Peregrine Semiconductor Corp.

  4244-02 Datasheet HTML 1Page - Peregrine Semiconductor Corp. 4244-02 Datasheet HTML 2Page - Peregrine Semiconductor Corp. 4244-02 Datasheet HTML 3Page - Peregrine Semiconductor Corp. 4244-02 Datasheet HTML 4Page - Peregrine Semiconductor Corp. 4244-02 Datasheet HTML 5Page - Peregrine Semiconductor Corp. 4244-02 Datasheet HTML 6Page - Peregrine Semiconductor Corp.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Product Specification
PE4244
Page 6 of 6
©2005-2013 Peregrine Semiconductor Corp. All rights reserved.
Document No. DOC-30006-2 │ UltraCMOS® RFIC Solutions
TOP VIEW
SIDE VIEW
FRONT VIEW
RECOMMENDED LAND PATTERN
A
0.10 C
(2X)
C
0.10 C
0.05 C
SEATING PLANE
B
0.10 C
(2X)
0.10
C A B
0.05
C
ALL FEATURES
PIN #1 CORNER
3.00
1.95
3.00
4.90
0.86±0.05
0.10±0.05
0.15±0.05
(x8)
0.55±0.10
(x8)
0.65
0.30±0.05
(x8)
(x8)
4.20
5.50
1.30
0.65
0.35
(X8)
(x8)
Figure 14. Package Drawing  
8-lead MSOP
Table 6. Ordering Information
Order Code
Part Marking
Description
Package
Shipping Method
4244-00
PE4244-EK
PE4244-08MSOP-EK
Evaluation Kit
1 / Box
4244-52
4244
PE4244G-08MSOP-2000C
Green 8-lead MSOP
2000 units / T&R
DOC-01886
Advance Information: The product is in a formative or design stage. The datasheet contains design target
specifications for product development. Specifications and features may change in any manner without notice.
Preliminary Specification: The datasheet contains preliminary data. Additional data may be added at a later
date. Peregrine reserves the right to change specifications at any time without notice in order to supply the best
possible product. Product Specification: The datasheet contains final data. In the event Peregrine decides to
change the specifications, Peregrine will notify customers of the intended changes by issuing a CNF (Customer
Notification Form).
The information in this datasheet is believed to be reliable. However, Peregrine assumes no liability for the use
of this information. Use shall be entirely at the user’s own risk.
No patent rights or licenses to any circuits described in this datasheet are implied or granted to any third party.
Peregrine’s products are not designed or intended for use in devices or systems intended for surgical implant,
or in other applications intended to support or sustain life, or in any application in which the failure of the
Peregrine product could create a situation in which personal injury or death might occur. Peregrine assumes no
liability for damages, including consequential or incidental damages, arising out of the use of its products in
such applications.
The Peregrine name, logo, UltraCMOS and UTSi are registered trademarks and HaRP, MultiSwitch and DuNE
are trademarks of Peregrine Semiconductor Corp. Peregrine products are protected under one or more of
the following U.S. Patents: http://patents.psemi.com.
Sales Contact and Information
For sales and contact information please visit www.psemi.com.


Similar Part No. - 4244-02

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
4244-11UYC ETC-4244-11UYC Datasheet
96Kb / 6P
   3.9 3.3mm Eliptical Wide Angle LED Lamps
More results

Similar Description - 4244-02

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor
PE42552 PSEMI-PE42552 Datasheet
401Kb / 9P
   SPDT UltraCMOS RF Switch
PE42721 PSEMI-PE42721 Datasheet
297Kb / 12P
   UltraCMOS SPDT RF Switch
logo
Peregrine Semiconductor...
PE4239 PEREGRINE-PE4239_06 Datasheet
285Kb / 9P
   SPDT UltraCMOS??RF Switch
PE42556 PEREGRINE-PE42556 Datasheet
281Kb / 10P
   SPDT UltraCMOS RF Switch
PE4239 PEREGRINE-PE4239 Datasheet
249Kb / 8P
   SPDT UltraCMOS??RF Switch
logo
Peregrine Semiconductor
PE4239 PSEMI-PE4239_14 Datasheet
860Kb / 9P
   SPDT UltraCMOS??RF Switch
PE4245 PSEMI-PE4245_14 Datasheet
838Kb / 8P
   SPDT UltraCMOS??RF Switch
logo
Peregrine Semiconductor...
PE4242 PEREGRINE-PE4242_06 Datasheet
278Kb / 9P
   SPDT UltraCMOS??RF Switch
PE4245 PEREGRINE-PE4245_08 Datasheet
282Kb / 8P
   SPDT UltraCMOS??RF Switch
PE4250 PEREGRINE-PE4250 Datasheet
226Kb / 9P
   SPDT UltraCMOS RF Switch
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com