Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

4243-01 Datasheet(PDF) 6 Page - Peregrine Semiconductor Corp.

Part # 4243-01
Description  SPDT UltraCMOS??RF Switch
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PEREGRINE [Peregrine Semiconductor Corp.]
Direct Link  http://www.peregrine-semi.com
Logo PEREGRINE - Peregrine Semiconductor Corp.

4243-01 Datasheet(HTML) 6 Page - Peregrine Semiconductor Corp.

  4243-01 Datasheet HTML 1Page - Peregrine Semiconductor Corp. 4243-01 Datasheet HTML 2Page - Peregrine Semiconductor Corp. 4243-01 Datasheet HTML 3Page - Peregrine Semiconductor Corp. 4243-01 Datasheet HTML 4Page - Peregrine Semiconductor Corp. 4243-01 Datasheet HTML 5Page - Peregrine Semiconductor Corp. 4243-01 Datasheet HTML 6Page - Peregrine Semiconductor Corp. 4243-01 Datasheet HTML 7Page - Peregrine Semiconductor Corp. 4243-01 Datasheet HTML 8Page - Peregrine Semiconductor Corp.  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Product Specification
PE4243
Page 6 of 8
©2005 Peregrine Semiconductor Corp. All rights reserved.
Document No. 70-0096-02
│ UltraCMOS™ RFIC Solutions
-40
-30
-20
-10
0
0
500
1000
1500
2000
2500
3000
Frequency (MHz)
RF2
RF1
-40
-30
-20
-10
0
0
500
1000
1500
2000
2500
3000
Frequency (MHz)
RF2
RF1
-100
-80
-60
-40
-20
0
0
500
1000
1500
2000
2500
3000
Frequency (MHz)
-100
-80
-60
-40
-20
0
0
500
1000
1500
2000
2500
3000
Frequency (MHz)
Figure 11. Isolation – RF1 to RF2, RF2 to RF1
Figure 13. Return Loss – RF1, RF2
Figure 12. Return Loss – RFC to RF1, RF2
Figure 10. Isolation – RFC to RF2
Typical Performance Data @ 25 °C


Similar Part No. - 4243-01

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
4243 POMONA-4243 Datasheet
25Kb / 1P
   Double Binding Post Assembly
logo
Tyco Electronics
42437-2 MACOM-42437-2 Datasheet
944Kb / 22P
   FASTON Receptacles
42437-5 MACOM-42437-5 Datasheet
944Kb / 22P
   FASTON Receptacles
More results

Similar Description - 4243-01

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor
PE42552 PSEMI-PE42552 Datasheet
401Kb / 9P
   SPDT UltraCMOS RF Switch
PE42721 PSEMI-PE42721 Datasheet
297Kb / 12P
   UltraCMOS SPDT RF Switch
logo
Peregrine Semiconductor...
PE4239 PEREGRINE-PE4239_06 Datasheet
285Kb / 9P
   SPDT UltraCMOS??RF Switch
PE42556 PEREGRINE-PE42556 Datasheet
281Kb / 10P
   SPDT UltraCMOS RF Switch
PE4239 PEREGRINE-PE4239 Datasheet
249Kb / 8P
   SPDT UltraCMOS??RF Switch
PE4244 PEREGRINE-PE4244 Datasheet
251Kb / 6P
   SPDT UltraCMOS??RF Switch
logo
Peregrine Semiconductor
PE4239 PSEMI-PE4239_14 Datasheet
860Kb / 9P
   SPDT UltraCMOS??RF Switch
PE4245 PSEMI-PE4245_14 Datasheet
838Kb / 8P
   SPDT UltraCMOS??RF Switch
logo
Peregrine Semiconductor...
PE4242 PEREGRINE-PE4242_06 Datasheet
278Kb / 9P
   SPDT UltraCMOS??RF Switch
PE4245 PEREGRINE-PE4245_08 Datasheet
282Kb / 8P
   SPDT UltraCMOS??RF Switch
PE4250 PEREGRINE-PE4250 Datasheet
226Kb / 9P
   SPDT UltraCMOS RF Switch
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com