Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ZLNB2013 Datasheet(PDF) 3 Page - Zetex Semiconductors

Part No. ZLNB2013
Description  DUAL TONE AND POLARITY SWITCH LNB MULTIPLEX CONTROLLER
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ZETEX [Zetex Semiconductors]
Homepage  http://www.diodes.com/
Logo 

ZLNB2013 Datasheet(HTML) 3 Page - Zetex Semiconductors

   
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
ISSUE 1 - AUGUST 2005
ZLNB2013
3
SYMBOL
PARAMETER
CONDITIONS
LIMITS
UNITS
Min.
Typ.
Max.
TD 1,2 Outputs
V
VHIGH
V
VLOW
Voltage high
Voltage Low
ITD 1,2=-100 A, Test Circuit 1,
Tone enabled
ITD 1,2=5mA, Test Circuit 1, Tone
disabled
V
CC-1.0
0
V
CC-0.7
0.3
V
CC
0.5
V
V
BTD 1,2 Outputs
V
VHIGH
V
VLOW
Voltage high
Voltage Low
IBTD 1,2=-100 A, Test Circuit 1,
Tone disabled
IBTD 1,2=5mA, Test Circuit 1,
Tone enabled
V
CC-1.0
0
V
CC-0.7
0.3
V
CC
0.5
V
V
ELECTRICAL CHARACTERISTICS TEST CONDITIONS (Unless otherwise stated):
T
amb= 25 C,VCC=5V
Note:
1) The parameters Filter Amplifier VOUT, IOUT, Rectifier VOUT and Comparator Threshold Voltage are all directly
(linearly) related to Vcc.
2) Applied via 2.2k resistors
3) These parameters are linear related to VCC


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn