Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

4235-51 Datasheet(PDF) 5 Page - Peregrine Semiconductor Corp.

Part # 4235-51
Description  SPDT UltraCMOS??RF Switch DC - 4000 MHz
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PEREGRINE [Peregrine Semiconductor Corp.]
Direct Link  http://www.peregrine-semi.com
Logo PEREGRINE - Peregrine Semiconductor Corp.

4235-51 Datasheet(HTML) 5 Page - Peregrine Semiconductor Corp.

  4235-51 Datasheet HTML 1Page - Peregrine Semiconductor Corp. 4235-51 Datasheet HTML 2Page - Peregrine Semiconductor Corp. 4235-51 Datasheet HTML 3Page - Peregrine Semiconductor Corp. 4235-51 Datasheet HTML 4Page - Peregrine Semiconductor Corp. 4235-51 Datasheet HTML 5Page - Peregrine Semiconductor Corp. 4235-51 Datasheet HTML 6Page - Peregrine Semiconductor Corp. 4235-51 Datasheet HTML 7Page - Peregrine Semiconductor Corp. 4235-51 Datasheet HTML 8Page - Peregrine Semiconductor Corp.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Product Specification
PE4235
Page 5 of 8
©2005 Peregrine Semiconductor Corp. All rights reserved.
Document No. 70-0069-03
│ www.psemi.com
Evaluation Kit
The SPDT Switch Evaluation Kit board was
designed to ease customer evaluation of the
PE4235 SPDT switch. The RF common port is
connected through a 50
Ω transmission line to the
top left SMA connector, J1. Port 1 and Port 2 are
connected through 50
Ω transmission lines to the top
two SMA connectors on the right side of the board,
J2 and J3. A through transmission line connects
SMA connectors J4 and J5. This transmission line
can be used to estimate the loss of the PCB over the
environmental conditions being evaluated.
The board is constructed of a two metal layer FR4
material with a total thickness of 0.031”. The bottom
layer provides ground for the RF transmission lines.
The transmission lines were designed using a
coplanar waveguide with ground plane model using
a trace width of 0.0476”, trace gaps of 0.030”,
dielectric thickness of 0.028”, metal thickness of
0.0021” and
ε
r of 4.4.
J6 provides a means for controlling DC and digital
inputs to the device. Starting from the lower left pin,
the second pin to the right (J6-3) is connected to the
device CTRL input. The fourth pin to the right (J6-7)
is connected to the device VDD input. A decoupling
capacitor (100 pF) is provided on both CTRL and
VDD traces. It is the responsibility of the customer to
determine proper supply decoupling for their design
application. Removing these components from the
evaluation board has not been shown to degrade RF
performance.
Figure 12. Evaluation Board Layouts
Figure 13. Evaluation Board Schematic
Peregrine Specification 102/0108
Peregrine Specification 101/0085


Similar Part No. - 4235-51

ManufacturerPart #DatasheetDescription
logo
Heyco.
4235 HEYCO-4235 Datasheet
104Kb / 1P
   Shorty Cable Holders
logo
Aries Electronics, Inc.
4235510 ARIES-4235510 Datasheet
722Kb / 1P
   Series 55 Universal Zero-Insertion-Force DIP Test Socket
4235510TL ARIES-4235510TL Datasheet
722Kb / 1P
   Series 55 Universal Zero-Insertion-Force DIP Test Socket
4235511 ARIES-4235511 Datasheet
722Kb / 1P
   Series 55 Universal Zero-Insertion-Force DIP Test Socket
42355110 ARIES-42355110 Datasheet
722Kb / 1P
   Series 55 Universal Zero-Insertion-Force DIP Test Socket
More results

Similar Description - 4235-51

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
PE4245 PEREGRINE-PE4245 Datasheet
279Kb / 8P
   SPDT UltraCMOS??RF Switch DC - 4000 MHz
PE4237 PEREGRINE-PE4237 Datasheet
278Kb / 8P
   SPDT UltraCMOS??RF Switch DC - 4000 MHz
PE4245 PEREGRINE-PE4245_06 Datasheet
263Kb / 8P
   SPDT UltraCMOS??RF Switch DC - 4000 MHz
PE4220 PEREGRINE-PE4220 Datasheet
247Kb / 7P
   SPDT UltraCMOS??RF Switch DC - 2500 MHz
PE4210 PEREGRINE-PE4210 Datasheet
245Kb / 7P
   SPDT UltraCMOS??RF Switch DC - 3000 MHz
PE42552 PEREGRINE-PE42552 Datasheet
398Kb / 9P
   SPDT UltraCMOS RF Switch DC - 7500 MHz
logo
Peregrine Semiconductor
PE42452 PSEMI-PE42452_15 Datasheet
458Kb / 11P
   UltraCMOS SP5T RF Switch 450-4000 MHz
PE423422 PSEMI-PE423422 Datasheet
366Kb / 13P
   UltraCMOS SPDT RF Switch 100??000 MHz
PE42552 PSEMI-PE42552 Datasheet
401Kb / 9P
   SPDT UltraCMOS RF Switch
PE42721 PSEMI-PE42721 Datasheet
297Kb / 12P
   UltraCMOS SPDT RF Switch
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com