Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

4135-52 Datasheet(PDF) 6 Page - Peregrine Semiconductor Corp.

Part # 4135-52
Description  High Linearity UltraCMOS??Quad MOSFET Mixer
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PEREGRINE [Peregrine Semiconductor Corp.]
Direct Link  http://www.peregrine-semi.com
Logo PEREGRINE - Peregrine Semiconductor Corp.

4135-52 Datasheet(HTML) 6 Page - Peregrine Semiconductor Corp.

  4135-52 Datasheet HTML 1Page - Peregrine Semiconductor Corp. 4135-52 Datasheet HTML 2Page - Peregrine Semiconductor Corp. 4135-52 Datasheet HTML 3Page - Peregrine Semiconductor Corp. 4135-52 Datasheet HTML 4Page - Peregrine Semiconductor Corp. 4135-52 Datasheet HTML 5Page - Peregrine Semiconductor Corp. 4135-52 Datasheet HTML 6Page - Peregrine Semiconductor Corp. 4135-52 Datasheet HTML 7Page - Peregrine Semiconductor Corp. 4135-52 Datasheet HTML 8Page - Peregrine Semiconductor Corp. 4135-52 Datasheet HTML 9Page - Peregrine Semiconductor Corp.  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Product Specification
PE4135
Page 6 of 9
©2005 Peregrine Semiconductor Corp. All rights reserved.
Document No. 70-0086-04
│ UltraCMOS™ RFIC Solutions
-14
-12
-10
-8
-6
800
850
900
950
Frequency (MHz)
LO=5dBm
LO=8dBm
LO=11dBm
LO=14dBm
LO=17dBm
LO=20dBm
10
15
20
25
30
35
800
850
900
950
Frequency (MHz)
LO=5dBm
LO=8dBm
LO=11dBm
LO=14dBm
LO=17dBm
LO=20dBm
Typical Performance Data (LO=17 dBm, RF=3 dBm, IF=70 MHz)
Figure 16. Conversion Loss Across LO Power
Table 5. Spurious Response
Figure 15. Input IP3 Across LO Power
Table 6. Spurious Response
mRF+nLO
nLO
mRF
1
2
3
4
1
1
29
20
32
2
50
46
58
50
3
69
81
70
77
4
88
85
83
>90
mRF+nLO
nLO
mRF
1
2
3
4
1
0
27
12
35
2
47
53
47
50
3
66
66
62
67
4
86
83
>90
>90
Note: Normalized to dB below PIF
(RF=870 Mhz @ 3 dBm, LO=940 MHz @ 17 dBm)
Note: Normalized to dB below PIF
(RF=870 Mhz @ 3 dBm, LO=940 MHz @ 17 dBm)


Similar Part No. - 4135-52

ManufacturerPart #DatasheetDescription
logo
Filtronic Compound Semi...
4135 FILTRONIC-4135 Datasheet
287Kb / 2P
   POWER DIVIDERS FIVE-WAY, 2 TO 8 GHZ
logo
API Technologies Corp
4135 APITECH-4135 Datasheet
159Kb / 2P
   4125
4135 APITECH-4135 Datasheet
160Kb / 2P
   POWER DIVIDERS
4135 APITECH-4135 Datasheet
165Kb / 2P
   POWER DIVIDERS
logo
C&K Components
413502000 CK-COMPONENTS-413502000 Datasheet
381Kb / 8P
   3 Series Thumbwheel Switches
More results

Similar Description - 4135-52

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
PE4122 PEREGRINE-PE4122 Datasheet
260Kb / 8P
   UltraCMOS??High Linearity Quad MOSFET Mixer For PCS & 3G BTS
PE84140 PEREGRINE-PE84140_06 Datasheet
165Kb / 7P
   Ultra-High Linearity UltraCMOS Broadband Quad MOSFET Array
logo
Peregrine Semiconductor
PE4140 PSEMI-PE4140 Datasheet
269Kb / 10P
   Ultra-High Linearity UltraCMOS Broadband Quad MOSFET Array
logo
Peregrine Semiconductor...
PE4140 PEREGRINE-PE4140 Datasheet
285Kb / 10P
   Ultra-High Linearity UltraCMOS Broadband Quad MOSFET Array Features
logo
Peregrine Semiconductor
PE4140-DIE PSEMI-PE4140-DIE Datasheet
847Kb / 10P
   Ultra-High Linearity UltraCMOS?
logo
Peregrine Semiconductor...
PE4140 PEREGRINE-PE4140 Datasheet
269Kb / 10P
   Ultra-High Linearity UltraCMOS
PE4134 PEREGRINE-PE4134 Datasheet
295Kb / 9P
   High Linearity Quad MOSFET Mixer for PCS & 3G BTS
logo
Peregrine Semiconductor
PE4140 PSEMI-PE4140_14 Datasheet
847Kb / 10P
   Ultra-High Linearity UltraCMOS?
logo
Peregrine Semiconductor...
PE4126 PEREGRINE-PE4126 Datasheet
269Kb / 8P
   High Linearity Quad MOSFET Mixer for DCS 1800 BTS
PE4125 PEREGRINE-PE4125 Datasheet
234Kb / 8P
   High Linearity Quad MOSFET Mixer for GSM 800 & Cellular BTS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com