Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

4135-52 Datasheet(PDF) 3 Page - Peregrine Semiconductor Corp.

Part # 4135-52
Description  High Linearity UltraCMOS??Quad MOSFET Mixer
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PEREGRINE [Peregrine Semiconductor Corp.]
Direct Link  http://www.peregrine-semi.com
Logo PEREGRINE - Peregrine Semiconductor Corp.

4135-52 Datasheet(HTML) 3 Page - Peregrine Semiconductor Corp.

  4135-52 Datasheet HTML 1Page - Peregrine Semiconductor Corp. 4135-52 Datasheet HTML 2Page - Peregrine Semiconductor Corp. 4135-52 Datasheet HTML 3Page - Peregrine Semiconductor Corp. 4135-52 Datasheet HTML 4Page - Peregrine Semiconductor Corp. 4135-52 Datasheet HTML 5Page - Peregrine Semiconductor Corp. 4135-52 Datasheet HTML 6Page - Peregrine Semiconductor Corp. 4135-52 Datasheet HTML 7Page - Peregrine Semiconductor Corp. 4135-52 Datasheet HTML 8Page - Peregrine Semiconductor Corp. 4135-52 Datasheet HTML 9Page - Peregrine Semiconductor Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Product Specification
PE4135
Page 3 of 9
©2005 Peregrine Semiconductor Corp. All rights reserved.
Document No. 70-0086-04
│ UltraCMOS™ RFIC Solutions
Evaluation Kit
Figure 4. Evaluation Board Layout
Figure 5. Evaluation Board Schematic
4
5
6
3
2
1
RF
LO
IF
T2
6-lead
MLPM
3 x 3 mm
LO
IF
RF
Eval
Board
Sig
Gen
Sig
Gen
Hybrid
Tee
3 dB
PA
Sig
Gen
3 dB
Spectrum
Analyzer
3 dB
6 dB
6 dB
4135
Figure 6. Evaluation Board Testing Block Diagram, 2-Tone Setup
Table 4. Bill of Materials
Reference
Value / Description
T2
M/A Com ETK1-1-13
R1
0
U1
PE4135 MLP Mixer
J1, J2, J3
SMA Connector
Pin 1


Similar Part No. - 4135-52

ManufacturerPart #DatasheetDescription
logo
Filtronic Compound Semi...
4135 FILTRONIC-4135 Datasheet
287Kb / 2P
   POWER DIVIDERS FIVE-WAY, 2 TO 8 GHZ
logo
API Technologies Corp
4135 APITECH-4135 Datasheet
159Kb / 2P
   4125
4135 APITECH-4135 Datasheet
160Kb / 2P
   POWER DIVIDERS
4135 APITECH-4135 Datasheet
165Kb / 2P
   POWER DIVIDERS
logo
C&K Components
413502000 CK-COMPONENTS-413502000 Datasheet
381Kb / 8P
   3 Series Thumbwheel Switches
More results

Similar Description - 4135-52

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
PE4122 PEREGRINE-PE4122 Datasheet
260Kb / 8P
   UltraCMOS??High Linearity Quad MOSFET Mixer For PCS & 3G BTS
PE84140 PEREGRINE-PE84140_06 Datasheet
165Kb / 7P
   Ultra-High Linearity UltraCMOS Broadband Quad MOSFET Array
logo
Peregrine Semiconductor
PE4140 PSEMI-PE4140 Datasheet
269Kb / 10P
   Ultra-High Linearity UltraCMOS Broadband Quad MOSFET Array
logo
Peregrine Semiconductor...
PE4140 PEREGRINE-PE4140 Datasheet
285Kb / 10P
   Ultra-High Linearity UltraCMOS Broadband Quad MOSFET Array Features
logo
Peregrine Semiconductor
PE4140-DIE PSEMI-PE4140-DIE Datasheet
847Kb / 10P
   Ultra-High Linearity UltraCMOS?
logo
Peregrine Semiconductor...
PE4140 PEREGRINE-PE4140 Datasheet
269Kb / 10P
   Ultra-High Linearity UltraCMOS
PE4134 PEREGRINE-PE4134 Datasheet
295Kb / 9P
   High Linearity Quad MOSFET Mixer for PCS & 3G BTS
logo
Peregrine Semiconductor
PE4140 PSEMI-PE4140_14 Datasheet
847Kb / 10P
   Ultra-High Linearity UltraCMOS?
logo
Peregrine Semiconductor...
PE4126 PEREGRINE-PE4126 Datasheet
269Kb / 8P
   High Linearity Quad MOSFET Mixer for DCS 1800 BTS
PE4125 PEREGRINE-PE4125 Datasheet
234Kb / 8P
   High Linearity Quad MOSFET Mixer for GSM 800 & Cellular BTS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com