Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

4210-22 Datasheet(PDF) 1 Page - Peregrine Semiconductor Corp.

Part No. 4210-22
Description  SPDT UltraCMOS??RF Switch DC - 3000 MHz
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PEREGRINE [Peregrine Semiconductor Corp.]
Direct Link  http://www.peregrine-semi.com
Logo PEREGRINE - Peregrine Semiconductor Corp.

4210-22 Datasheet(HTML) 1 Page - Peregrine Semiconductor Corp.

  4210-22 Datasheet HTML 1Page - Peregrine Semiconductor Corp. 4210-22 Datasheet HTML 2Page - Peregrine Semiconductor Corp. 4210-22 Datasheet HTML 3Page - Peregrine Semiconductor Corp. 4210-22 Datasheet HTML 4Page - Peregrine Semiconductor Corp. 4210-22 Datasheet HTML 5Page - Peregrine Semiconductor Corp. 4210-22 Datasheet HTML 6Page - Peregrine Semiconductor Corp. 4210-22 Datasheet HTML 7Page - Peregrine Semiconductor Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Page 1 of 7
Document No. 70-0037-05
│ www.psemi.com
©2005 Peregrine Semiconductor Corp. All rights reserved.
Parameter
Conditions
Minimum
Typical
Maximum
Units
Operating Frequency1
DC
3000
MHz
Insertion Loss
1000 MHz
2000 MHz
0.30
0.45
0.40
0.60
dB
dB
Isolation – RFC to RF1/RF2
1000 MHz
2000 MHz
34.5
24.5
35.5
25
dB
dB
Isolation – RF1 to RF2
1000 MHz
2000 MHz
36.5
25.5
37.5
26.5
dB
dB
Return Loss
1000 MHz
2000 MHz
22.5
15
24.5
16
dB
dB
‘ON’ Switching Time
CTRL to 0.1 dB final value, 2 GHz
200
ns
‘OFF’ Switching Time
CTRL to 25 dB isolation, 2 GHz
90
ns
Video Feedthrough2
2.5
mVpp
Input 1 dB Compression
2000 MHz
13
14.5
dBm
Input IP3
2000 MHz, 5 dBm
30
33.5
dBm
8-lead MSOP
RFC
RF1
RF2
CMOS
Control
Driver
CTRL
The PE4210 UltraCMOS™ RF Switch is designed to cover a
broad range of applications from near DC to 3000 MHz. This
single-supply switch integrates on-board CMOS control logic
driven by a simple, single-pin CMOS or TTL compatible control
input. Using a nominal +3-volt power supply, a typical input
1 dB compression point of +14 dBm can be achieved. The
PE4210 also exhibits input-output isolation of better than 35 dB
at 1000 MHz and is offered in a small 8-lead MSOP package.
The PE4210 UltraCMOS™ RF Switch is manufactured in
Peregrine’s patented Ultra Thin Silicon (UTSi®) CMOS
process, offering the performance of GaAs with the economy
and integration of conventional CMOS.
Product Specification
SPDT UltraCMOS™ RF Switch
DC - 3000 MHz
Product Description
Figure 1. Functional Diagram
PE4210
Features
Single 3-volt power supply
Low Insertion loss: 0.30 dB at 1000 MHz,
0.45 dB at 2000 MHz
High isolation of 35 dB at 1000 MHz,
25 dB at 2000 MHz
Typical input 1 dB compression point of
+14.5 dBm
Single-pin CMOS or TTL logic control
Packaged in a small 8-lead MSOP
Notes:
1. Device linearity will begin to degrade below 10 MHz.
2. The DC transient at the output of any port of the switch when the control voltage is switched from Low to High or High to Low
in a 50
Ω test set-up, measured with 1ns risetime pulses and 500 MHz bandwidth.
Table 1. Electrical Specifications @ +25 °C, VDD = 3 V (ZS = ZL = 50 Ω)
Figure 2. Package Type


Similar Part No. - 4210-22

ManufacturerPart No.DatasheetDescription
TEKTRONIX, INC.
TEKTRONIX, INC.
4210-CVU TEKTRONIX-4210-CVU Datasheet
3Mb / 45P
   4200A-SCS Parameter Analyzer
4210-SMU TEKTRONIX-4210-SMU Datasheet
3Mb / 45P
   4200A-SCS Parameter Analyzer
More results

Similar Description - 4210-22

ManufacturerPart No.DatasheetDescription
Peregrine Semiconductor
Peregrine Semiconductor
PE4273 PSEMI-PE4273 Datasheet
298Kb / 12P
   SPDT Broadband UltraCMOS 5 ??3000 MHz RF Switch
Peregrine Semiconductor Corp.
Peregrine Semiconductor...
PE42552 PEREGRINE-PE42552 Datasheet
398Kb / 9P
   SPDT UltraCMOS RF Switch DC - 7500 MHz
PE4220 PEREGRINE-PE4220 Datasheet
247Kb / 7P
   SPDT UltraCMOS??RF Switch DC - 2500 MHz
PE4237 PEREGRINE-PE4237 Datasheet
278Kb / 8P
   SPDT UltraCMOS??RF Switch DC - 4000 MHz
PE4245 PEREGRINE-PE4245 Datasheet
279Kb / 8P
   SPDT UltraCMOS??RF Switch DC - 4000 MHz
PE4245 PEREGRINE-PE4245_06 Datasheet
263Kb / 8P
   SPDT UltraCMOS??RF Switch DC - 4000 MHz
PE4235 PEREGRINE-PE4235 Datasheet
288Kb / 8P
   SPDT UltraCMOS??RF Switch DC - 4000 MHz
Peregrine Semiconductor
Peregrine Semiconductor
PE423641 PSEMI-PE423641 Datasheet
340Kb / 11P
   UltraCMOS SP4T RF Switch 50??000 MHz
Peregrine Semiconductor Corp.
Peregrine Semiconductor...
PE42556 PEREGRINE-PE42556 Datasheet
281Kb / 10P
   SPDT UltraCMOS RF Switch
Peregrine Semiconductor
Peregrine Semiconductor
PE42552 PSEMI-PE42552 Datasheet
401Kb / 9P
   SPDT UltraCMOS RF Switch
More results


Html Pages

1  2  3  4  5  6  7 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz