Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

4210-22 Datasheet(PDF) 6 Page - Peregrine Semiconductor Corp.

Part No. 4210-22
Description  SPDT UltraCMOS??RF Switch DC - 3000 MHz
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PEREGRINE [Peregrine Semiconductor Corp.]
Direct Link  http://www.peregrine-semi.com
Logo PEREGRINE - Peregrine Semiconductor Corp.

4210-22 Datasheet(HTML) 6 Page - Peregrine Semiconductor Corp.

  4210-22 Datasheet HTML 1Page - Peregrine Semiconductor Corp. 4210-22 Datasheet HTML 2Page - Peregrine Semiconductor Corp. 4210-22 Datasheet HTML 3Page - Peregrine Semiconductor Corp. 4210-22 Datasheet HTML 4Page - Peregrine Semiconductor Corp. 4210-22 Datasheet HTML 5Page - Peregrine Semiconductor Corp. 4210-22 Datasheet HTML 6Page - Peregrine Semiconductor Corp. 4210-22 Datasheet HTML 7Page - Peregrine Semiconductor Corp.  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Product Specification
PE4210
Page 6 of 7
©2005 Peregrine Semiconductor Corp. All rights reserved.
Document No. 70-0037-05
│ UltraCMOS™ RFIC Solutions
8-lead MSOP
Figure 14. Package Drawing
Table 6. Ordering Information
FRONT VIEW
2.95±0.10
0.08
A B C
0.33
+0.07
-0.08
0.10
A
0.10±0.05
3.00±0.10
0.86±0.08
1.10 MAX
- C -
- A -
1
0.65BSC
0.51±0.13
2.45±0.10
0.51±0.13
2X
8
3.00±0.10
.25
A B C
23
4
- B -
.525BSC
TOP VIEW
5
6
7
4.90±0.15
3.00±0.10
SIDE VIEW
2.95±0.10
Order Code
Part Marking
Description
Package
Shipping Method
4210-21
4210
PE4210-08MSOP-50A
8-lead MSOP
50 units / Tube
4210-22
4210
PE4210-08MSOP-2000C
8-lead MSOP
2000 units / T&R
4210-00
PE4210-EK
PE4210-08MSOP-EK
Evaluation Kit
1 / Box
4210-52
4210
PE4210G-08MSOP-2000C
Green 8-lead MSOP
2000 units / T&R
4210-51
4210
PE4210G-08MSOP-50A
Green 8-lead MSOP
50 units / Tube


Similar Part No. - 4210-22

ManufacturerPart No.DatasheetDescription
TEKTRONIX, INC.
TEKTRONIX, INC.
4210-CVU TEKTRONIX-4210-CVU Datasheet
3Mb / 45P
   4200A-SCS Parameter Analyzer
4210-SMU TEKTRONIX-4210-SMU Datasheet
3Mb / 45P
   4200A-SCS Parameter Analyzer
More results

Similar Description - 4210-22

ManufacturerPart No.DatasheetDescription
Peregrine Semiconductor
Peregrine Semiconductor
PE4273 PSEMI-PE4273 Datasheet
298Kb / 12P
   SPDT Broadband UltraCMOS 5 ??3000 MHz RF Switch
Peregrine Semiconductor Corp.
Peregrine Semiconductor...
PE42552 PEREGRINE-PE42552 Datasheet
398Kb / 9P
   SPDT UltraCMOS RF Switch DC - 7500 MHz
PE4220 PEREGRINE-PE4220 Datasheet
247Kb / 7P
   SPDT UltraCMOS??RF Switch DC - 2500 MHz
PE4237 PEREGRINE-PE4237 Datasheet
278Kb / 8P
   SPDT UltraCMOS??RF Switch DC - 4000 MHz
PE4245 PEREGRINE-PE4245 Datasheet
279Kb / 8P
   SPDT UltraCMOS??RF Switch DC - 4000 MHz
PE4245 PEREGRINE-PE4245_06 Datasheet
263Kb / 8P
   SPDT UltraCMOS??RF Switch DC - 4000 MHz
PE4235 PEREGRINE-PE4235 Datasheet
288Kb / 8P
   SPDT UltraCMOS??RF Switch DC - 4000 MHz
Peregrine Semiconductor
Peregrine Semiconductor
PE423641 PSEMI-PE423641 Datasheet
340Kb / 11P
   UltraCMOS SP4T RF Switch 50??000 MHz
Peregrine Semiconductor Corp.
Peregrine Semiconductor...
PE42556 PEREGRINE-PE42556 Datasheet
281Kb / 10P
   SPDT UltraCMOS RF Switch
Peregrine Semiconductor
Peregrine Semiconductor
PE42552 PSEMI-PE42552 Datasheet
401Kb / 9P
   SPDT UltraCMOS RF Switch
More results


Html Pages

1  2  3  4  5  6  7 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz