Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE3342-PK Datasheet(PDF) 8 Page - Peregrine Semiconductor Corp.

Part # PE3342-PK
Description  2.7 GHz Integer-N PLL with Field-Programmable EEPROM Features
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PEREGRINE [Peregrine Semiconductor Corp.]
Direct Link  http://www.peregrine-semi.com
Logo PEREGRINE - Peregrine Semiconductor Corp.

PE3342-PK Datasheet(HTML) 8 Page - Peregrine Semiconductor Corp.

Back Button PE3342-PK Datasheet HTML 4Page - Peregrine Semiconductor Corp. PE3342-PK Datasheet HTML 5Page - Peregrine Semiconductor Corp. PE3342-PK Datasheet HTML 6Page - Peregrine Semiconductor Corp. PE3342-PK Datasheet HTML 7Page - Peregrine Semiconductor Corp. PE3342-PK Datasheet HTML 8Page - Peregrine Semiconductor Corp. PE3342-PK Datasheet HTML 9Page - Peregrine Semiconductor Corp. PE3342-PK Datasheet HTML 10Page - Peregrine Semiconductor Corp. PE3342-PK Datasheet HTML 11Page - Peregrine Semiconductor Corp. PE3342-PK Datasheet HTML 12Page - Peregrine Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
Product Specification
PE3342
Page 8 of 17
©2005 Peregrine Semiconductor Corp. All rights reserved.
Document No. 70-0091-03
│ UltraCMOS™ RFIC Solutions
Frequency Registers
There are three independent frequency registers,
any one of which can be selected to control the
operation of the device. Each register is 20 bits in
length, and provides data to the three counters
and the prescaler bypass control. Table 8 defines
these bit assignments.
Primary Register
The Primary Register is a serial shift register,
loaded through the Serial Data Port. It can be
selected to control the PLL as shown in Table 9.
It is not buffered, thus when this register is
selected to control the PLL, its data is
continuously presented to the counters during a
load operation.
This register is also used to perform a parallel
load of data into the Secondary Register.
Secondary Register
The Secondary Register is a parallel-load register.
Data is copied into this register from the Primary
Register on the rising edge of S_WR, according to
the timing diagrams shown in Figure 4. It can be
selected to control the PLL as shown in Table 9.
EE Register
The EE Register is a serial/parallel-in, serial/
parallel-out register, and provides the interface to
the EEPROM. It is loaded from the Serial Data
Port to provide the parallel data source when
writing to the EEPROM. It also accepts stored
data from the EEPROM for controlling the PLL.
Serial loading of the EE Register is done as
shown in Table 7 and Figure 4. Parallel loading of
the register from EEPROM is accomplished as
shown in Table 10.
The EE register can be selected to control the PLL
as shown in Table 9. Note that it cannot be
selected to control the PLL using data that has
been loaded serially. This is because it must first
go through one of the two conditions in Table 10
that causes the EEPROM data to be copied into
the EE Register. The effect of this is that only
EEPROM data is used when the EE Register is
selected.
The contents of the EE register can also be
shifted out serially through the Dout pin. This
mode is enabled by appropriately programming
the Enhancement Register. In this mode, data
exits the register on the rising edge of Clock, LSB
(B0) first, and is replaced with the data present on
the Data input pin. Tables 7 and 12 define the
settings required to enable this mode.
Table 8. Primary / Secondary / EE Register Bit Assignments
R5
R4
M8
M7
PB
M6
M5
M4
M3
M2
M1
M0
R3
R2
R1
R0
A3
A2
A1
A0
B0
B1
B2
B3
B4
B5
B6
B7
B8
B9
B10
B11
B12
B13
B14
B15
B16
B17
B18
B19
Table 9. Frequency Register Selection
EESel
FSel
EELoad
Register Selected
0
1
0
Primary Register
0
0
0
Secondary Register
1
X
0
EE Register
Table 10. EE Register Load from EEPROM
EESel
EELoad
Function
_
⁄ ¯
0
EEPROM
→ EE Register
1
¯\_
EEPROM
→ EE Register


Similar Part No. - PE3342-PK

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE33420 PASTERNACK-PE33420 Datasheet
265Kb / 1P
   CABLE ASSEMBLY RG405/U SMA MALE TO TNC MALE
PE33420LF PASTERNACK-PE33420LF Datasheet
274Kb / 1P
   Cable Assembly
PE33421 PASTERNACK-PE33421 Datasheet
102Kb / 1P
   Cable Assembly
PE33421LF PASTERNACK-PE33421LF Datasheet
300Kb / 1P
   CABLE ASSEMBLY RG179B/U 75 OHM BNC MALE TO 75 OHM BNC FEMALE BULKHEAD(LEAD FREE)
PE33423 PASTERNACK-PE33423 Datasheet
102Kb / 1P
   CABLE ASSEMBLY RG216/U 75 OHM BNC MALE TO 75 OHM BNC FEMALE BULKHEAD
More results

Similar Description - PE3342-PK

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
PE3341 PEREGRINE-PE3341 Datasheet
280Kb / 17P
   2700 MHz Integer-N PLL with Field-Programmable EEPROM Features
logo
National Semiconductor ...
LMX2471 NSC-LMX2471 Datasheet
458Kb / 36P
   3.6 GHz Delta-Sigma Fractional-N PLL with 1.7 GHz Integer-N PLL
logo
Analog Devices
ADF41513 AD-ADF41513_V01 Datasheet
1Mb / 30P
   26.5 GHz, Integer N/Fractional-N, PLL Synthesizer
logo
National Semiconductor ...
LMX2470 NSC-LMX2470 Datasheet
453Kb / 36P
   2.6 GHz Delta-Sigma Fractional-N PLL with 800 MHz Integer-N PLL
logo
Texas Instruments
LMX2470 TI1-LMX2470_14 Datasheet
2Mb / 38P
[Old version datasheet]   2.6 GHz Delta-Sigma Fractional-N PLL with 800 MHz Integer-N PLL
TRF3761 TI-TRF3761 Datasheet
443Kb / 18P
[Old version datasheet]   INTEGER-N PLL WITH INTEGRATED VCO
TRF3762 TI-TRF3762 Datasheet
1Mb / 33P
[Old version datasheet]   INTEGER-N PLL WITH INTEGRATED VCO
logo
Hittite Microwave Corpo...
HMC1031MS8E HITTITE-HMC1031MS8E Datasheet
1Mb / 10P
   CLOCK GENERATOR WITH INTEGER-N PLL
logo
Texas Instruments
TRF3761 TI-TRF3761_07 Datasheet
1Mb / 56P
[Old version datasheet]   INTEGER-N PLL WITH INTEGRATED VCO
TRF3761 TI1-TRF3761 Datasheet
1Mb / 57P
[Old version datasheet]   Integer-N PLL with Integrated VCO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com