Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE3342-PK Datasheet(PDF) 5 Page - Peregrine Semiconductor Corp.

Part # PE3342-PK
Description  2.7 GHz Integer-N PLL with Field-Programmable EEPROM Features
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PEREGRINE [Peregrine Semiconductor Corp.]
Direct Link  http://www.peregrine-semi.com
Logo PEREGRINE - Peregrine Semiconductor Corp.

PE3342-PK Datasheet(HTML) 5 Page - Peregrine Semiconductor Corp.

  PE3342-PK Datasheet HTML 1Page - Peregrine Semiconductor Corp. PE3342-PK Datasheet HTML 2Page - Peregrine Semiconductor Corp. PE3342-PK Datasheet HTML 3Page - Peregrine Semiconductor Corp. PE3342-PK Datasheet HTML 4Page - Peregrine Semiconductor Corp. PE3342-PK Datasheet HTML 5Page - Peregrine Semiconductor Corp. PE3342-PK Datasheet HTML 6Page - Peregrine Semiconductor Corp. PE3342-PK Datasheet HTML 7Page - Peregrine Semiconductor Corp. PE3342-PK Datasheet HTML 8Page - Peregrine Semiconductor Corp. PE3342-PK Datasheet HTML 9Page - Peregrine Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
Product Specification
PE3342
Page 5 of 17
Document No. 70-0091-03
│ www.psemi.com
©2005 Peregrine Semiconductor Corp. All rights reserved.
Table 6. AC Characteristics
VDD = 3.0 V, -40° C < TA < 85° C, unless otherwise specified
Symbol
Parameter
Conditions
Min
Max
Units
Control Interface and Registers (see Figure 4)
fClk
Serial data clock frequency
(Note 1)
10
MHz
tClkH
Serial clock HIGH time
30
ns
tClkL
Serial clock LOW time
30
ns
tDSU
Data set-up time to Clock rising edge
10
ns
tDHLD
Data hold time after Clock rising edge
10
ns
tPW
S_WR pulse width
30
ns
tCWR
Clock rising edge to S_WR rising edge
30
ns
tCE
Clock falling edge to E_WR transition
30
ns
tWRC
S_WR falling edge to Clock rising edge
30
ns
tEC
E_WR transition to Clock rising edge
30
ns
EEPROM Erase/Write Programming (see Figures 5 & 6)
tEESU
EELoad rising edge to VPP rising edge
500
ns
tEEPW
VPP pulse width
25
30
ms
tVPP
VPP pulse rise and fall times
(Note 2)
1
µs
Main Divider (Including Prescaler)
FIn
Operating frequency
300
2700
MHz
FIn
Operating frequency
Speed-grade option (Note 3)
300
3000
MHz
PFIn
Input level range
External AC coupling
-5
5
dBm
Main Divider (Prescaler Bypassed)
FIn
Operating frequency
(Note 4)
50
270
MHz
PFIn
Input level range
External AC coupling (Note 4)
-5
5
dBm
Reference Divider
fr
Operating frequency
(Note 5)
100
MHz
Pfr
Reference input power (Note 4)
Single ended input
-2
dBm
Phase Detector
fc
Comparison frequency
(Note 6)
20
MHz
SSB Phase Noise (Fin = 1.3 GHz, fr = 10 MHz, fc = 1.25 MHz, LBW = 70 kHz, VDD = 3.0 V, Temp = -40° C)
100 Hz Offset
-75
dBc/Hz
1 kHz Offset
-85
dBc/Hz
Note 1:
fClk is verified during the functional pattern test. Serial programming sections of the functional pattern are clocked at 10 MHz to verify fClk
specification.
Note 2:
Rise and fall times of the VPP programming voltage pulse must be greater than 1
µs.
Note 3:
The maximum frequency of operation can be extended to 3.0 GHz by ordering a special speed-grade option. Please refer to Table 14,
Ordering Information, for ordering details.
Note 4:
CMOS logic levels can be used to drive FIn input if DC coupled and used in Prescaler Bypass mode. Voltage input needs to be a minimum
of 0.5 Vp-p. For optimum phase noise performance, the reference input falling edge rate should be faster than 80 mV/ns. No minimum
frequency limit exists when operated in this mode.
Note 5:
CMOS logic levels can be used to drive reference input if DC coupled. Voltage input needs to be a minimum of 0.5 Vp-p. For optimum
phase noise performance, the reference input falling edge rate should be faster than 80 mV/ns.
Note 6:
Parameter is guaranteed through characterization only and is not tested.


Similar Part No. - PE3342-PK

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE33420 PASTERNACK-PE33420 Datasheet
265Kb / 1P
   CABLE ASSEMBLY RG405/U SMA MALE TO TNC MALE
PE33420LF PASTERNACK-PE33420LF Datasheet
274Kb / 1P
   Cable Assembly
PE33421 PASTERNACK-PE33421 Datasheet
102Kb / 1P
   Cable Assembly
PE33421LF PASTERNACK-PE33421LF Datasheet
300Kb / 1P
   CABLE ASSEMBLY RG179B/U 75 OHM BNC MALE TO 75 OHM BNC FEMALE BULKHEAD(LEAD FREE)
PE33423 PASTERNACK-PE33423 Datasheet
102Kb / 1P
   CABLE ASSEMBLY RG216/U 75 OHM BNC MALE TO 75 OHM BNC FEMALE BULKHEAD
More results

Similar Description - PE3342-PK

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
PE3341 PEREGRINE-PE3341 Datasheet
280Kb / 17P
   2700 MHz Integer-N PLL with Field-Programmable EEPROM Features
logo
National Semiconductor ...
LMX2471 NSC-LMX2471 Datasheet
458Kb / 36P
   3.6 GHz Delta-Sigma Fractional-N PLL with 1.7 GHz Integer-N PLL
logo
Analog Devices
ADF41513 AD-ADF41513_V01 Datasheet
1Mb / 30P
   26.5 GHz, Integer N/Fractional-N, PLL Synthesizer
logo
National Semiconductor ...
LMX2470 NSC-LMX2470 Datasheet
453Kb / 36P
   2.6 GHz Delta-Sigma Fractional-N PLL with 800 MHz Integer-N PLL
logo
Texas Instruments
LMX2470 TI1-LMX2470_14 Datasheet
2Mb / 38P
[Old version datasheet]   2.6 GHz Delta-Sigma Fractional-N PLL with 800 MHz Integer-N PLL
TRF3761 TI-TRF3761 Datasheet
443Kb / 18P
[Old version datasheet]   INTEGER-N PLL WITH INTEGRATED VCO
TRF3762 TI-TRF3762 Datasheet
1Mb / 33P
[Old version datasheet]   INTEGER-N PLL WITH INTEGRATED VCO
logo
Hittite Microwave Corpo...
HMC1031MS8E HITTITE-HMC1031MS8E Datasheet
1Mb / 10P
   CLOCK GENERATOR WITH INTEGER-N PLL
logo
Texas Instruments
TRF3761 TI-TRF3761_07 Datasheet
1Mb / 56P
[Old version datasheet]   INTEGER-N PLL WITH INTEGRATED VCO
TRF3761 TI1-TRF3761 Datasheet
1Mb / 57P
[Old version datasheet]   Integer-N PLL with Integrated VCO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com